Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BZX55C33 Datasheet(PDF) 2 Page - HY ELECTRONIC CORP. |
|
BZX55C33 Datasheet(HTML) 2 Page - HY ELECTRONIC CORP. |
2 / 4 page RATING AND CHARACTERISTIC CURVES ~ 400 ~ BZX55C SERIES LEAD LENGTH (mm) FIG. 1 - THERMAL RESISTANCE VS.LEAD LENGTH 500 400 300 200 100 0 0 5 10 15 20 JUNCTION TEMPERATURE ( °C) FIG. 4 - TYPICAL CHANGE OF WORKING VOLTAGE VS. JUNCTION TEMPERATURE 1.3 1.2 1.1 1.0 0.9 0.8 -60 0 60 120 180 240 -4x10 -4/K -2x10 -4/K 0 2x10 -4/K 4x10 -4/K 6x10 -4/K 8x10 -4/K TKyz=10x10 -4/K VZtn=Vzt/Vz(25 °C) AMBIENT TEMPERATURE ( °C) FIG. 2 - TOTAL POWER DISSIPATIONVS. AMBIENT TEMPERATURE 500 400 300 200 100 0 0 40 80 120 200 600 160 Z-VOLTAGE(V) FIG.5 - TYPICAL CHANGE OF WORKING VOLTAGE VS. JUNCTION TEMPERATURE 15 10 5 0 -5 0 10 20 30 40 50 Iz=5mA FIG.3 -TYPICAL CHANGE OF WORKING VOLTAGE UNDER OPERATING CONDITIONS AT Tamb=25 °C Z-VOLTAGE (V) 10 1000 1 100 0 5 10 15 20 25 TJ=25 °C Iz=5mA Z-VOLTAGE(V) FIG.6 - DIODE CAPACITANCE VS.Z-VOLTAGE 200 150 100 50 0 0 0 5 10 15 20 25 VR=2V TJ=25 °C |
Número de pieza similar - BZX55C33 |
|
Descripción similar - BZX55C33 |