Nombre de pieza
         Descripción
LM393

 two independent voltage comparators ( 4 Page)


ESTEK
100% 
Zoom Out Zoom In
   
 4 page
background image
LM393
Ordering Information
O R DER I N
NU M B ER
P AC K A E
M AR K I N
LM393
DIP - 8 / SOP - 8
LM393
Address :
6A06--6A07
Rm 6A07,Changyin Office Building ,No.88,Yong Ding Road,Hai Dian District ,Beijing
Postalcode:100039
Tel: 86-010-58895780 / 81 / 82 / 83 / 84
Fax : 010-58895793
Http://www.estek.com.cn
Email:sales@estek.com.cn
REV No:01-060820
4
BEIJING ESTEK ELECTRONICS CO.,LTD
G
G
G
1  2  3  4 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
LM339consists of four independent voltage comparators 1 2 3 4 5 MoreEstek Electronics Co. Ltd
74LCX162541Low voltage CMOS 16-bit bus buffer with 5V tolerant inputs and outputs 1 2 3 4 5 MoreSTMicroelectronics
LM2903_07LOW POWER DUAL VOLTAGE COMPARATORS 1 2 3 4 5 MoreSTMicroelectronics
MKP1V120_06Sidac High Voltage Bidirectional Triggers 0.9 AMPERES RMS 120 240 VOLTS 1 2 3 4 5 ON Semiconductor
LM2903H_05Low Power Dual Voltage Comparators 1 2 3 4 5 MoreSTMicroelectronics
ADCMP580_05Ultrafast SiGe Voltage Comparators 1 2 3 4 5 MoreAnalog Devices
CA139_01Quad Voltage Comparators for Industrial Commercial and Military Applications 1 2 3 4 5 MoreIntersil Corporation
TS393_05MICROPOWER DUAL CMOS VOLTAGE COMPARATORS 1 2 3 4 5 MoreSTMicroelectronics
HA-2546_0430MHz Voltage Output Two Quadrant Analog Multiplier 1 2 3 4 5 MoreIntersil Corporation
MAX900High-Speed Low-Power Voltage Comparators 1 2 3 4 5 MoreMaxim Integrated Products

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl