Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
UF2A Datasheet(PDF) 1 Page - HY ELECTRONIC CORP. |
|
UF2A Datasheet(HTML) 1 Page - HY ELECTRONIC CORP. |
1 / 2 page FEATURES ● Low cost ● Diffused junction ● Ultra fast switching for high efficiency ● Low reverse leakage current ● Low forward voltage drop ● High current capability ● The plastic material carries UL recognition 94V-0 MECHANICAL DATA ●Case: Molded Plastic ●Polarity:Color band denotes cathode ●Weight: 0.003 ounces,0.093 grams ●Mounting position: Any Dimensions in inches and (millimeters) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating at 25℃ ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20% CHARACTERISTICS SYMBOL UF2A UF2B UF2D UF2G UF2J UF2K UF2M UNIT Maximum Recurrent Peak Reverse Voltage VRRM 50 100 200 400 600 800 1000 V Maximum RMS Voltage VRMS 35 70 140 280 420 560 700 V Maximum DC Blocking Voltage VDC 50 100 200 400 600 800 1000 V Maximum Average Forward Rectified Current @TA =55 ℃ Peak Forward Surage Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load(JEDEC Method) Peak Forward Voltage at 2.0A DC(Note1) VF 1.3 V Maximum DC Reverse Current @TJ=25℃ at Rated DC Blocking Voltage @TJ=100℃ Maximum Reverse Recovery Time(Note 1) TRR nS Typical Junction Capacitance (Note1) CJ pF Typical Thermal Resistance (Note2) RθJA ℃/W Operating Temperature Range TJ ℃ Storage Temperature Range TSTG ℃ I(AV) 5.0 60 A IFSM 1.0 1.7 100 uA ~ 87 ~ 2.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC 3.Thermal resistance junction to ambient NOTES: 1.Measured with IF=0.5A,IR=1A ,IRR=0.25A IR FORWARD CURRENT - 2.0 Amperes 2.0 A UF2A thru UF2M SURFACE MOUNT GLASS ULTRA FAST RECTIFIERS -50 to +150 50 75 50 30 25 -50 to +150 REVERSE VOLTAGE - 50 to 1000 Volts SMB .030(0.76) .060(1.52) .096(2.44) .084(2.13) .200(5.08) .220(5.59) .008(.203) .002(.051) .006(.152) .012(.305) .160(4.06) .185(4.70) .130(3.30) .155(3.94) .083(2.11) .075(1.91) |
Número de pieza similar - UF2A |
|
Descripción similar - UF2A |