Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HCF4055B Datasheet(PDF) 6 Page - STMicroelectronics |
|
HCF4055B Datasheet(HTML) 6 Page - STMicroelectronics |
6 / 15 page DYNAMIC ELECTRICAL CHARACTERISTICS (T amb =25°C, CL = 50pF, RL = 200kΩ, typical temperature coefficient for all VDD values is 0.3%/°C, all input rise and fall times = 20ns) Test Conditions Types 4054B 4055B, 4056B Symbol Parameter V EE (V) V SS (V) V DD (V) Mi n. Typ. Max. Min. Typ. Max. Unit t PHL,tPLH Propagation Delay Time (any input to any output) – 5 0 5 400 800 650 1300 ns 0 0 10 340 680 575 1150 0 0 15 250 500 375 750 t THL,tTL H Transition Time (any output) – 5 0 5 100 200 100 200 ns 0 0 10 100 200 100 200 0 0 15 75 150 75 150 t se tu p * Data Setup Time – 5 0 5 220 110 220 110 ns 0 0 10 100 50 100 50 0 0 15 70 35 70 35 t W * Strobe Pulse Width – 5 0 5 220 110 220 110 ns 0 0 10 100 50 100 50 0 0 15 70 35 70 35 * HCC/HCF4054B and HCC/HCF4056B only. Figure 1 : Typical Output Low (sink) Current Characteristics. Figure 2 : Minimum Output High (source) Current Characteristics. HCC/HCF4054B/55B/56B 6/15 |
Número de pieza similar - HCF4055B |
|
Descripción similar - HCF4055B |