Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDQ6004-QS-0G00 Datasheet(PDF) 2 Page - Mimix Broadband

No. de pieza CDQ6004-QS-0G00
Descripción Electrónicos  0.05-4.0 GHz Dual High Dynamic Range Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MIMIX [Mimix Broadband]
Página de inicio  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CDQ6004-QS-0G00 Datasheet(HTML) 2 Page - Mimix Broadband

  CDQ6004-QS-0G00 Datasheet HTML 1Page - Mimix Broadband CDQ6004-QS-0G00 Datasheet HTML 2Page - Mimix Broadband CDQ6004-QS-0G00 Datasheet HTML 3Page - Mimix Broadband CDQ6004-QS-0G00 Datasheet HTML 4Page - Mimix Broadband CDQ6004-QS-0G00 Datasheet HTML 5Page - Mimix Broadband CDQ6004-QS-0G00 Datasheet HTML 6Page - Mimix Broadband CDQ6004-QS-0G00 Datasheet HTML 7Page - Mimix Broadband CDQ6004-QS-0G00 Datasheet HTML 8Page - Mimix Broadband CDQ6004-QS-0G00 Datasheet HTML 9Page - Mimix Broadband Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Page 2 of 10
Typical Device S-Parameters
CDQ6004-QS
CDQ6004-QS
S21 Vs Voltage
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
01
23
456
78
9
10
Frequency (GHz)
S21 3V
S21 4V
S21 5V
CDQ6004-QS
S12 Vs Voltage
-30
-25
-20
-15
-10
-5
0
012
3
4567
89
10
Frequency (GHz)
S12 3V
S12 4V
S12 5V
CDQ6004-QS
S22 Vs Voltage
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
16
18
20
012
3
4567
89
10
Frequency (GHz)
S22 3V
S22 4V
S22 5V
CDQ6004-QS
S11 Vs Voltage
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
7
8
9
10
012
34567
89
10
Frequency (GHz)
S11 3V
S11 4V
S11 5V
0.05-4.0 GHz
Dual High Dynamic Range Amplifier
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
August 2007 - Rev 11-Aug-07


Número de pieza similar - CDQ6004-QS-0G00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mimix Broadband
CDQ6004-QS-0G00 MIMIX-CDQ6004-QS-0G00 Datasheet
549Kb / 10P
   0.05-4.0 GHz Dual High Dynamic Range Amplifier
More results

Descripción similar - CDQ6004-QS-0G00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mimix Broadband
CDQ6004-QS MIMIX-CDQ6004-QS Datasheet
549Kb / 10P
   0.05-4.0 GHz Dual High Dynamic Range Amplifier
XG1001-SA MIMIX-XG1001-SA Datasheet
666Kb / 6P
   100.05-4.0 GHz Dual High Dynamic Range Amplifier
CMM6001-SC MIMIX-CMM6001-SC_07 Datasheet
112Kb / 5P
   0.05-3.0 GHz High Dynamic Range Amplifier
logo
WJ Communication. Inc.
AH11 WJCI-AH11 Datasheet
317Kb / 6P
   High Dynamic Range Dual Amplifier
logo
TriQuint Semiconductor
AH11-G TRIQUINT-AH11-G_15 Datasheet
563Kb / 7P
   High Dynamic Range Dual Amplifier
logo
Mimix Broadband
CMM6004-AH MIMIX-CMM6004-AH_08 Datasheet
255Kb / 6P
   0.25-6.0 GHz High Dynamic Range Amplifier
logo
Analog Devices
ADL5566 AD-ADL5566 Datasheet
885Kb / 24P
   4.5 GHz Ultrahigh Dynamic Range, Dual Differential Amplifier
logo
Mimix Broadband
CMM6004-SC MIMIX-CMM6004-SC Datasheet
273Kb / 10P
   0.25-3.0 GHz High Dynamic Range Amplifier
CMM6004-AH MIMIX-CMM6004-AH Datasheet
247Kb / 6P
   0.25-6.0 GHz High Dynamic Range Amplifier
CMM6004-SC MIMIX-CMM6004-SC_07 Datasheet
273Kb / 10P
   0.3-3.0 GHz High Dynamic Range Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com