Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HCF4555 Datasheet(PDF) 8 Page - STMicroelectronics |
|
HCF4555 Datasheet(HTML) 8 Page - STMicroelectronics |
8 / 14 page APPLICATIONS (continued) 1 of 16 Decoder using HCC/HCF4555B and HCC/HCF4556B HCC/HCF4555B Input to Q3 Output Dynamic Signal Waveforms HCC/HCF4556B Input to Q3 Output Dynamic Signal Waveforms X = Don’t care. TRUT H TABLE Inputs Q Outputs E D C B A 0 1 2 3 4 5 6 7 8 9 1 0 1 112 131 4 1 5 0 0 0 0 0 10000 0 0 0 0 0 0 00000 0 0 0 0 1 01000 0 0 0 0 0 0 00000 0 0 0 1 0 00100 0 0 0 0 0 0 00000 0 0 0 1 1 00010 0 0 0 0 0 0 00000 0 0 1 0 0 00001 0 0 0 0 0 0 00000 0 0 1 0 1 00000 1 0 0 0 0 0 00000 0 0 1 1 0 00000 0 1 0 0 0 0 00000 0 0 1 1 1 00000 0 0 1 0 0 0 00000 0 1 0 0 0 00000 0 0 0 1 0 0 00000 0 1 0 0 1 00000 0 0 0 0 1 0 00000 0 1 0 1 0 00000 0 0 0 0 0 1 00000 0 1 0 1 1 00000 0 0 0 0 0 0 10000 0 1 1 0 0 00000 0 0 0 0 0 0 01000 0 1 1 0 1 00000 0 0 0 0 0 0 00100 0 1 1 1 0 00000 0 0 0 0 0 0 00010 0 1 1 1 1 00000 0 0 0 0 0 0 00001 1 X X X X 00000 0 0 0 0 0 0 00000 HCC/HCF4555B/4556B 8/14 |
Número de pieza similar - HCF4555 |
|
Descripción similar - HCF4555 |