Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL29013IROZ-EVALZ Datasheet(PDF) 3 Page - Intersil Corporation

No. de pieza ISL29013IROZ-EVALZ
Descripción Electrónicos  Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29013IROZ-EVALZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL29013IROZ-EVALZ Datasheet HTML 1Page - Intersil Corporation ISL29013IROZ-EVALZ Datasheet HTML 2Page - Intersil Corporation ISL29013IROZ-EVALZ Datasheet HTML 3Page - Intersil Corporation ISL29013IROZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL29013IROZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL29013IROZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL29013IROZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL29013IROZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL29013IROZ-EVALZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
FN6485.0
February 13, 2008
Principles of Operation
Photodiodes
The ISL29013 contains two photodiode arrays which convert
light into current. Some diodes are sensitive to both visible
and infrared light, while the others are only sensitive to
infrared light. Using the infrared portion of the light as
baseline, the visible light can be extracted. The spectral
response vs wavelength is shown in Figure 7 in the “Typical
Performance Curves” on page 11. After light is converted to
current during the light data process, the current output is
converted to digital by a single built-in integrating type
signed15-bit Analog-to-Digital Converter (ADC). An I2C
command reads the visible light intensity in counts.
The converter is a charge-balancing integrating type signed
15-bit ADC. The chosen method for conversion is best for
converting small current signals in the presence of an AC
periodic noise. A 100ms integration time, for instance, highly
rejects 50Hz and 60Hz power line noise simultaneously. See
“Integration Time or Conversion Time” on page 7 and “Noise
Rejection” on page 8.
The built-in ADC offers user flexibility in integration time or
conversion time. There are two timing modes: Internal Timing
Mode and External Timing Mode. In Internal Timing Mode,
integration time is determined by an internal dual speed
oscillator (fOSC), and the n-bit (n = 4, 8, 12,16) counter inside
the ADC. In External Timing Mode, integration time is
determined by the time between two consecutive I2C External
Timing Mode commands. See External Timing Mode example.
A good balancing act of integration time and resolution
depending on the application is required for optimal results.
The ADC has four I2C programmable range select to
dynamically accommodate various lighting conditions. For
very dim conditions, the ADC can be configured at its lowest
range. For very bright conditions, the ADC can be configured
at its highest range.
Interrupt Function
The active low interrupt pin is an open drain pull-down
configuration. The interrupt pin serves as an alarm or
monitoring function to determine whether the ambient light
exceeds the upper threshold or goes below the lower
threshold. The user can also configure the persistency of the
interrupt pin. This eliminates any false triggers such as noise
or sudden spikes in ambient light conditions. An unexpected
camera flash, for example, can be ignored by setting the
persistency to 8 integration cycles.
I2C Interface
There are eight (8) 8-bit registers available inside the ISL29013.
The command and control registers define the operation of the
device. The command and control registers do not change until
the registers are overwritten. There are two 8-bit registers that
set the high and low interrupt thresholds. There are four 8-bit
data Read Only registers. Two bytes for the sensor reading and
another two bytes for the timer counts. The data registers
contain the ADC's latest digital output, and the number of clock
cycles in the previous integration period.
The ISL29013’s I2C interface slave address is hardwired
internally as 1000100. When 1000100x with x as R or W is
sent after the Start condition, this device compares the first
seven bits of this byte to its address and matches.
Figure 1 shows a sample one-byte read. Figure 2 shows a
sample one-byte write. Figure 3 shows a sync_I2C timing
diagram sample for externally controlled integration time.
The I2C bus master always drives the SCL (clock) line, while
either the master or the slave can drive the SDA (data) line.
Figure 2 shows a sample write. Every I2C transaction begins
with the master asserting a start condition (SDA falling while
SCL remains high). The following byte is driven by the
master, and includes the slave address and read/write bit.
The receiving device is responsible for pulling SDA low
during the acknowledgement period.
Every I2C transaction ends with the master asserting a stop
condition (SDA rising while SCL remains high).
For more information about the I2C standard, please consult
the Phillips® I2C specification documents.
Pin Descriptions
PIN NUMBER
PIN NAME
DESCRIPTION
1
VDD
Positive supply; connect this pin to a regulated 2.5V to 3.3V supply
2
GND
Ground pin. The thermal pad is connected to the GND pin
3
REXT
External resistor pin for ADC reference; connect this pin to ground through a (nominal) 100k
Ω resistor with
1% tolerance
4INT
Interrupt pin; LO for interrupt/alarming. The INT pin is an open drain.
5SCL
I2C serial clock
The I2C bus lines can pulled above VDD, 5.5V max.
6SDA
I2C serial data
ISL29013


Número de pieza similar - ISL29013IROZ-EVALZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL29013IROZ-EVALZ RENESAS-ISL29013IROZ-EVALZ Datasheet
868Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
More results

Descripción similar - ISL29013IROZ-EVALZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL29013 RENESAS-ISL29013 Datasheet
868Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
logo
Intersil Corporation
ISL29003 INTERSIL-ISL29003 Datasheet
270Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29003IROZ INTERSIL-ISL29003IROZ Datasheet
374Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
November 17, 2011
ISL29003 INTERSIL-ISL29003_07 Datasheet
258Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29004 INTERSIL-ISL29004 Datasheet
293Kb / 17P
   Light-to-Digital Output Sensor with Address Selection, High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL76683AROZ-T7 INTERSIL-ISL76683AROZ-T7 Datasheet
480Kb / 17P
   Light-to-Digital Output Sensor with Gain Selection,Interrupt Function and I2C Interface
March 24, 2014
logo
Renesas Technology Corp
ISL76683 RENESAS-ISL76683 Datasheet
850Kb / 18P
   Light-to-Digital Output Sensor with Gain Selection, Interrupt Function and I2C Interface
logo
Intersil Corporation
ISL29012 INTERSIL-ISL29012 Datasheet
587Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
logo
Renesas Technology Corp
ISL29012 RENESAS-ISL29012 Datasheet
930Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
ISL29010 RENESAS-ISL29010 Datasheet
843Kb / 13P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com