Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST-K7 Datasheet(PDF) 3 Page - SYNERGY MICROWAVE CORPORATION

No. de pieza ST-K7
Descripción Electrónicos  TRRANSSFFORRMEERRS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Página de inicio  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

ST-K7 Datasheet(HTML) 3 Page - SYNERGY MICROWAVE CORPORATION

  ST-K7 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION ST-K7 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION ST-K7 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION ST-K7 Datasheet HTML 4Page - SYNERGY MICROWAVE CORPORATION ST-K7 Datasheet HTML 5Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
[ 150 ]
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
TRANSFORMERS
TRANSFORMERS
MINIATURE 8 PIN - RELAY HEADER
NOTE:
All devices shown have 1 Watt Power Rating
IMPEDANCE
CENTER
FREQUENCY
BANDWIDTH (MHz) for
FIGURE
PIN-OUT
RATIO
TAP
INSERTION-LOSS
(See
PACKAGE
(See
MODEL
PRI : SEC
PRI
SEC
(MHz)
1dB
2dB
3dB
Below)
Below)
PIN-OUT TABLE
Primary
Primary
Primary
Secondary Secondary Secondary
Case
DOT
Center-Tap
DOT
Center-Tap Ground
#1
1*6
-
2*6
-
7,8
#2
15
-
264
7,8
#3
1
5
-
2
6
-
7,8
#4
1
3
-
2
4
-
7,8
* Pin must be grounded
For pin location and package outline drawings, see back pages.
FIGURE 2
FIGURE 1
FIGURE 3
FIGURE 4
1:1
No
Yes
0.04-140
0.100-55
0.05-100
0.04-140
1
108
2
TP-207
1:1
No
Yes
5-450
12-150
7-300
5-450
1
108
2
TP-206
1:1
No
No
1-800
-
2-500
1-800
2
108
4
TP-2C4
1:1
No
No
0.028-1000
0.055-450
0.035-900
0.028-1000
2
108
3
TP-205
1:1
No
No
9-1200
20-150
12-790
9-1200
2
108
3
TP-204
1:1.5
No
Yes
0.480-175
2-54
0.135-120
0.480-175
1
108
2
TP-209
1:1.5
No
No
0.1-300
0.5-8
0.2-150
0.1-300
2
108
3
TP-2R2
1:1.5
No
No
0.075-400
0.370-1 85
0.1 20-300
0.075-400
2
108
3
TP-208
1:1.5
No
No
0.100-400
0.250-200
0.140-300
0.100-400
2
108
3
TP-211
1:2
No
Yes
0.07-200
0.5-50
0.1-100
0.07-200
1
108
2
TP-2J2
1:2
No
Yes
0.060-250
1.7-55
0.100-190
0.060-250
1
108
2
TP-216
1:2
No
No
0.100-275
1-85
0.200-195
0.100-275
2
108
3
TP-215
1:2
No
No
0.650-525
-
2.2-400
0.650-525
2
108
3
TP-210
1:2
No
No
0.050-600
0.5-200
0.1-400
0.060-600
4
108
1
TP-2B4
1:2.5
No
Yes
0.070-300
0.780-175
0.140-225
0.070-300
1
108
2
TP-219
1:2.5
No
Yes
0.300-300
-
0.700-200
0.300-300
1
108
2
TP-218
1:2.5
No
No
0.230-495
4.8-175
0.400-425
0.230-495
2
108
3
TP-217
1:3
No
Yes
0.080-340
0.550-150
0.160-295
0.080-340
1
108
2
TP-220
1:3
No
No
0.270-500
3.6-160
0.490-430
0.270-500
2
108
3
TP-225
1:4
No
No
0.115-200
12-50
0.240-155
0.115-200
2
108
3
TP-227
1:4
No
Yes
0.2-350
2-100
0.35-300
0.2-350
1
108
2
TP-2D3
1:4
No
Yes
0.245-425
5.5-215
0.475-350
245-425
1
108
2
TP-226
1:5
No
Yes
0.3-300
5-100
0.6-200
3-300
1
108
2
TP-2M2
1:6
No
No
0.3-200
0.3-200
0.5-150
5-50
2
108
3
TP-2T2
1:8
No
No
0.15-250
2-100
0.25-200
0.15-250
4
108
1
TP-2L2
1:9
No
No
0.15-200
2-40
0.3-150
0.15-200
2
108
3
TP-2N2
1:16
No
No
0.3-120
5-20
0.7-80
0.3-120
2
108
3
TP-2P2


Número de pieza similar - ST-K7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Soberton Inc.
ST-025BH SOBERTON-ST-025BH Datasheet
118Kb / 1P
   Reflow Type (SMD)
ST-025BH SOBERTON-ST-025BH Datasheet
1Mb / 7P
   Magnetic Transducer
ST-025BH SOBERTON-ST-025BH Datasheet
412Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
ST-025BH SOBERTON-ST-025BH_09 Datasheet
1Mb / 7P
   Magnetic Transducer
ST-025BH SOBERTON-ST-025BH_17 Datasheet
412Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com