Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TP-2C1 Datasheet(PDF) 2 Page - SYNERGY MICROWAVE CORPORATION

No. de pieza TP-2C1
Descripción Electrónicos  TRRANSSFFORRMEERRS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Página de inicio  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

TP-2C1 Datasheet(HTML) 2 Page - SYNERGY MICROWAVE CORPORATION

  TP-2C1 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION TP-2C1 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION TP-2C1 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION TP-2C1 Datasheet HTML 4Page - SYNERGY MICROWAVE CORPORATION TP-2C1 Datasheet HTML 5Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TRANSFORMERS
TRANSFORMERS
[ 149 ]
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
Primary
Primary
Primary
Secondary Secondary Secondary
DOT
Center-Tap
DOT
Center-Tap
# 1
4
6-
31
2
# 2
4
6-
31
-
# 3
4
65
31
2
# 4
6
*3
-
1
*3
-
* Pin must be grounded
PIN-OUT TABLE
LEADED SURFACE-MOUNT MODELS
1:1
No
Yes
0.04-140
0.100-55
0.05-100
0.04-140
1
156
1
TW-207
1:1
No
Yes
0.05-200
0.2-80
0.08-150
0.05-200
1
156
1
TW-2Q2
1:1
No
Yes
0.003-300
0.02-50
0.01-150
0.003-300
1
156
1
TW-2A2
1:1
No
Yes
5-450
12-150
7-300
5-450
1
156
1
TW-206
1:1
No
No
0.028-1000
0.055-450
0.035-900
0.028-1000
2
156
2
TW-205
1:1
No
No
9-1200
20-150
12-790
9-1200
2
156
2
TW-204
1:1.5
No
Yes
0.480-175
2-54
0.135-120
0.480-175
1
156
1
TW-209
1:1.5
No
No
0.075-400
0.370-185
0.120-300
0.075-400
2
156
2
TW-208
1:1.5
No
No
0.100-400
0.250-200
0.140-300
0.100-400
2
156
2
TW-211
1:1.5
Yes
Yes
0.075-500
1-50
0.2-100
0.075-500
3
156
3
TW-2A3
1:2
No
Yes
0.060-250
1.7-55
0.100-190
0.060-250
1
156
1
TW-216
1:2
No
No
0.100-275
1-85
0.200-195
0.100-275
2
156
2
TW-215
1:2
No
No
0.650-525
-
2.2-400
0.650-525
2
156
2
TW-210
1:2
No
No
0.050-600
0.5-200
0.1-400
0.050-600
4
156
4
TW-2A4
1:2.5
No
Yes
0.01-100
0.50-20
0.02-50
0.01-100
1
156
1
TW-2A1
1:2.5
No
Yes
0.070-300
0.780-175
0.140-225
0.070-300
1
156
1
TW-219
1:2.5
No
Yes
0.300-300
-
0.700-200
0.300-300
1
156
1
TW-218
1:2.5
No
No
0.230-495
4.8-175
0.400-425
0.230-495
2
156
2
TW-217
1:3
No
Yes
0.05-250
0.5-70
0.1-200
0.05-250
1
156
1
TW-2B2
1:3
No
Yes
0.080-340
0.550-150
0.160-295
0.080-340
1
156
1
TW-220
1:3
No
No
0.270-500
3.6-160
0.490-430
0.270-500
2
156
2
TW-225
1:4
No
No
0.02-200
0.1-100
0.05-150
0.02-200
2
156
2
TW-2C2
1:4
No
No
0.115-200
12-50
0.240-155
0.115-200
2
156
2
TW-227
1:4
No
Yes
0.245-425
5.5-215
0.475-350
0.245-425
1
156
1
TW-226
1:4
No
Yes
0.2-350
2-100
0.35-300
0.2-350
1
156
1
TW-2C3
1:5
No
Yes
0.3-300
0.5-100
0.6-200
0.3-300
1
156
1
TW-2E2
1:8
No
No
0.15-250
2-100
0.25-200
0.15-250
4
156
4
TW-2G2
1:9
No
No
0.15-200
2-40
0.3-150
0.15-200
2
156
2
TW-2D2
1:13
No
Yes
0.3-120
5-20
0.7-80
0.3-120
1
156
1
TW-2F2
1:16
No
No
0.3-120
5-20
0.7-80
0.3-120
2
156
2
TW-2H2
1:36
No
No
0.03-20
0.1-5.0
0.05-10
0.03-20
2
156
2
TW-2B1
1:4
No
Yes
0.02-250
0.1-100
0.05-150
0.02-250
1
156
1
TW-2K1
IMPEDANCE
CENTER
FREQUENCY
BANDWIDTH (MHz) for
FIGURE
PIN-OUT
RATIO
TAP
INSERTION-LOSS
(See
PACKAGE
(See
MODEL
PRI : SEC
PRI
SEC
(MHz)
1dB
2dB
3dB
Below)
Below)
NOTE: All devices shown have 1 Watt Power Rating
Temperature range for plastic package is -25oC to +85oC
FIGURE 2
FIGURE 1
FIGURE 3
FIGURE 4
For pin location and package outline drawings, see back pages.


Número de pieza similar - TP-2C1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Turck, Inc.
TP-203A-CF-H1141-L100 TURCK-TP-203A-CF-H1141-L100 Datasheet
188Kb / 2P
   Temperature measurement Probe
TP-203A-CF-H1141-L150 TURCK-TP-203A-CF-H1141-L150 Datasheet
188Kb / 2P
   Temperature measurement Probe
TP-203A-CF-H1141-L200 TURCK-TP-203A-CF-H1141-L200 Datasheet
188Kb / 2P
   Temperature measurement Probe
TP-203A-CF-H1141-L250 TURCK-TP-203A-CF-H1141-L250 Datasheet
188Kb / 2P
   Temperature measurement Probe
TP-203A-CF-H1141-L300 TURCK-TP-203A-CF-H1141-L300 Datasheet
188Kb / 2P
   Temperature measurement Probe
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com