Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FMA3009 Datasheet(PDF) 10 Page - Filtronic Compound Semiconductors

No. de pieza FMA3009
Descripción Electrónicos  2-20GHZ BROADBAND MMIC AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FILTRONIC [Filtronic Compound Semiconductors]
Página de inicio  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMA3009 Datasheet(HTML) 10 Page - Filtronic Compound Semiconductors

Back Button FMA3009_1 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMA3009_1 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMA3009_1 Datasheet HTML 4Page - Filtronic Compound Semiconductors FMA3009_1 Datasheet HTML 5Page - Filtronic Compound Semiconductors FMA3009_1 Datasheet HTML 6Page - Filtronic Compound Semiconductors FMA3009_1 Datasheet HTML 7Page - Filtronic Compound Semiconductors FMA3009_1 Datasheet HTML 8Page - Filtronic Compound Semiconductors FMA3009_1 Datasheet HTML 9Page - Filtronic Compound Semiconductors FMA3009_1 Datasheet HTML 10Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
10
Pilot Datasheet v2.5
FMA3009
PREFERRED ASSEMBLY INSTRUCTIONS:
GaAs devices are fragile and should be
handled with great care. Specially designed
collets should be used where possible.
The
recommended
die
attach
is
gold/tin
eutectic solder under a nitrogen atmosphere.
Stage
temperature
should
be
280-290
°C;
maximum time at temperature is one minute.
The
recommended
wire
bond
method
is
thermo-compression wedge bonding with 0.7
or 1.0 mil (0.018 or 0.025 mm) gold wire.
Stage temperature should be 250-260
°C.
Bonds should be made from the die first and
then to the mounting substrate or package.
The physical length of the bondwires should be
minimised especially when making RF or
ground connections.
HANDLING
PRECAUTIONS:
To avoid damage to the devices care should
be
exercised
during
handling.
Proper
Electrostatic
Discharge
(ESD)
precautions
should be observed at all stages of storage,
handling,
assembly,
and
testing.
These
devices should be treated as Class 0 (0-250 V)
as defined in JEDEC Standard No. 22-A114.
Further information on ESD control measures
can be found in MIL-STD-1686 and MIL-
HDBK-263.
APPLICATION NOTES & DESIGN DATA:
Application Notes and design data including S-
parameters available on request.
DISCLAIMERS:
This product is not designed for use in any
space
based
or
life
sustaining/supporting
equipment.
ORDERING INFORMATION:
PART NUMBER
DESCRIPTION
FMA3009
Die in Waffle-pack
(Gel-pak available on request)


Número de pieza similar - FMA3009_1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Filtronic Compound Semi...
FMA3009 FILTRONIC-FMA3009 Datasheet
139Kb / 5P
   2-20GHZ BROADBAND MMIC AMPLIFIER
More results

Descripción similar - FMA3009_1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Filtronic Compound Semi...
FMA3009 FILTRONIC-FMA3009 Datasheet
139Kb / 5P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3007 FILTRONIC-FMA3007 Datasheet
204Kb / 6P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3008 FILTRONIC-FMA3008_1 Datasheet
712Kb / 8P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3008 FILTRONIC-FMA3008 Datasheet
134Kb / 5P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3007 FILTRONIC-FMA3007_1 Datasheet
662Kb / 8P
   2-20GHZ BROADBAND MMIC AMPLIFIER
logo
Eudyna Devices Inc
FMM5805X EUDYNA-FMM5805X Datasheet
2Mb / 4P
   17.5-20GHz Power Amplifier MMIC
FMM5815X EUDYNA-FMM5815X Datasheet
235Kb / 4P
   17.5-20GHz Power Amplifier MMIC
logo
Filtronic Compound Semi...
FMA3058 FILTRONIC-FMA3058 Datasheet
208Kb / 6P
   2-20 GHZ BROADBAND MMIC AMPLIFIER
logo
RF Micro Devices
SUF-1000 RFMD-SUF-1000 Datasheet
754Kb / 6P
   Cascadable pHEMT MMIC Amplifier DC to 20GHz
logo
TriQuint Semiconductor
RM022020 TRIQUINT-RM022020_15 Datasheet
239Kb / 5P
   2-20GHz 20W Benchtop Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com