Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

OP290GP Datasheet(PDF) 1 Page - Analog Devices

No. de pieza OP290GP
Descripción Electrónicos  Precision, Low Power, Micropower Dual Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

OP290GP Datasheet(HTML) 1 Page - Analog Devices

  OP290GP Datasheet HTML 1Page - Analog Devices OP290GP Datasheet HTML 2Page - Analog Devices OP290GP Datasheet HTML 3Page - Analog Devices OP290GP Datasheet HTML 4Page - Analog Devices OP290GP Datasheet HTML 5Page - Analog Devices OP290GP Datasheet HTML 6Page - Analog Devices OP290GP Datasheet HTML 7Page - Analog Devices OP290GP Datasheet HTML 8Page - Analog Devices OP290GP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. B
a
OP290
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
Precision, Low Power, Micropower
Dual Operational Amplifier
PIN CONNECTIONS
PDIP
(P-Suffix)
8
7
6
5
1
2
3
4
OP290
A
B
V+
OUT B
–IN B
+IN B
OUT A
–IN A
+IN A
V–
FEATURES
Single-/Dual-Supply Operation, 1.6 V to 36 V,
0.8 V to
18 V
True Single-Supply Operation; Input and Output Voltage
Ranges Include Ground
Low Supply Current (Per Amplifier), 20
A Max
High Output Drive, 5 mA Min
Low Input Offset Voltage, 200
V Max
High Open-Loop Gain, 700 V/mV Min
Outstanding PSRR, 5.6
V/V Max
Industry Standard 8-Lead Dual Pinout
Available in Die Form
GENERAL DESCRIPTION
The OP290 is a high performance micropower dual op amp that
operates from a single supply of 1.6 V to 36 V or from dual
supplies of
±0.8 V to ±18 V. Input voltage range includes the
negative rail allowing the OP290 to accommodate input signals
down to ground in single-supply operation. The OP290’s out-
put swing also includes ground when operating from a single
supply, enabling “zero-in, zero-out” operation.
The OP290 draws less than 20
µA of quiescent supply current
per amplifier, while able to deliver over 5 mA of output current
to a load. Input offset voltage is below 200
µV eliminating the
need for external nulling. Gain exceeds 700,000 and common-mode
rejection is better than 100 dB. The power supply rejection ratio
of under 5.6
µV/V minimizes offset voltage changes experienced
in battery-powered systems. The low offset voltage and high gain
offered by the OP290 bring precision performance to micropower
applications. The minimal voltage and current requirements
of the OP290 suit it for battery- and solar-powered applications,
such as portable instruments, remote sensors, and satellites. For
a single op amp, see the OP90; for a quad, see the OP490.
+IN
–IN
NULL
NULL
OUTPUT
V+
V
ELECTRONICALLY ADJUSTED ON CHIP
FOR MINIMUM OFFSET VOLTAGE
Figure 1. Simplified Schematic (one of two amplifiers is shown)


Número de pieza similar - OP290GP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
OP290GP AD-OP290GP Datasheet
165Kb / 12P
   Precision, Low Power, Micropower Dual Operational Amplifier
REV. A
More results

Descripción similar - OP290GP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
OP290 AD-OP290 Datasheet
165Kb / 12P
   Precision, Low Power, Micropower Dual Operational Amplifier
REV. A
OP290 AD-OP290_15 Datasheet
284Kb / 12P
   Precision, Low Power, Micropower Dual Operational Amplifier
OP-290 AD-OP-290 Datasheet
360Kb / 10P
   PRECISION, LOW POWER, MICROPOWER DUAL OPERATIONAL AMPLIFIER
logo
Advanced Linear Devices
ALD2731A ALD-ALD2731A Datasheet
92Kb / 9P
   PRECISION DUAL MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
   Precision CMOS Dual Micropower Operational Amplifier
logo
Maxim Integrated Produc...
OP90 MAXIM-OP90 Datasheet
234Kb / 8P
   Precision Low Voltage Micropower Operational Amplifier
19-2478 10/89
OP90 MAXIM-OP90_V01 Datasheet
292Kb / 9P
   Precision Low Voltage Micropower Operational Amplifier
2006
logo
Analog Devices
OP-90 AD-OP-90 Datasheet
426Kb / 12P
   PRECISION, LOW VOLTAGE MICROPOWER OPERATIONAL AMPLIFIER
OP90 AD-OP90 Datasheet
653Kb / 12P
   Precision Low-Voltage Micropower Operational Amplifier
REV. A
OP90GPZ AD-OP90GPZ Datasheet
1Mb / 13P
   Precision Low-Voltage Micropower Operational Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com