Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD823 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD823
Descripción Electrónicos  Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD823 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD823_07 Datasheet HTML 6Page - Analog Devices AD823_07 Datasheet HTML 7Page - Analog Devices AD823_07 Datasheet HTML 8Page - Analog Devices AD823_07 Datasheet HTML 9Page - Analog Devices AD823_07 Datasheet HTML 10Page - Analog Devices AD823_07 Datasheet HTML 11Page - Analog Devices AD823_07 Datasheet HTML 12Page - Analog Devices AD823_07 Datasheet HTML 13Page - Analog Devices AD823_07 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD823
Rev. B | Page 10 of 20
FREQUENCY (Hz)
0
30
20
10
100
40
50
60
70
80
90
100
1k
10k
100k
1M
10M
+PSRR
–PSRR
+VS = +5V
Figure 23. Power Supply Rejection vs. Frequency
FREQUENCY (Hz)
0
10k
10
30
100k
1M
10M
20
RL = 2kΩ
G = +1
VS = ±15V
+VS = +5V
+VS = +3V
Figure 24. Large Signal Frequency Response
100kΩ
3V
VOUT
50pF
100kΩ
50Ω
100kΩ
VIN = 2.9V p-p
500mV
10µs
VIN = 2.9V p-p
+VS = +3V
G = –1
Figure 25. Output Swing, +VS = +3 V, G = −1
RS
CL
VIN
CAPACITOR (pF × 1000)
0
0
12
9
6
3
21
ФM = 20°
15
18
12
3
45
6
7
8
9
10
ФM = 45°
+VS = +5V
Figure 26. Series Resistance vs. Capacitive Load
FREQUENCY (Hz)
–130
1k
–110
–120
–30
–40
10k
100k
1M
+VS = +5V
–100
–90
–80
–70
–60
–50
10M
Figure 27. Crosstalk vs. Frequency
20kHz, 20V p-p
–15V
+15V
50pF
604Ω
5V
20µs
VIN = 20V p-p
VS = ±15V
G = +1
Figure 28. Output Swing, VS = ±15 V, G = +1


Número de pieza similar - AD823_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
AD823-00 ETC2-AD823-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
More results

Descripción similar - AD823_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD823 AD-AD823_15 Datasheet
412Kb / 20P
   Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
Rev. E
AD823 AD-AD823 Datasheet
439Kb / 16P
   Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
REV. 0
logo
Texas Instruments
OPA810 TI1-OPA810_V02 Datasheet
3Mb / 50P
[Old version datasheet]   OPA810 140-MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
OPA810 TI1-OPA810_V03 Datasheet
3Mb / 50P
[Old version datasheet]   OPA810 140-MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
logo
Analog Devices
AD8646 AD-AD8646 Datasheet
475Kb / 12P
   24 MHz Rail-to-Rail Dual Amplifier
REV. 0
AD8042 AD-AD8042_15 Datasheet
556Kb / 17P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042 Datasheet
242Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
REV. C
AD8042 AD-AD8042_07 Datasheet
435Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042_06 Datasheet
405Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. D
logo
Texas Instruments
OPA2810_1807 TI1-OPA2810_1807 Datasheet
2Mb / 48P
[Old version datasheet]   Dual Channel, 27 V, Rail-to-Rail Input/Output FET-Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com