Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2700 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LM2700
Descripción Electrónicos  600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2700 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM2700_04 Datasheet HTML 7Page - National Semiconductor (TI) LM2700_04 Datasheet HTML 8Page - National Semiconductor (TI) LM2700_04 Datasheet HTML 9Page - National Semiconductor (TI) LM2700_04 Datasheet HTML 10Page - National Semiconductor (TI) LM2700_04 Datasheet HTML 11Page - National Semiconductor (TI) LM2700_04 Datasheet HTML 12Page - National Semiconductor (TI) LM2700_04 Datasheet HTML 13Page - National Semiconductor (TI) LM2700_04 Datasheet HTML 14Page - National Semiconductor (TI) LM2700_04 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Operation (Continued)
gin can also be improved by adding C
C2 as discussed earlier
in the section. The equation for A
DC is given below with
additional equations required for the calculation:
mc ) 0.072fs (in V/s)
where R
L is the minimum load resistance, VIN is the mini-
mum input voltage, g
m is the error amplifier transconduc-
tance found in the Electrical Characteristics table, and R
D-
SON
is the value chosen from the graph "R
DSON vs. VIN "in
the Typical Performance Characteristics section.
LAYOUT CONSIDERATIONS
The LM2700 uses two separate ground connections, PGND
for the driver and NMOS power device and AGND for the
sensitive analog control circuitry. The AGND and PGND pins
should be tied directly together at the package. The feed-
back and compensation networks should be connected di-
rectly to a dedicated analog ground plane and this ground
plane must connect to the AGND pin. If no analog ground
plane is available then the ground connections of the feed-
back and compensation networks must tie directly to the
AGND pin. Connecting these networks to the PGND can
inject noise into the system and effect performance.
The input bypass capacitor C
IN, as shown in Figure 3, must
be placed close to the IC. This will reduce copper trace
resistance which effects input voltage ripple of the IC. For
additional input voltage filtering, a 100nF bypass capacitor
can be placed in parallel with C
IN, close to the VIN pin, to
shunt any high frequency noise to ground. The output ca-
pacitor, C
OUT, should also be placed close to the IC. Any
copper trace connections for the C
OUT capacitor can in-
crease the series resistance, which directly effects output
voltage ripple. The feedback network, resistors R
FB1 and
R
FB2, should be kept close to the FB pin, and away from the
inductor, to minimize copper trace connections that can in-
ject noise into the system. Trace connections made to the
inductor and schottky diode should be minimized to reduce
power dissipation and increase overall efficiency. For more
detail on switching power supply layout considerations see
Application Note AN-1149: Layout Guidelines for Switching
Power Supplies.
Application Information
20012331
FIGURE 3. 600 kHz operation, 8V output
www.national.com
11


Número de pieza similar - LM2700_04

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2700LD-ADJ NSC-LM2700LD-ADJ Datasheet
478Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700LD-ADJ/NOPB TI-LM2700LD-ADJ/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   LM2700 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM2700LDX-ADJ NSC-LM2700LDX-ADJ Datasheet
478Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700LDX-ADJ/NOPB TI-LM2700LDX-ADJ/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   LM2700 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM2700MT-ADJ NSC-LM2700MT-ADJ Datasheet
478Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
More results

Descripción similar - LM2700_04

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2700 NSC-LM2700 Datasheet
478Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700Q TI1-LM2700Q Datasheet
370Kb / 19P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700Q TI1-LM2700Q_15 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700 TI1-LM2700_14 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700Q-Q1 TI-LM2700Q-Q1_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM2700Q 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700 TI-LM2700_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM2700 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM3224 NSC-LM3224 Datasheet
920Kb / 18P
   615kHz/1.25MHz Step-up PWM DC/DC Converter
logo
Texas Instruments
LM3224 TI1-LM3224 Datasheet
1Mb / 26P
[Old version datasheet]   615kHz/1.25MHz Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM3224 NSC-LM3224_05 Datasheet
917Kb / 18P
   615kHz/1.25MHz Step-up PWM DC/DC Converter
LM2622 NSC-LM2622 Datasheet
429Kb / 16P
   600kHz/1.3MHz Step-up PWM DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com