Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8012ARMZ-REEL7 Datasheet(PDF) 1 Page - Analog Devices

No. de pieza AD8012ARMZ-REEL7
Descripción Electrónicos  Dual 350 MHz Low Power Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8012ARMZ-REEL7 Datasheet(HTML) 1 Page - Analog Devices

  AD8012ARMZ-REEL7 Datasheet HTML 1Page - Analog Devices AD8012ARMZ-REEL7 Datasheet HTML 2Page - Analog Devices AD8012ARMZ-REEL7 Datasheet HTML 3Page - Analog Devices AD8012ARMZ-REEL7 Datasheet HTML 4Page - Analog Devices AD8012ARMZ-REEL7 Datasheet HTML 5Page - Analog Devices AD8012ARMZ-REEL7 Datasheet HTML 6Page - Analog Devices AD8012ARMZ-REEL7 Datasheet HTML 7Page - Analog Devices AD8012ARMZ-REEL7 Datasheet HTML 8Page - Analog Devices AD8012ARMZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
AD8012*
Dual 350 MHz
Low Power Amplifier
*Protected under U.S. Patent Number 5,537,079.
FEATURES
Low Power
1.7 mA/Amplifier Supply Current
Fully Specified for
5 V and +5 V Supplies
High Output Current, 125 mA
High Speed
350 MHz, –3 dB Bandwidth (G = +1)
150 MHz, –3 dB Bandwidth (G = +2)
2,250 V/ s Slew Rate
20 ns Settling Time to 0.1%
Low Distortion
–72 dBc Worst Harmonic @ 500 kHz, RL = 100
–66 dBc Worst Harmonic @ 5 MHz, RL = 1 k
Good Video Specifications (RL = 1 k , G = +2)
0.02% Differential Gain Error
0.06 Differential Phase Error
Gain Flatness 0.1 dB to 40 MHz
60 ns Overdrive Recovery
Low Offset Voltage, 1.5 mV
Low Voltage Noise, 2.5 nV/
√Hz
Available in 8-Lead SOIC and 8-Lead MSOP
APPLICATIONS
XDSL, HDSL Line Drivers
ADC Buffers
Professional Cameras
CCD Imaging Systems
Ultrasound Equipment
Digital Cameras
FUNCTIONAL BLOCK DIAGRAM
8
7
6
5
1
2
3
4
OUT1
–IN1
+IN1
+VS
OUT2
–IN2
+IN2
–VS
AD8012
PRODUCT DESCRIPTION
The AD8012 is a dual, low power, current feedback amplifier
capable of providing 350 MHz bandwidth while using only
1.7 mA per amplifier. It is intended for use in high frequency,
wide dynamic range systems where low distortion and high
speed are essential and low power is critical.
With only 1.7 mA of supply current, the AD8012 also offers
exceptional ac specifications such as 20 ns settling time and
2,250 V/
µs slew rate. The video specifications are 0.02% differ-
ential gain and 0.06 degree differential phase, excellent for such
a low power amplifier. In addition, the AD8012 has a low offset
of 1.5 mV.
The AD8012 is well suited for any application that requires high
performance with minimal power.
The product is available in standard 8-lead SOIC or MSOP
packages and operates over the industrial temperature range
–40
°C to +85°C.
RL
–40
–90
10
1k
100
–70
–80
–60
–50
G = +2
VOUT = 2V p-p
RF = 750
THIRD
SECOND
Figure 1. Distortion vs. Load Resistance, VS =
±5V,
Frequency = 500 kHz
AMP 1
VIN
VREF
R2
R1
RL = 100
OR
135
VOUT
Np:Ns
TRANSFORMER
LINE
POWER
IN dB
+VS
+
–VS
+
Figure 2. Differential Drive Circuit for XDSL Applications


Número de pieza similar - AD8012ARMZ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8012ARMZ-REEL7 AD-AD8012ARMZ-REEL7 Datasheet
475Kb / 17P
   Dual 350 MHz Low Power Amplifier
REV. B
More results

Descripción similar - AD8012ARMZ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8012ARZ AD-AD8012ARZ Datasheet
475Kb / 17P
   Dual 350 MHz Low Power Amplifier
REV. B
AD8012 AD-AD8012 Datasheet
414Kb / 15P
   Dual 350 MHz Low Power Amplifier
REV. A
AD8012 AD-AD8012_15 Datasheet
475Kb / 17P
   Dual 350 MHz Low Power Amplifier
REV. B
logo
Ultralife Corporation.
A-320V1-HKT ULTRALIFE-A-320V1-HKT Datasheet
780Kb / 2P
   350-450 MHz Amplifier Kit
5/30/14
logo
Texas Instruments
THS9001 TI-THS9001 Datasheet
451Kb / 17P
[Old version datasheet]   50 MHz to 350 MHz CASCADEABLE AMPLIFIER
logo
STMicroelectronics
THS9001 STMICROELECTRONICS-THS9001_08 Datasheet
601Kb / 20P
   50 MHz to 350 MHz CASCADEABLE AMPLIFIER
logo
Analog Devices
AD8039 AD-AD8039_15 Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
logo
Hittite Microwave Corpo...
HMC356LP3 HITTITE-HMC356LP3 Datasheet
318Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 350 - 550 MHz
logo
Analog Devices
AD8039ARZ AD-AD8039ARZ Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8038 AD-AD8038 Datasheet
346Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com