Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8007AR Datasheet(PDF) 6 Page - Analog Devices

No. de pieza AD8007AR
Descripción Electrónicos  Ultralow Distortion High Speed Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8007AR Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8007AR Datasheet HTML 2Page - Analog Devices AD8007AR Datasheet HTML 3Page - Analog Devices AD8007AR Datasheet HTML 4Page - Analog Devices AD8007AR Datasheet HTML 5Page - Analog Devices AD8007AR Datasheet HTML 6Page - Analog Devices AD8007AR Datasheet HTML 7Page - Analog Devices AD8007AR Datasheet HTML 8Page - Analog Devices AD8007AR Datasheet HTML 9Page - Analog Devices AD8007AR Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
REV. D
–6–
AD8007/AD8008–Typical Performance Characteristics
FREQUENCY – MHz
3
2
–5
1
100
10
–1
–2
–3
–4
1
0
–6
–7
1000
G = +1
G = +2
G = +10
G = –1
TPC 1. Small Signal Frequency Response for Various Gains
FREQUENCY – MHz
3
2
–5
100
10
–1
–2
–3
–4
1
0
–6
–7
1000
RL = 150 , VS = +5V
RL = 150 , VS = 5V
RL = 1k , VS = 5V
G = +1
TPC 2. Small Signal Frequency Response for VS and RLOAD
FREQUENCY – MHz
3
2
–5
100
10
–1
–2
–3
–4
1
0
–6
–7
1000
RS = 249
RS = 301
RS = 200
G = +1
RL = 1k
TPC 3. Small Signal Frequency Response for
Various RS Values
FREQUENCY – MHz
6.4
6.3
5.6
100
10
6.0
5.9
5.8
5.7
6.2
6.1
5.5
5.4
1000
G = +2
VS = +5V
VS = 5V
TPC 4. 0.1 dB Gain Flatness; VS = +5,
±5 V
FREQUENCY – MHz
9
8
1
100
10
5
4
3
2
7
6
0
–1
1000
G = +2
RL = 150
VS = +5V
RL = 150 , VS = 5V
RL = 1k , VS = 5V
RL = 1k , VS = +5V
TPC 5. Small Signal Frequency Response for VS and RLOAD
FREQUENCY – MHz
9
8
1
100
10
5
4
3
2
7
6
0
–1
1000
G = +2
RF = RG = 249
RF = RG = 324
RF = RG = 649
RF = RG = 499
TPC 6. Small Signal Frequency Response for Various
Feedback Resistors, RF =RG
(VS =
5 V, RL = 150
, RS = 200
, RF = 499
, unless otherwise noted.)


Número de pieza similar - AD8007AR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8007AR AD-AD8007AR Datasheet
487Kb / 20P
   ULTRALOW DISTORTION HIGH SPEED AMPLIFIERS
REV. C
AD8007AR AD-AD8007AR Datasheet
535Kb / 21P
   Ultralow Distortion,High Speed Amplifiers
Rev. E
AD8007AR-REEL AD-AD8007AR-REEL Datasheet
487Kb / 20P
   ULTRALOW DISTORTION HIGH SPEED AMPLIFIERS
REV. C
AD8007AR-REEL AD-AD8007AR-REEL Datasheet
535Kb / 21P
   Ultralow Distortion,High Speed Amplifiers
Rev. E
AD8007AR-REEL7 AD-AD8007AR-REEL7 Datasheet
487Kb / 20P
   ULTRALOW DISTORTION HIGH SPEED AMPLIFIERS
REV. C
More results

Descripción similar - AD8007AR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8008 AD-AD8008_15 Datasheet
587Kb / 21P
   Ultralow Distortion, High Speed Amplifiers
Rev. E
AD8007 AD-AD8007_15 Datasheet
587Kb / 21P
   Ultralow Distortion, High Speed Amplifiers
Rev. E
AD8007ARZR7 AD-AD8007ARZR7 Datasheet
535Kb / 21P
   Ultralow Distortion,High Speed Amplifiers
Rev. E
AD8007 AD-AD8007 Datasheet
487Kb / 20P
   ULTRALOW DISTORTION HIGH SPEED AMPLIFIERS
REV. C
AD8099 AD-AD8099_15 Datasheet
811Kb / 29P
   Ultralow Distortion, High Speed
REV. D
logo
Texas Instruments
THS4011 TI1-THS4011_16 Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4012CDGNR TI-THS4012CDGNR Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4011 TI-THS4011 Datasheet
439Kb / 30P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4011IDGNR TI-THS4011IDGNR Datasheet
1Mb / 35P
[Old version datasheet]   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4011 NSC-THS4011 Datasheet
1Mb / 36P
   290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com