Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8004AR-14 Datasheet(PDF) 9 Page - Analog Devices

No. de pieza AD8004AR-14
Descripción Electrónicos  Quad 3000 V/?? 35 mW Current Feedback Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8004AR-14 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8004AR-14 Datasheet HTML 5Page - Analog Devices AD8004AR-14 Datasheet HTML 6Page - Analog Devices AD8004AR-14 Datasheet HTML 7Page - Analog Devices AD8004AR-14 Datasheet HTML 8Page - Analog Devices AD8004AR-14 Datasheet HTML 9Page - Analog Devices AD8004AR-14 Datasheet HTML 10Page - Analog Devices AD8004AR-14 Datasheet HTML 11Page - Analog Devices AD8004AR-14 Datasheet HTML 12Page - Analog Devices AD8004AR-14 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REV. C
AD8004
–9–
THEORY OF OPERATION
The AD8004 is a member of a new family of high speed current-
feedback (CF) amplifiers offering new levels of bandwidth,
distortion, and signal-swing capability vs. power. Its wide dynamic
range capabilities are due to both a complementary high speed
bipolar process and a new design architecture. The AD8004 is
basically a two stage (Figure 30) rather than the conventional
one stage design. Both stages feature the current-on-demand
property associated with current feedback amplifiers. This
gives an unprecedented ratio of quiescent current to dynamic
performance. The important properties of slew rate and full
power bandwidth benefit from this performance. In addition
the second gain stage buffers the effects of load impedance,
significantly reducing distortion.
A full discussion of this new amplifier architecture is available on
the data sheet for the AD8011. This discussion only covers the
basic principles of operation.
DC AND AC CHARACTERISTICS
As with traditional op amp circuits the dc closed-loop gain is
defined as:
A
V = G = 1 +
R
F
R
N
noninverting operation
A
V = G =−
R
F
R
N
inverting operation
The more exact relationships that take into account open-loop
gain errors are:
A
V =
G
1
+
1
− G
A
O ( s )
+
R
F
T
O ( s )
for inverting (G is negative)
A
V =
G
1
+
G
A
O ( s )
+
R
F
T
O ( s )
for noninverting (G is positive)
In these equations the open-loop voltage gain (AO(s)) is common
to both voltage and current-feedback amplifiers and is the ratio
of output voltage to differential input voltage. The open-loop
transimpedance gain (TO(s)) is the ratio of output voltage to
inverting input current and is applicable to current-feedback
amplifiers. The open-loop voltage gain and open-loop transim-
pedance gain (TO(s)) of the AD8004 are plotted vs. frequency
in TPCs 15 and 18. These plots and the basic relationships can
be used to predict the first order performance of the AD8004 over
frequency. At low closed-loop gains the term (RF/TO(s)) dominates
the frequency response characteristics. This gives the result that
bandwidth is constant with gain, a familiar property of current
feedback amplifiers.
An RF of 1 k
has been chosen as the nominal value to give
optimum frequency response with acceptable peaking at gains of
+2/–1. As can be seen from the above relationships, at higher
closed-loop gains reducing RF has the effect of increasing closed-
loop bandwidth. Table I gives optimum values for RF and RG
for a variety of gains.
VP
Q1
Q2
IPP
IPN
INP
IPN
VN
ZI
IQ1
Q3
Q4
IE
CP1
CP1
A2
CL
RG
RF
VO
CD
ICQ + IO
VO´
IQ1
AD8004
A2
CP2
CD
A3
RL
A1
A1
Z2
Figure 5. Simplified Block Diagram


Número de pieza similar - AD8004AR-14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8004AR-14 AD-AD8004AR-14 Datasheet
271Kb / 16P
   Quad 3000 V/us, 35 mW Current Feedback Amplifier
REV. B
AD8004AR-14 AD-AD8004AR-14 Datasheet
715Kb / 17P
   Quad 3000 V/s, 35 mW Current Feedback Amplifier
REV. C
AD8004AR-14 AD-AD8004AR-14 Datasheet
648Kb / 17P
   Quad 3000 V/mu s, 35 mW Current Feedback Amplifier
REV. C
AD8004AR-14-REEL AD-AD8004AR-14-REEL Datasheet
271Kb / 16P
   Quad 3000 V/us, 35 mW Current Feedback Amplifier
REV. B
AD8004AR-14-REEL AD-AD8004AR-14-REEL Datasheet
715Kb / 17P
   Quad 3000 V/s, 35 mW Current Feedback Amplifier
REV. C
More results

Descripción similar - AD8004AR-14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8004 AD-AD8004_15 Datasheet
715Kb / 17P
   Quad 3000 V/s, 35 mW Current Feedback Amplifier
REV. C
AD8004 AD-AD8004 Datasheet
271Kb / 16P
   Quad 3000 V/us, 35 mW Current Feedback Amplifier
REV. B
AD8004AR AD-AD8004AR Datasheet
715Kb / 17P
   Quad 3000 V/s, 35 mW Current Feedback Amplifier
REV. C
AD8004ANZ AD-AD8004ANZ Datasheet
648Kb / 17P
   Quad 3000 V/mu s, 35 mW Current Feedback Amplifier
REV. C
AD8001ANZ AD-AD8001ANZ Datasheet
562Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001 Datasheet
222Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8001ARTZ-REEL7 AD-AD8001ARTZ-REEL7 Datasheet
388Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001_03 Datasheet
335Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001ARZ AD-AD8001ARZ Datasheet
490Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001_15 Datasheet
562Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com