Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L6260 Datasheet(PDF) 8 Page - STMicroelectronics

No. de pieza L6260
Descripción Electrónicos  4.5 ??5.5V DISK DRIVER SPINDLE & VCM, POWER & CONTROL COMBO?셎
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6260 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6260 Datasheet HTML 4Page - STMicroelectronics L6260 Datasheet HTML 5Page - STMicroelectronics L6260 Datasheet HTML 6Page - STMicroelectronics L6260 Datasheet HTML 7Page - STMicroelectronics L6260 Datasheet HTML 8Page - STMicroelectronics L6260 Datasheet HTML 9Page - STMicroelectronics L6260 Datasheet HTML 10Page - STMicroelectronics L6260 Datasheet HTML 11Page - STMicroelectronics L6260 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Spindle Motor
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
Io
Maximum Output Current
1
A
Rdson Sink
Sink On Resistance
Tj =125
°C, Iload = 1A
0.4
Ohms
Rdson Total
Total drive resistance
Rdson sink + Rdson source
Tj =125
°C, Iload = 1A
0.8
Ohms
dv/dt
Voltage Slew Rate
0.2
2
V/
µs
Spindle Current Sense FET
linearity
Large signal
Current sense circuit linearity
(spin-up). 2000:1 current sense.
1% to full scale current
5
%FS
Linearity
small signal
Current sense circuit linearity(at
speed). 500:1 current sense.
1% to 10% full scale
0.5
%
BW
Current loop bandwidth small
signal (at speed)
Lmotor 100
µHto 1 µH
20
KHz
FS
Full scale current error
5
%FS
matching
Current sense matching
25 to 250 mA
5
%
DAC Acceleration Control
res
Resolution
Full scale
8
bits
NL
Differential Non-linearity
0.5
LSB
INL
Integral Non-linearity
1
LSB
FS
Full scale accuracy
5
%
CT
Conversion time
10
ms
FSTC
Full Scale Temp Coefficient
250
ppm/
°C
Voh
1.235
1.25
1.245
V
Vol
0
0.2
0.3
V
Gain1X
Current Sense Gain at 500:1
502
525
554
Gain5X
Current Sense Gain at 2500:1
2400
2900
Step-up Converter
Vsu3
Step-up converter voltage
(using Tripler as a doubler)
above 5V.
Vdd = 4.5 to 5.5 volts,
Maximum load
6V
Digital Inputs (All digital inputs are CMOS compatible)
Vih
High level input voltage
I in = TBD
30%
Vdd
V
Vil
Low level input voltage
I in = TBD
70%
Vdd
V
Voh
High level output voltage
I out = TBD
Vdd-0.6
V
Vol
Low level output voltage
I out = TBD
0.4
V
Iin
Input leakage current
Tj =125
°C+1
-1
µA
Power On Reset (Either low voltage detector can be disabled by trying the divider to a high voltage)
Tdelay
Minimum delay power OK to
RESET high
CPOR_DELAY = 0.22*H
50.32
70.4
64.46
ms
Vref
Voltage reference
1.235
1.25
1.265
V
Retract
Tretract
Retract time before brake
power low detected
Tretract = 0.4 x RC
TBD
TBD
ms
Rdson
Total switch circuit resistance
10
Ohms
I for Vretract
2 quadrant retract voltage
VBEMF > PARK_Voltage
11
13
15
µA
L6260
8/30


Número de pieza similar - L6260

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
L6268 STMICROELECTRONICS-L6268 Datasheet
109Kb / 17P
   12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
L6269 STMICROELECTRONICS-L6269 Datasheet
109Kb / 17P
   12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
More results

Descripción similar - L6260

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hitachi Semiconductor
HA13557AFH HITACHI-HA13557AFH Datasheet
120Kb / 28P
   Combo (Spindle & VCM) Driver
HA13561F HITACHI-HA13561F Datasheet
114Kb / 26P
   Combo (Spindle & VCM) Driver
logo
STMicroelectronics
L6268 STMICROELECTRONICS-L6268 Datasheet
109Kb / 17P
   12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
L6275 STMICROELECTRONICS-L6275 Datasheet
109Kb / 17P
   5V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
L6254 STMICROELECTRONICS-L6254 Datasheet
109Kb / 17P
   12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
April 1999
L6269 STMICROELECTRONICS-L6269 Datasheet
109Kb / 17P
   12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
logo
Hitachi Semiconductor
HA13566AF HITACHI-HA13566AF Datasheet
83Kb / 20P
   Combo (Spindle & VCM) Driver
HA13614FH HITACHI-HA13614FH Datasheet
122Kb / 26P
   Combo (Spindle & VCM) Driver
logo
STMicroelectronics
L7220 STMICROELECTRONICS-L7220 Datasheet
79Kb / 4P
   Disk drive spindle and VCM motor driver
L7200 STMICROELECTRONICS-L7200 Datasheet
262Kb / 23P
   MOZART, 12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com