Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8534ARZ-REEL Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD8534ARZ-REEL
Descripción Electrónicos  Low Cost, 250 mA Output, Single-Supply Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8534ARZ-REEL Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8534ARZ-REEL Datasheet HTML 6Page - Analog Devices AD8534ARZ-REEL Datasheet HTML 7Page - Analog Devices AD8534ARZ-REEL Datasheet HTML 8Page - Analog Devices AD8534ARZ-REEL Datasheet HTML 9Page - Analog Devices AD8534ARZ-REEL Datasheet HTML 10Page - Analog Devices AD8534ARZ-REEL Datasheet HTML 11Page - Analog Devices AD8534ARZ-REEL Datasheet HTML 12Page - Analog Devices AD8534ARZ-REEL Datasheet HTML 13Page - Analog Devices AD8534ARZ-REEL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD8531/AD8532/AD8534
Rev. F | Page 10 of 20
10
0%
100
90
500ns
500mV
VS = ±2.5V
AV = 1
RL = 2kΩ
TA = 25°C
SUPPLY VOLTAGE V)
0.7
0.8
0.6
0.5
0.4
0.3
0.2
0.1
0
0.75
1.50
1.00
2.00
2.50
3.00
TA = 25°C
Figure 33. Large Signal Transient Response
Figure 30. Supply Current per Amplifier vs. Supply Voltage
10
0%
100
90
500ns
500mV
VS = ±1.35V
AV = 1
RL = 2kΩ
TA = 25°C
500 ns/DIV
0V
VS = 1.35V
VIN = 50mV
AV = 1Ω
RL = 2kΩ
CL = 300pF
TA = 25°C
Figure 34. Large Signal Transient Response
Figure 31. Small Signal Transient Response
10
0%
100
90
10µs
1V
1V
500ns/DIV
0V
VS = 2.5V
VIN = 50mV
AV = 1Ω
RL = 2kΩ
CL = 300pF
TA = 25°C
Figure 35. No Phase Reversal
Figure 32. Small Signal Transient Response


Número de pieza similar - AD8534ARZ-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8534AR AD-AD8534AR Datasheet
417Kb / 16P
   Low Cost, 250 mA Output Single-Supply Amplifiers
REV. D
AD8534ARU AD-AD8534ARU Datasheet
417Kb / 16P
   Low Cost, 250 mA Output Single-Supply Amplifiers
REV. D
More results

Descripción similar - AD8534ARZ-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8531 AD-AD8531 Datasheet
417Kb / 16P
   Low Cost, 250 mA Output Single-Supply Amplifiers
REV. D
AD8534 AD-AD8534_15 Datasheet
508Kb / 20P
   Low Cost, 250 mA Output, Single-Supply Amplifiers
Rev. F
logo
Texas Instruments
TPS65133 TI-TPS65133 Datasheet
1Mb / 19P
[Old version datasheet]   5 V, 250 mA Dual Output Power Supply
TPS65133_15 TI-TPS65133_15_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS65133 짹5-V, 250-mA Dual-Output Power Supply
logo
Analog Devices
AD8279ARZ AD-AD8279ARZ Datasheet
513Kb / 24P
   Low Power, Wide Supply Range, Low Cost Difference Amplifiers,
REV. C
logo
Texas Instruments
TLV171 TI1-TLV171_16 Datasheet
1Mb / 38P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV171 TI1-TLV171 Datasheet
1Mb / 40P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
TLV172 TI1-TLV172 Datasheet
2Mb / 42P
[Old version datasheet]   36-V, Single-Supply, Low-Power Operational Amplifiers for Cost-Sensitive Systems
logo
Analog Devices
AD8223 AD-AD8223_16 Datasheet
414Kb / 21P
   Single-Supply, Low Cost Instrumentation Amplifier
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504_13 Datasheet
145Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
April, 2013 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com