Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L6268 Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza L6268
Descripción Electrónicos  12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6268 Datasheet(HTML) 5 Page - STMicroelectronics

  L6268 Datasheet HTML 1Page - STMicroelectronics L6268 Datasheet HTML 2Page - STMicroelectronics L6268 Datasheet HTML 3Page - STMicroelectronics L6268 Datasheet HTML 4Page - STMicroelectronics L6268 Datasheet HTML 5Page - STMicroelectronics L6268 Datasheet HTML 6Page - STMicroelectronics L6268 Datasheet HTML 7Page - STMicroelectronics L6268 Datasheet HTML 8Page - STMicroelectronics L6268 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
THERMAL SENSING
TSD
Shutdown Temperature
150
180
°C
THYS
Hysteresis
60
°C
TEW
Early Warning
TSD-25
°C
SUPPLY MONITOR
VTR
Trip Point
Input Rising
1.92
2
2.08
V
VHYS
Hysteresis Voltage
Input falling
100
mV
IDLY
Porb Delay Current
TR_5V, TR_12V > VTR
Vpordly = 2V
1.5
2
2.5
µA
Ron_por
Porb Pull Down Ron
Vdd > 2V and sink 1mA
Vpordly =2V
500
VDLY
Porb Dly Threshold
TR_5V, TR_12V > VTR
2.5
3.0
3.5
V
IIN
Input Current
VIN <4V
-1
1
µA
VOLTAGE BOOST
VBOOST
Output Voltage
VCC+5
VCC+6.3
V
Fosc
Internal Oscillator
130
200
250
kHz
SW1 OUTPUT
RGATE
Gate Driver for External Mosfet
Internal Resistor to CP
200
k
VGATE
Off Gate State Voltage for
External Mosfet
IO = 1mA VCC = 3.5V
0.7
V
DIGITAL LOGIC LEVELS
VIH
Input Logic ”1”
VDD = 5.5V
2.4
V
VIL
Input Logic ”0”
VDD = 4.5V
0.5
V
VOH
Output Logic ”1”
ISOURCE =20
µAVdd-0.2
V
VOL
Output Logic ”0”
ISOURCE = -400
µA
0.4
V
FSYSCLK
System Clock
20
25
MHz
VCM, DAC
Resolution
14
Bits
Differential Linearity
1 LSB Change
-Tested
By design
-1
-0.5
1
0.5
LSB
Integral Linearity
9
Bits
Midscale Offset
Referenced to VCC/2
-5
5
mV
TC
Convertion Time
5
µs
Full Scale Voltage
Referenced to VCC/2
±1V
Full Scale Error
-4
4
%
VCM, ERROR AMPLIFIER
AVOL
Open Loop Gain
DC
50
db
VOS
Input Offset Voltage
-5
5
mV
IIB
Input Bias Current
-250
250
nA
ELECTRICAL CHARACTERISTICS (Continued)
L6268
5/17


Número de pieza similar - L6268

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
L6260 STMICROELECTRONICS-L6260 Datasheet
305Kb / 30P
   4.5 ??5.5V DISK DRIVER SPINDLE & VCM, POWER & CONTROL COMBO?셎
November 1996
L6269 STMICROELECTRONICS-L6269 Datasheet
109Kb / 17P
   12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
More results

Descripción similar - L6268

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
L6254 STMICROELECTRONICS-L6254 Datasheet
109Kb / 17P
   12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
April 1999
L6269 STMICROELECTRONICS-L6269 Datasheet
109Kb / 17P
   12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
L7200 STMICROELECTRONICS-L7200 Datasheet
262Kb / 23P
   MOZART, 12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
L6275 STMICROELECTRONICS-L6275 Datasheet
109Kb / 17P
   5V DISK DRIVE SPINDLE & VCM, POWER & CONTROL ?쏞OMBO?
L7220 STMICROELECTRONICS-L7220 Datasheet
79Kb / 4P
   Disk drive spindle and VCM motor driver
logo
NXP Semiconductors
OM5193H PHILIPS-OM5193H Datasheet
246Kb / 56P
   Disk drive spindle and VCM with servo controller
1998 Nov 02
logo
STMicroelectronics
L6260 STMICROELECTRONICS-L6260 Datasheet
305Kb / 30P
   4.5 ??5.5V DISK DRIVER SPINDLE & VCM, POWER & CONTROL COMBO?셎
November 1996
L7207 STMICROELECTRONICS-L7207 Datasheet
58Kb / 3P
   Dual mode disk drive spindle and VCM motor driver
L7250 STMICROELECTRONICS-L7250 Datasheet
478Kb / 46P
   5V & 12V SPINDLE AND VCM MOTORS DRIVER
logo
Fairchild Semiconductor
FAN8422G FAIRCHILD-FAN8422G Datasheet
358Kb / 10P
   Floppy Disk Drive Spindle Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com