Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDP68HC68T1MZ Datasheet(PDF) 11 Page - Intersil Corporation

No. de pieza CDP68HC68T1MZ
Descripción Electrónicos  CMOS Serial Real-Time Clock With RAM and Power Sense/Control
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP68HC68T1MZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button CDP68HC68T1MZ Datasheet HTML 7Page - Intersil Corporation CDP68HC68T1MZ Datasheet HTML 8Page - Intersil Corporation CDP68HC68T1MZ Datasheet HTML 9Page - Intersil Corporation CDP68HC68T1MZ Datasheet HTML 10Page - Intersil Corporation CDP68HC68T1MZ Datasheet HTML 11Page - Intersil Corporation CDP68HC68T1MZ Datasheet HTML 12Page - Intersil Corporation CDP68HC68T1MZ Datasheet HTML 13Page - Intersil Corporation CDP68HC68T1MZ Datasheet HTML 14Page - Intersil Corporation CDP68HC68T1MZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11
FN1547.8
October 29, 2007
VSYS
This input is connected to the system voltage. After the CPU
initiates power down by setting Bit 6 in the Interrupt Control
Register to “1”, the level on this pin will terminate power
down if it rises about 1.0V above the level at the VBATT input
pin after previously falling below VBATT +1.0V. When
power-down is terminated, the PSE pin will return high and
the Clock Output will be enabled. The CPUR output pin will
also return high. The logic level present at this pin at the end
of POR determines the CDP68HC68T1’s operating mode.
VBATT
The oscillator power source. The positive terminal of the
battery should be connected to this pin. When the level on
the VSYS pin falls below VBATT +1.0V, the VBATT pin will be
internally connected to the VDD pin. When the voltage on
VSYS rises a threshold above (1.0V) the voltage on VBATT,
the connection from VBATT to the VDD pin is opened. When
the “LINE” input is used as the frequency source, VBATT
may be tied to VDD or VSS. The “XTAL IN” pin must be at
VSS if VBATT is at VSS. If VBATT is connected to VDD, the
“XTAL IN” pin can be tied to VSS or VDD.
XTAL IN, XTAL OUT
These pins are connected to a 32,768Hz. 1.048576MHz,
2.097152MHz or 4.194304MHz crystal. If an external clock
is used, it should be connected to “XTAL IN” with ‘XTAL
OUT” left open.
VDD
The positive power-supply pin.
Clock Control Register
Start-Stop
A high written into this bit will enable the counter stages of
the clock circuitry. A low will hold all bits reset in the divider
chain from 32Hz to 1Hz. A clock out selected by Bit 0, Bit 1
and Bit 2 will not be affected by the stop function except the
1Hz and 2Hz outputs.
Line-XTAL
When this bit is set high, clock operation will use the
50-cycle or 60-cycle input present at the LINE input pin.
When the bit is low, the crystal input will generate the 1Hz
time update.
XTAL Select
One of 4 possible crystals is selected by value in these two
bits:
0 = 4.194304MHz
2 = 1.048576MHz
1 = 2.097152MHz
3 = 32,768Hz
50Hz to 60Hz
50Hz is selected as the line input frequency when this bit is
set high. A low will select 60Hz. The power-sense bit in the
Interrupt Control Register must be set low for line frequency
operation.
Clock Out
The three bits specify one of the 7 frequencies to be used as
the squarewave clock output:
0 = XTAL
4 = Disable (low output)
1 = XTAL/2
5 = 1Hz
2 = XTAL/4
6 = 2Hz
3 = XTAL/8
7 = 50Hz or 60Hz
XTAL Operation = 64Hz
All bits are reset by a power-on reset. Therefore, the XTAL is
selected as the clock output at this time.
Interrupt Control Register
Watchdog
When this bit is set high, the watchdog operation will be
enabled. This function requires the CPU to toggle the CE pin
periodically without a serial-transfer requirement. In the
event this does not occur, a CPU reset will be issued. Status
Register must be read before re-enabling watchdog.
Power-Down
A high in this location will initiate a power down. A CPU reset
will occur, the CLK OUT and PSE output pins will be set low
and the serial interface will be disabled.
Power Sense
This bit is used to enable the line input pin to sense a power
failure. It is set high for this function. When power sense is
selected, the input to the 50Hz to 60Hz prescaler is
disconnected. Therefore, crystal operation is required when
power sense is enabled. An interrupt is generated when a
power failure is sensed and the power sense and Interrupt
True bit in the Status Register are set. When power sense is
activated, a “0” must be written to this location followed by a
“1” to re-enable power sense.
XTAL
IN
22M
T1
XTAL
OUT
C2
10pF TO 40pF
C1
5pF TO 30pF
NOTES:
7. All frequencies recommended oscillator circuit. C1, C2 values
crystal dependent.
8. R is used for 32KHz operation only. 100k to 300k range as
specified by crystal manufacturer.
FIGURE 7. OSCILLATOR CIRCUIT
CDP68HC68T1


Número de pieza similar - CDP68HC68T1MZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
CDP68HC68T1MZ INTERSIL-CDP68HC68T1MZ Datasheet
474Kb / 24P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
logo
Renesas Technology Corp
CDP68HC68T1MZ RENESAS-CDP68HC68T1MZ Datasheet
1Mb / 24P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
More results

Descripción similar - CDP68HC68T1MZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
CDP68HC68T1 INTERSIL-CDP68HC68T1_06 Datasheet
474Kb / 24P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
logo
Renesas Technology Corp
CDP68HC68T1 RENESAS-CDP68HC68T1 Datasheet
1Mb / 24P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
logo
Intersil Corporation
CDP68HC68T1 INTERSIL-CDP68HC68T1 Datasheet
139Kb / 24P
   CMOS Serial Real-Time Clock With RAM and Power Sense/Control
August 1997
logo
Dallas Semiconductor
DS14285 DALLAS-DS14285 Datasheet
303Kb / 25P
   Real Time Clock with NV RAM Control
logo
Motorola, Inc
MC68HC68T1 MOTOROLA-MC68HC68T1 Datasheet
342Kb / 26P
   Real-Time Clock plus RAM with Serial Interface
logo
Dallas Semiconductor
DS14285 DALLAS-DS14285_05 Datasheet
481Kb / 26P
   Real-Time Clock with NV RAM
logo
RICOH electronics devic...
RP5C01A RICOH-RP5C01A Datasheet
124Kb / 10P
   REAL-TIME CLOCK WITH INTERNAL RAM
logo
Dallas Semiconductor
DS1337 DALLAS-DS1337 Datasheet
364Kb / 13P
   Serial Real-Time Clock
logo
STMicroelectronics
M41T0 STMICROELECTRONICS-M41T0_08 Datasheet
185Kb / 22P
   Serial real-time clock
M41T0 STMICROELECTRONICS-M41T0_11 Datasheet
310Kb / 23P
   Serial real-time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com