Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM4040AIZ-2.0 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LM4040AIZ-2.0
Descripción Electrónicos  Precision Micropower Shunt Voltage Reference
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4040AIZ-2.0 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4040AIZ-2.0 Datasheet HTML 1Page - National Semiconductor (TI) LM4040AIZ-2.0 Datasheet HTML 2Page - National Semiconductor (TI) LM4040AIZ-2.0 Datasheet HTML 3Page - National Semiconductor (TI) LM4040AIZ-2.0 Datasheet HTML 4Page - National Semiconductor (TI) LM4040AIZ-2.0 Datasheet HTML 5Page - National Semiconductor (TI) LM4040AIZ-2.0 Datasheet HTML 6Page - National Semiconductor (TI) LM4040AIZ-2.0 Datasheet HTML 7Page - National Semiconductor (TI) LM4040AIZ-2.0 Datasheet HTML 8Page - National Semiconductor (TI) LM4040AIZ-2.0 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Extended Temperature Range (−40 ˚C to +125˚C)
Reverse Breakdown
Voltage Tolerance at 25 ˚C
and Average Reverse Breakdown
Voltage Temperature Coefficient
Package
M3 (SOT-23)
See NS Package
Number MF03A
±0.5%, 100 ppm/˚C max (C grade)
LM4040CEM3-2.0, LM4040CEM3-2.5,
LM4040CEM3-3.0, LM4040CEM3-5.0
±1.0%, 150 ppm/˚C max (D grade)
LM4040DEM3-2.0, LM4040DEM3-2.5,
LM4040DEM3-3.0, LM4040DEM3-5.0
±2.0%, 150 ppm/˚C max (E grade)
LM4040EEM3-2.0, LM4040EEM3-2.5,
LM4040EEM3-3.0
www.national.com
3


Número de pieza similar - LM4040AIZ-2.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM4040AIZ-2.0 NSC-LM4040AIZ-2.0 Datasheet
365Kb / 30P
   Precision Micropower Shunt Voltage Reference
More results

Descripción similar - LM4040AIZ-2.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com