Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

U1ZB30 Datasheet(PDF) 3 Page - Galaxy Semi-Conductor Holdings Limited

No. de pieza U1ZB30
Descripción Electrónicos  ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BILIN [Galaxy Semi-Conductor Holdings Limited]
Página de inicio  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

U1ZB30 Datasheet(HTML) 3 Page - Galaxy Semi-Conductor Holdings Limited

  U1ZB30 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited U1ZB30 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited U1ZB30 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
100
1
10
.1
.001
.01
1
.1
10
100 10000
200
30
50
3
5
.3
.5
500
100
300
50
.1
.3
1
.5
1000
2000
3
5
1 0
RECTANGULAR
WAVEFORM
TW
PRSM
T =25℃
A
RECOMMENDED
UPPER LIMIT
200
160
120
40
80
0
0.
2
1
.4
.6
.8
1.2
0
010
20
30
40
16
24
8
32
γ Z
α T
RATINGS AND CHARACTERISTIC CURVES
U1ZB6.8---U1ZB390
ZENER VOLTAGE VZ (V)
POWER DISSIPATION P (W)
FIG.1 -- AT YZ - VZ
TIME T (S)
FIG.2 -- TA MAX - P
FIG.3 -- PRSM - tw
FIG.4 -- RθJA - T
PULSE WIDTH TW (ms)
BLGALAXY ELECTRICAL
www.galaxycn.com
Document Number 02840
25
3.


Número de pieza similar - U1ZB30

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
U1ZB30 TOSHIBA-U1ZB30 Datasheet
132Kb / 5P
   CONSTANT VOLTAGE REGULATION TRANSIENT SUPPRESSORS
logo
Galaxy Semi-Conductor H...
U1ZB30 BILIN-U1ZB30 Datasheet
199Kb / 5P
   Surface mount zener diode
logo
Toshiba Semiconductor
U1ZB300 TOSHIBA-U1ZB300 Datasheet
132Kb / 5P
   CONSTANT VOLTAGE REGULATION TRANSIENT SUPPRESSORS
logo
Galaxy Semi-Conductor H...
U1ZB300 BILIN-U1ZB300 Datasheet
199Kb / 5P
   Surface mount zener diode
logo
Toshiba Semiconductor
U1ZB300-X TOSHIBA-U1ZB300-X Datasheet
132Kb / 5P
   CONSTANT VOLTAGE REGULATION TRANSIENT SUPPRESSORS
More results

Descripción similar - U1ZB30

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com