Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL21009BFB825Z Datasheet(PDF) 6 Page - Intersil Corporation

No. de pieza ISL21009BFB825Z
Descripción Electrónicos  High Voltage Input Precision, Low Noise FGA??Voltage References
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21009BFB825Z Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL21009BFB825Z Datasheet HTML 2Page - Intersil Corporation ISL21009BFB825Z Datasheet HTML 3Page - Intersil Corporation ISL21009BFB825Z Datasheet HTML 4Page - Intersil Corporation ISL21009BFB825Z Datasheet HTML 5Page - Intersil Corporation ISL21009BFB825Z Datasheet HTML 6Page - Intersil Corporation ISL21009BFB825Z Datasheet HTML 7Page - Intersil Corporation ISL21009BFB825Z Datasheet HTML 8Page - Intersil Corporation ISL21009BFB825Z Datasheet HTML 9Page - Intersil Corporation ISL21009BFB825Z Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
FN6327.6
September 12, 2007
Typical Performance Curves (ISL21009-12) (R
EXT = 100kΩ)
FIGURE 2. IIN vs VIN, 3 UNITS
FIGURE 3. IIN vs VIN, 3 TEMPERATURES
FIGURE 4. LINE REGULATION, 3 UNITS
FIGURE 5. LINE REGULATION OVER-TEMPERATURE
FIGURE 6. LOAD REGULATION
FIGURE 7. VOUT vs TEMPERATURE, 3 UNITS
VIN (V)
57
9
11
13
15
17
80
85
90
95
100
105
110
UNIT 1
UNIT 2
UNIT 3
VIN (V)
80
85
90
95
100
57
9
11
13
15
17
+25°C
+125°C
-40°C
-60
-40
-20
0
20
40
60
3.5
5.5
7.5
9.5
11.5
13.5
15.5
VIN (V)
UNIT 3
UNIT 2
UNIT 1
-100
-80
-60
-40
-20
0
20
40
60
3.50
5.50
7.50
9.50
11.5
13.5
15.5
VIN (V)
+25°C
+125°C
-40°C
-0.12
-0.10
-0.08
-0.06
-0.04
-0.02
0.00
0.02
0.04
0.06
0.08
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
7
SINKING
OUTPUT CURRENT (mA)
SOURCING
+25°C
+125°C
-40°C
1.24980
1.24985
1.24990
1.24995
1.25000
1.25005
1.25010
1.25015
1.25020
-40
-15
10
35
60
85
110
TEMPERATURE (°C)
UNIT 3
UNIT 2
UNIT 1
ISL21009


Número de pieza similar - ISL21009BFB825Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL21009BFB825Z INTERSIL-ISL21009BFB825Z Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21009BFB825Z INTERSIL-ISL21009BFB825Z Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21009BFB825Z RENESAS-ISL21009BFB825Z Datasheet
1Mb / 19P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
September 16, 2009
logo
Intersil Corporation
ISL21009BFB825Z-TK INTERSIL-ISL21009BFB825Z-TK Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
More results

Descripción similar - ISL21009BFB825Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL21009MEP INTERSIL-ISL21009MEP Datasheet
557Kb / 14P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009 INTERSIL-ISL21009_09 Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL21009MEP RENESAS-ISL21009MEP Datasheet
640Kb / 14P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
December 15, 2008
ISL21009 RENESAS-ISL21009 Datasheet
1Mb / 19P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
September 16, 2009
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21009 INTERSIL-ISL21009 Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com