Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMAJ54A Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

No. de pieza SMAJ54A
Descripción Electrónicos  TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BILIN [Galaxy Semi-Conductor Holdings Limited]
Página de inicio  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SMAJ54A Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  SMAJ54A Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SMAJ54A Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SMAJ54A Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SMAJ54A Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BLGALAXYELECTRICAL
Document Number 0285005
2.
www.galaxycn.com
U
ni
B
i
Min
SMA J5.0
A D
WD
6.40
9.6
SMA J5.0A (5)
A E
WE
6.40
9.2
SMA J6.0
A F
WF
6.67
11.4
SMA J6.0A
A G
WG
6.67
10.3
SMA J6.5
A H
WH
7.22
12.3
SMA J6.5A
A K
WK
7.22
11.2
SMA J7.0
A L
WL
7.78
13.3
SMA J7.0A
A M
WM
7.78
12.0
SMA J7.5
A N
WN
8.33
14.3
SMA J7.5A
A P
WP
8.33
12.9
SMA J8.0
A Q
WQ
8.89
15.0
SMA J8.0A
A R
WR
8.89
13.6
SMA J8.5
A S
WS
9.44
15.9
SMA J8.5A
A T
WT
9.44
14.4
SMA J9.0
A U
WU
10.0
16.9
SMA J9.0A
A V
WV
10.0
15.4
SMAJ10
AW
WW
11.1
18.8
SMA J10A
A X
WX
11.1
17.0
SMAJ11
AY
WY
12.2
20.1
SMA J11A
A Z
WZ
12.2
18.2
SMA J12
BD
XD
13.3
22.0
SMA J12A
BE
XE
13.3
19.9
SMA J13
BF
XF
14.4
23.8
SMA J13A
BG
XG
14.4
21.5
SMA J14
BH
XH
15.6
25.8
SMA J14A
BK
XK
15.6
23.2
SMA J15
BL
XL
16.7
26.9
SMA J15A
BM
XM
16.7
24.4
SMA J16
BN
XN
17.8
28.8
SMA J16A
BP
XP
17.8
26.0
SMA J17
BQ
XQ
18.9
30.5
SMA J17A
BR
XR
18.9
27.6
SMA J18
BS
XS
20.0
32.2
SMA J18A
BT
XT
20.0
29.2
SMA J20
BU
XU
22.2
35.8
SMA J20A
BV
XV
22.2
32.4
SMA J22
BW
XW
24.4
39.4
SMA J22A
BX
XX
24.4
35.5
SMA J24
BY
XY
26.7
43.0
SMA J24A
BZ
XZ
26.7
38.9
SMAJ26
CD
YD
28.9
46.6
SMA J26A
CE
Y E
28.9
42.1
SMAJ28
CF
YF
31.1
50.0
SMA J28A
CG
Y G
31.1
45.4
SMAJ30
CH
YH
33.3
53.5
SMA J30A
CK
Y K
33.3
48.4
(5) For the bidirectional SMA J5.0CA ,the maximum V
(B R) is 7.25V
Device
type
22
5.0
11.3
19.7
17.6
14.7
12.2
10.4
14.9
19.1
16.3
11.1
11.5
31.0
26.7
29.4
25.2
100
1.0
1.0
9.83
50
13.9
41.7
43.5
35.1
28.0
38.8
32.5
35.7
30.1
33.3
14.5
24.4
1.0
18
5.0
12.4
17
5.0
13.1
5.0
15.4
20.1
16.8
18.6
15.5
17.2
14.9
16.4
12
10
8.0
6.5
7.0
7.0
7.5
7.5
8.5
10
10
10
1.0
1.0
8.15
7.37
8.82
1.0
10
10
1.0
1.0
10
9.21
7.98
10.9
9.51
8.60
10.3
7.81
10
5.0
800
5.0
7.08
10
17
8.0
16
800
800
800
500
6.0
6.0
6.5
23.1
1.0
1.0
1.0
1.0
15.9
1.0
21.8
18.5
20.4
14
5.0
27.8
9.0
5.0
23.7
8.5
10
21.3
13
23.5
19.9
9.0
5.0
26.0
10
5.0
11
5.0
11.2
13.7
16
13
5.0
15
5.0
15
5.0
14
20
5.0
22.1
1.0
18
5.0
12.3
29.8
1.0
22
5.0
10.2
24.5
1.0
20
5.0
13.6
1.0
1.0
1.0
1.0
17.2
26.9
1.0
20.9
1.0
27.1
1.0
1.0
12.3
13.5
1.0
1.0
1.0
500
200
100
50
200
18.2
11
5.0
22.0
12
5.0
5.0
5.0
5.0
5.0
5.0
10
1.0
5.0
1.0
1.0
9.3
29.5
1.0
24
5.0
10.3
32.6
1.0
24
5.0
8.6
31.9
1.0
26
5.0
9.5
35.3
1.0
26
5.0
8.0
34.4
1.0
28
5.0
8.8
38.0
1.0
28
5.0
7.5
36.8
1.0
30
5.0
8.3
40.7
1.0
30
5.0
(4) A ll terms and symbols are consistent w ith A NSI/IEEE C62.35
Notes: (1) Pulse test :t
P
50ms
(2) Surge current w avef orm per Fig.3 and derate per Fig.2
(3) For bi-directional types having V
WM of 10 V olts and les s ,the ID Iimit is doubled
Device
marking
code
ELECTRICAL CHARACTERISTICS
Max
Breakdow n
v oltage V
(B R) at IT
(1)
(V )
R atings at 25
am bient tem perature unless otherwise specif ied.VF=3.5V at IF=25A (uni-directional only )
Maximum
clamping
v oltage at I
PPM
Vc (V)
Test
current
I
T(m A )
Stand-of f
v oltage
V
WM (V )
Maximum
reverse leakage
at V
WM
I
D(
A)(3)
Maximum
peak pulss surge
current I
PPM
(A )(2)


Número de pieza similar - SMAJ54A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MERITEK ELECTRONICS COR...
SMAJ54A MERITEK-SMAJ54A Datasheet
284Kb / 4P
   Transient Voltage Suppressors
logo
Surge Components
SMAJ54A SURGE-SMAJ54A Datasheet
703Kb / 4P
   Surface mount Transient Voltage Suppressors
logo
WeEn Semiconductors
SMAJ54A WEEN-SMAJ54A Datasheet
616Kb / 7P
   400W Transient Voltage Suppressor
logo
Jinan Gude Electronic D...
SMAJ54A JGD-SMAJ54A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMAJ54A SOCAY-SMAJ54A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Descripción similar - SMAJ54A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com