Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SA150 Datasheet(PDF) 4 Page - Galaxy Semi-Conductor Holdings Limited

No. de pieza SA150
Descripción Electrónicos  TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BILIN [Galaxy Semi-Conductor Holdings Limited]
Página de inicio  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SA150 Datasheet(HTML) 4 Page - Galaxy Semi-Conductor Holdings Limited

  SA150 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SA150 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SA150 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SA150 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.galaxycn.com
BLGALAXYELECTRICAL
MIN
MAX
SA60
66.7
81.5
1.0
60.0
1.0
4.7
107
80.0
SA60A
66.7
73.7
1.0
60.0
1.0
5.2
96.8
71.0
SA64
71.1
86.9
1.0
64.0
1.0
4.4
114
86.0
SA64A
71.1
78.6
1.0
64.0
1.0
4.9
103
76.0
SA70
77.8
95.1
1.0
70.0
1.0
4.0
125
94.0
SA70A
77.8
86.0
1.0
70.0
1.0
4.4
113
85.0
SA75
83.3
102
1.0
75.0
1.0
3.7
134
101
SA75A
83.3
92.1
1.0
75.0
1.0
121
91.0
SA78
86.7
106
1.0
78.0
1.0
139
105
SA78A
86.7
95.8
1.0
78.0
1.0
126
95.0
SA85
94.4
115
1.0
85.0
1.0
151
114
SA85A
94.4
104
1.0
85.0
1.0
137
103
SA90
100
122
1.0
90.0
1.0
160
121
SA90A
100
111
1.0
90.0
1.0
146
110
SA100
111
136
1.0
100
1.0
179
135
SA100A
111
123
1.0
100
1.0
162
123
SA110
122
149
1.0
110
1.0
196
148
SA110A
122
135
1.0
110
1.0
177
133
SA120
133
163
1.0
120
1.0
214
162
SA120A
133
147
1.0
120
1.0
193
146
SA130
144
176
1.0
130
1.0
230
175
SA130A
144
159
1.0
130
1.0
209
158
SA150
167
204
1.0
150
1.0
268
203
SA150A
167
185
1.0
150
1.0
243
184
SA160
178
218
1.0
160
1.0
257
217
SA160A
178
197
1.0
160
1.0
259
196
SA170
189
231
1.0
170
1.0
304
230
SA170A
189
1209
1.0
170
1.0
275
208
3.6
3.1
ELECTRICAL CHARACTERISTICS at(TA=25
unle ss othe rw ise note d)
TABLE 1(Cont'd)
Device Type
Breakdown voltage
V(BR)
(Volts) (NOTE1)
Test
current
at
IT
(m A)
Stand-off
voltage
VWM
(Volts)
Maxim um
reverse
leakage
at VWM
ID (NOTE3)
(
A)
Maxim um
peak pulse
current
IPPM
(NOTE 2)
(Amps)
Maxim um
clamping
voltage at
IPPM
VC(Volts)
Maxim um
temperature
coefficient
of V(BR)
(m V/ )
1.9
3.1
2.6
2.8
2.3
2.4
1.9
2.1
1.7
1.8
3.4
2.8
1.6
2.6
2.2
4.1
3.6
4.0
3.3
(2)Surge current waveform per Fig.3 and derate per Fig.2
NOTES:(1)V(BR) m eas ured after IT applied for 300m s .IT=s quare wave puls e or equivalent
(3)For bidirectional types with VWM of 10Volts and less ,the ID lim it is doubled.
(4) All term s and s ym bols are cons is tent with ANSI/IEEE C62.35
Document Number 0285012
4.


Número de pieza similar - SA150

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Yangzhou yangjie electr...
SA150 YANGJIE-SA150 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Pan Jit International I...
SA150 PANJIT-SA150 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
First Components Intern...
SA150 FCI-SA150 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
SA150 LUGUANG-SA150 Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
RFE international
SA150 RFE-SA150 Datasheet
3Mb / 7P
   FEATURES Voltage Suppressor Diodes
09-08-2022
More results

Descripción similar - SA150

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com