Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SPI47N10L Datasheet(PDF) 3 Page - Infineon Technologies AG

No. de pieza SPI47N10L
Descripción Electrónicos  SIPMOS짰 Power-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPI47N10L Datasheet(HTML) 3 Page - Infineon Technologies AG

  SPI47N10L_02 Datasheet HTML 1Page - Infineon Technologies AG SPI47N10L_02 Datasheet HTML 2Page - Infineon Technologies AG SPI47N10L_02 Datasheet HTML 3Page - Infineon Technologies AG SPI47N10L_02 Datasheet HTML 4Page - Infineon Technologies AG SPI47N10L_02 Datasheet HTML 5Page - Infineon Technologies AG SPI47N10L_02 Datasheet HTML 6Page - Infineon Technologies AG SPI47N10L_02 Datasheet HTML 7Page - Infineon Technologies AG SPI47N10L_02 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2002-01-09
Page 3
Preliminary data
SPI47N10L
SPP47N10L,SPB47N10L
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Transconductance
gfs
VDS2*ID*RDS(on)max ,
ID=33A
18
36
-
S
Input capacitance
Ciss
VGS=0V, VDS=25V,
f=1MHz
-
2000
2500
pF
Output capacitance
Coss
-
375
470
Reverse transfer capacitance
Crss
-
210
265
Turn-on delay time
td(on)
VDD=50V, VGS=4.5V,
ID=47A, RG=2
-
50
75
ns
Rise time
tr
-
100
150
Turn-off delay time
td(off)
-
50
75
Fall time
tf
-
70
105
Gate Charge Characteristics
Gate to source charge
Qgs
VDD=80V, ID=47A
-
8
12
nC
Gate to drain charge
Qgd
-
16
24
Gate charge total
Qg
VDD=80V, ID=47A,
VGS=0 to 10V
-
90
135
Gate plateau voltage
V(plateau) VDD=80V, ID=47A
-
3.38
-
V
Reverse Diode
Inverse diode continuous
forward current
IS
TC=25°C
-
-
47
A
Inverse diode direct current,
pulsed
ISM
-
-
188
Inverse diode forward voltage
VSD
VGS=0V, IF=94A
-
1.1
1.5
V
Reverse recovery time
trr
VR=50V, IF=lS,
diF/dt=100A/µs
-
80
120
ns
Reverse recovery charge
Qrr
-
340
510
nC


Número de pieza similar - SPI47N10L_02

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
SPI47N10L INFINEON-SPI47N10L Datasheet
514Kb / 8P
   SIPMOS Power-Transistor
2001-08-24
More results

Descripción similar - SPI47N10L_02

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
SPD04P10PLG INFINEON-SPD04P10PLG Datasheet
463Kb / 9P
   SIPMOS짰 Power-Transistor
Rev 1.6 2012-09-10
BUZ110S INFINEON-BUZ110S Datasheet
139Kb / 8P
   SIPMOS짰 Power Transistor
05.99
SPB08P06P INFINEON-SPB08P06P_12 Datasheet
273Kb / 8P
   SIPMOS짰 Power-Transistor
Rev 1.7 2012-09-07
SPP80N06S-08 INFINEON-SPP80N06S-08 Datasheet
171Kb / 8P
   SIPMOS짰 Power-Transistor
Rev. 1.0 2004-11-30
SPD15P10PL INFINEON-SPD15P10PL Datasheet
763Kb / 10P
   SIPMOS짰 Power-Transistor
Rev 1.5 2012-09-03
SPD08P06PG INFINEON-SPD08P06PG_12 Datasheet
605Kb / 9P
   SIPMOS짰 Power-Transistor
Rev 1.92 2012-09-10
SPD04P10PG INFINEON-SPD04P10PG Datasheet
479Kb / 9P
   SIPMOS짰 Power-Transistor
Rev 1.6 2012-09-10
SPB18P06PG INFINEON-SPB18P06PG_12 Datasheet
446Kb / 8P
   SIPMOS짰 Power-Transistor
Rev 1.6 2012-09-07
SPP15P10PLH INFINEON-SPP15P10PLH Datasheet
767Kb / 10P
   SIPMOS짰 Power-Transistor
Rev 1.4 2011-09-01
BSS138NH6327 INFINEON-BSS138NH6327 Datasheet
463Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev. 2.86 2012-04-17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com