Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL28268 Datasheet(PDF) 6 Page - Intersil Corporation

No. de pieza ISL28268
Descripción Electrónicos  34關A Micro-power Single and Dual Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28268 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL28268 Datasheet HTML 2Page - Intersil Corporation ISL28268 Datasheet HTML 3Page - Intersil Corporation ISL28268 Datasheet HTML 4Page - Intersil Corporation ISL28268 Datasheet HTML 5Page - Intersil Corporation ISL28268 Datasheet HTML 6Page - Intersil Corporation ISL28268 Datasheet HTML 7Page - Intersil Corporation ISL28268 Datasheet HTML 8Page - Intersil Corporation ISL28268 Datasheet HTML 9Page - Intersil Corporation ISL28268 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
FN6378.2
September 13, 2007
FIGURE 13. INPUT CURRENT NOISE DENSITY vs FREQUENCY
FIGURE 14. INPUT VOLTAGE NOISE 0.1Hz TO 10Hz
FIGURE 15. LARGE SIGNAL STEP RESPONSE
FIGURE 16. SMALL SIGNAL STEP RESPONSE
FIGURE 17. ISL28168 ENABLE TO OUTPUT RESPONSE
FIGURE 18. INPUT OFFSET VOLTAGE vs COMMON MODE
INPUT VOLTAGE
Typical Performance Curves V+ = 5V, V- = 0V,VCM = 2.5V, RL = Open (Continued)
0.1
1
10
1
10
100
1k
10k
100k
FREQUENCY (Hz)
V+ = 5V
RL = 10k
AV = +1
CL = 16.3pF
-1.6
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0
0
123
4
5678
9
10
TIME (s)
V+ = 5V
RL = 10k
Rg = 100, Rf = 100k
AV=1000
CL = 16.3pF
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0
50
100
150
200
250
300
350
400
TIME (µs)
V+, V- = ±2.5V
RL = 10k
Rg = Rf = 10k
AV = 2
CL = 16.3pF
VOUT = 1VP-P
0.006
0.008
0.010
0.012
0.014
0.016
0.018
0.020
0
50
100
150
200
250
300
350
400
TIME (µs)
V+, V- = ±2.5V
RL = 10k
Rg= Rf = 10k
AV = 2
CL = 16.3pF
VOUT = 10mVP-P
-1
0
1
2
3
4
5
6
0
50
100
150
200
250
300
350
400
TIME (µs)
-0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
V+ = 5V
Rg = Rf = 10k
AV = +2
VOUT = 1VP-P
CL = 16.3pF
V-ENABLE
V-OUT
RL = 10k
-500
-400
-300
-200
-100
0
100
200
300
400
500
012
34
56
VCM (V)
-1
V+ = 5V
RL = OPEN
AV = +1000
Rf = 100k, Rg = 100
ISL28168, ISL28268


Número de pieza similar - ISL28268

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28268 INTERSIL-ISL28268 Datasheet
987Kb / 17P
   Low Input Bias Current Op Amps
ISL28268FBZ INTERSIL-ISL28268FBZ Datasheet
987Kb / 17P
   Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28268FBZ RENESAS-ISL28268FBZ Datasheet
1Mb / 17P
   34μA Micro-power Single and Dual Rail-to-Rail Input-Output (RRIO) Low InputBias Current Op Amps
July 25, 2011
logo
Intersil Corporation
ISL28268FUZ INTERSIL-ISL28268FUZ Datasheet
987Kb / 17P
   Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28268FUZ RENESAS-ISL28268FUZ Datasheet
1Mb / 17P
   34μA Micro-power Single and Dual Rail-to-Rail Input-Output (RRIO) Low InputBias Current Op Amps
July 25, 2011
More results

Descripción similar - ISL28268

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28158 INTERSIL-ISL28158 Datasheet
854Kb / 16P
   34關A Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28158 INTERSIL-ISL28158_08 Datasheet
870Kb / 17P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28158 RENESAS-ISL28158 Datasheet
1Mb / 19P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Intersil Corporation
ISL28166_0808 INTERSIL-ISL28166_0808 Datasheet
836Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28166 INTERSIL-ISL28166_08 Datasheet
824Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156_08 Datasheet
820Kb / 13P
   39關A Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28166 INTERSIL-ISL28166 Datasheet
793Kb / 12P
   39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156 Datasheet
822Kb / 14P
   39uA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28168 RENESAS-ISL28168 Datasheet
1Mb / 17P
   34μA Micro-power Single and Dual Rail-to-Rail Input-Output (RRIO) Low InputBias Current Op Amps
July 25, 2011
logo
Intersil Corporation
ISL28138 INTERSIL-ISL28138 Datasheet
861Kb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com