Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC817-25 Datasheet(PDF) 4 Page - Galaxy Semi-Conductor Holdings Limited

No. de pieza BC817-25
Descripción Electrónicos  NPN General Purpose Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BILIN [Galaxy Semi-Conductor Holdings Limited]
Página de inicio  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BC817-25 Datasheet(HTML) 4 Page - Galaxy Semi-Conductor Holdings Limited

  BC817-25 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BC817-25 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BC817-25 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited BC817-25 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BL Galaxy Electrical
Production specification
NPN General Purpose Amplifier
BC817-16/-25/-40
Document number: BL/SSSTC042
www.galaxycn.com
Rev.A
4
PACKAGE OUTLINE
Plastic surface mounted package
SOT-23
SOLDERING FOOTPRINT
Unit:mm
PACKAGE INFORMATION
SOT-23
Dim
Min
Max
A
2.85
2.95
B
1.25
1.35
C
1.0Typical
D
0.37
0.43
E
0.35
0.48
G
1.85
1.95
H
0.02
0.1
J
0.1Typical
K
2.35
2.45
All Dimensions in mm
Device
Package
Shipping
BC817-16/-25/-40
SOT-23
3000/Tape&Reel
D
C
B
A
G
K
H
J
E


Número de pieza similar - BC817-25

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BC817-25 PHILIPS-BC817-25 Datasheet
47Kb / 8P
   NPN general purpose transistor
1999 Jun 01
logo
SHENZHEN SLS TECHNOLOGY...
BC817-25 SHENZHENSLS-BC817-25 Datasheet
477Kb / 2P
   Plastic-Encapsulate Transistors
logo
Pan Jit International I...
BC817-25 PANJIT-BC817-25 Datasheet
462Kb / 3P
   NPN GENERAL PURPOSE TRANSISTORS
logo
Taiwan Semiconductor Co...
BC817-25 TSC-BC817-25 Datasheet
255Kb / 4P
   300mW, NPN Small Signal Transistor
logo
Transys Electronics
BC817-25 TRSYS-BC817-25 Datasheet
49Kb / 2P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
More results

Descripción similar - BC817-25

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com