Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FST3125QSC Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza FST3125QSC
Descripción Electrónicos  4-Bit Bus Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST3125QSC Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FST3125QSC Datasheet HTML 1Page - Fairchild Semiconductor FST3125QSC Datasheet HTML 2Page - Fairchild Semiconductor FST3125QSC Datasheet HTML 3Page - Fairchild Semiconductor FST3125QSC Datasheet HTML 4Page - Fairchild Semiconductor FST3125QSC Datasheet HTML 5Page - Fairchild Semiconductor FST3125QSC Datasheet HTML 6Page - Fairchild Semiconductor FST3125QSC Datasheet HTML 7Page - Fairchild Semiconductor FST3125QSC Datasheet HTML 8Page - Fairchild Semiconductor FST3125QSC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FST3125 • Rev. 1.0.3
2
Pin Configurations
/OE1
1A
1B
/OE2
2A
2B
GND
VCC
/OE4
4A
4B
/OE3
3A
3B
14
13
12
11
10
9
8
1
2
3
4
5
6
7
NC
/OE1
1A
1B
/OE2
2A
2B
GND
VCC
/OE4
4A
4B
/OE3
3A
3B
NC
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Figure 2. SOIC and TSSOP Pin Assignments
Figure 3. QSOP Pin Assignments
Pin Descriptions
Pin Names
Description
/OE1, /OE2, /OE3, /OE4
Bus Switch Enables
1A, 2A, 3A, 4A
Bus A
1B, 2B, 3B, 4B
Bus B
NC
Not Connected
VCC
Supply Voltage
GND
Ground
Truth Table
Inputs
Inputs/Outputs
/OE
A, B
LOW
A = B
HIGH
High Impedance


Número de pieza similar - FST3125QSC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FST3125QSC FAIRCHILD-FST3125QSC Datasheet
123Kb / 6P
   Quad Bus Switch
FST3125QSC FAIRCHILD-FST3125QSC Datasheet
123Kb / 6P
   4-Bit Bus Switch
More results

Descripción similar - FST3125QSC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
IDT74FST3125 IDT-IDT74FST3125 Datasheet
73Kb / 5P
   4-BIT BUS SWITCH
logo
NXP Semiconductors
74CBTLV3126 PHILIPS-74CBTLV3126_15 Datasheet
162Kb / 17P
   4-bit bus switch
Rev. 3-15 December 2011
logo
ON Semiconductor
FST3126 ONSEMI-FST3126_17 Datasheet
83Kb / 7P
   4-Bit Bus Switch
December, 2017 ??Rev. 0
74FST3126 ONSEMI-74FST3126_13 Datasheet
126Kb / 7P
   4-Bit Bus Switch
July, 2013 ??Rev. P1
logo
Fairchild Semiconductor
FST3126 FAIRCHILD-FST3126_05 Datasheet
119Kb / 5P
   4-Bit Bus Switch
logo
ON Semiconductor
74FST3126 ONSEMI-74FST3126 Datasheet
80Kb / 8P
   4-Bit Bus Switch
August, 2001 ??Rev. 0
logo
Fairchild Semiconductor
FST3126MX FAIRCHILD-FST3126MX Datasheet
121Kb / 6P
   4-Bit Bus Switch
logo
NXP Semiconductors
74CBTLV3125 PHILIPS-74CBTLV3125_15 Datasheet
163Kb / 17P
   4-bit bus switch
Rev. 3-15 December 2011
logo
ON Semiconductor
FST3125 ONSEMI-FST3125 Datasheet
124Kb / 7P
   4-Bit Bus Switch
June, 2013 ??Rev. 0
FST3126 ONSEMI-FST3126 Datasheet
126Kb / 7P
   4-Bit Bus Switch
July, 2013 ??Rev. P1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com