Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2590HV-AQ Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LM2590HV-AQ
Descripción Electrónicos  SIMPLE SWITCHER짰Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2590HV-AQ Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2590HV-AQ Datasheet HTML 1Page - National Semiconductor (TI) LM2590HV-AQ Datasheet HTML 2Page - National Semiconductor (TI) LM2590HV-AQ Datasheet HTML 3Page - National Semiconductor (TI) LM2590HV-AQ Datasheet HTML 4Page - National Semiconductor (TI) LM2590HV-AQ Datasheet HTML 5Page - National Semiconductor (TI) LM2590HV-AQ Datasheet HTML 6Page - National Semiconductor (TI) LM2590HV-AQ Datasheet HTML 7Page - National Semiconductor (TI) LM2590HV-AQ Datasheet HTML 8Page - National Semiconductor (TI) LM2590HV-AQ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
All Output Voltage Versions
Electrical Characteristics
Specifications with standard type face are for T
J = 25˚C, and those with boldface type apply over full Operating Tempera-
ture Range. Unless otherwise specified, V
IN = 12V for the 3.3V, 5V, and Adjustable version. ILOAD = 500 mA
Symbol
Parameter
Conditions
LM2590HV-XXX-AQ
Units
Min
Typ
Max
(Note 5)
(Note 4)
(Note 5)
DEVICE PARAMETERS
f
O
Oscillator
Frequency
(Note 7)
127
110
150
173
173
kHz
kHz
V
SAT
Saturation Voltage
I
OUT = 1A (Note 8) (Note 9)
0.95
1.2
1.3
V
V
DC
Max Duty Cycle
(ON)
(Note 9)
100
%
Min Duty Cycle
(OFF)
(Note 10)
0
%
I
CLIM
Switch current
Limit
Peak Current, (Note 8) (Note 9)
1.3
1.2
1.9
2.8
3.0
A
A
I
L
Output Leakage
Current
Output = 0V (Note 8) (Note10) Note 11)
50
µA
Output = −1V (Note 8) (Note10) Note 11)
5
30
mA
I
Q
Operating
Quiescent Current
SD /SS Pin Open (Note 10)
510
mA
I
STBY
Standby Quiescent
Current
SD /SS pin = 0V
(Note 11)
90
200
250
µA
µA
θ
JC
Thermal
Resistance
TO220 or TO263 Package, Junction to Case
2
˚C/W
θ
JA
TO220 Package, Junction to Ambient (Note 12)
50
˚C/W
θ
JA
TO263 Package, Junction to Ambient (Note 13)
50
˚C/W
θ
JA
TO263 Package, Junction to Ambient (Note 14)
30
˚C/W
θ
JA
TO263 Package, Junction to Ambient (Note 15)
20
˚C/W
SHUTDOWN/SOFT-START CONTROL Test Circuit of Figure 1
V
SD
Shutdown
Threshold Voltage
Shutdown Mode, I
STBY < 250µA
0.6
1.3
2.0
V
V
OUT = 1% of Normal Output Voltage
1.8
V
V
SS
Soft-start Voltage
V
OUT = 20% of Nominal Output Voltage
2
V
V
OUT = 100% of Nominal Output Voltage
3
V
I
SD
Shutdown Current
V
SHUTDOWN = 0.5V
510
µA
I
SS
Soft-start Current
V
Soft-start = 2.5V
1.5
5
µA
www.national.com
3


Número de pieza similar - LM2590HV-AQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2590HV-AQ-Q1 TI1-LM2590HV-AQ-Q1 Datasheet
3Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
More results

Descripción similar - LM2590HV-AQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2591HV TI-LM2591HV_15 Datasheet
3Mb / 28P
[Old version datasheet]   LM2591HV SIMPLE SWITCHER짰Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2590HVSX-5.0-NOPB TI1-LM2590HVSX-5.0-NOPB Datasheet
788Kb / 22P
[Old version datasheet]   LM2590HV SIMPLE SWITCHERPower Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
logo
National Semiconductor ...
LM2590HV NSC-LM2590HV Datasheet
752Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM2598 NSC-LM2598 Datasheet
847Kb / 33P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2598 TI1-LM2598_13 Datasheet
2Mb / 45P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM2599 NSC-LM2599_00 Datasheet
817Kb / 32P
   SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
LM2597 NSC-LM2597 Datasheet
900Kb / 34P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
LM2593HV NSC-LM2593HV Datasheet
753Kb / 21P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator, with Features
LM2599 NSC-LM2599 Datasheet
812Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com