Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL29003IROZ Datasheet(PDF) 8 Page - Intersil Corporation

No. de pieza ISL29003IROZ
Descripción Electrónicos  Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29003IROZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL29003IROZ Datasheet HTML 4Page - Intersil Corporation ISL29003IROZ Datasheet HTML 5Page - Intersil Corporation ISL29003IROZ Datasheet HTML 6Page - Intersil Corporation ISL29003IROZ Datasheet HTML 7Page - Intersil Corporation ISL29003IROZ Datasheet HTML 8Page - Intersil Corporation ISL29003IROZ Datasheet HTML 9Page - Intersil Corporation ISL29003IROZ Datasheet HTML 10Page - Intersil Corporation ISL29003IROZ Datasheet HTML 11Page - Intersil Corporation ISL29003IROZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
FN7464.3
October 8, 2007
COUNTER is the number increments accrued for between
integration time for External Timing Mode.
Gain/Range, Range(k)
The Gain/Range can be programmed in the control register
to give Range (k) determining the FSR. Note that Range(k)
is not the FSR. See Equation 3. Range(k) provides four
constants depending on programmed k that will be scaled by
REXT. See Table 9. Unlike REXT, Range(k) dynamically
adjusts the FSR. This function is especially useful when light
conditions are varying drastically while maintaining excellent
resolution.
Number of Clock Cycles, n-bit ADC
The number of clock cycles determines “n” in the n-bit ADC; 2n
clock cycles is a n-bit ADC. n is programmable in the command
register in the width function. Depending on the application, a
good balance of speed, and resolution has to be considered
when deciding for n. For fast and quick measurement, choose
the smallest n = 4. For maximum resolution without regard of
time, choose n = 16. Table 12 compares the trade-off between
integration time and resolution. See Equations 10 and 11 for the
relation between integration time and n. See Equation 3 for the
relation of n and resolution.
External Scaling Resistor REXT and fosc
The ISL29003 uses an external resistor REXT to fix its
internal oscillator frequency, fOSC. Consequently, REXT
determines the fOSC, integration time and the FSR of the
device. fOSC, a dual speed mode oscillator, is inversely
proportional to REXT. For user simplicity, the proportionality
constant is referenced to fixed constants 100k
Ω and
655kHz:
fOSC1 is oscillator frequency when Range1 or Range2 are
set. This is nominally 327kHz when REXT is 100kΩ.
fOSC2 is the oscillator frequency when Range3 or Range4
are set. This is nominally 655kHz when REXT is 100kΩ.
When the Range/Gain bits are set to Range1 or Range2,
fOSC runs at half speed compared to when Range/Gain bits
are set to Range3 and Range4.
The automatic fOSC adjustment feature allows significant
improvement of signal-to-noise ratio when detecting very low
lux signals.
Integration Time or Conversion Time
Integration time is the period during which the device’s
analog-to-digital ADC converter samples the photodiode
current signal for a lux measurement. Integration time, in
other words, is the time to complete the conversion of analog
photodiode current into a digital signal (number of counts).
Integration time affects the measurement resolution. For
better resolution, use a longer integration time. For short and
fast conversions use a shorter integration time.
The ISL29003 offers user flexibility in the integration time to
balance resolution, speed and noise rejection. Integration time
can be set internally or externally and can be programmed in
the command register 00(hex) bit 5.
INTEGRATION TIME IN INTERNAL TIMING MODE
This timing mode is programmed in the command register
00(hex) bit 5. Most applications will be using this timing
mode. When using the Internal Timing Mode, fOSC and
n-bits resolution determine the integration time. tint is a
function of the number of clock cycles and fOSC.
n = 4, 8, 12, and16. n is the number of bits of resolution.
2n therefore is the number of clock cycles. n can be
programmed at the command register 00(hex) bits 1 and 0.
Since fOSC is dual speed depending on the Gain/Range bit,
tint is dual time. The integration time as a function of REXT
and n is:
tint1 is the integration time when the device is configured
for Internal Timing Mode and Gain/Range is set to Range1
or Range2.
tint2 is the integration time when the device is configured
for Internal Timing Mode and Gain/Range is set to Range3
or Range4.
TABLE 12. RESOLUTION AND INTEGRATION TIME
SELECTION
n
RANGE1
fOSC = 327kHz
RANGE4
fOSC = 655kHz
tINT (ms)
RESOLUTION
LUX/COUNT
tINT (ms)
RESOLUTION
(LUX/COUNT)
16
200
0.01
100
1
12
12.8
0.24
6.4
16
8
0.8
3.90
0.4
250
4
0.05
62.5
0.025
4000
REXT = 100kΩ
(EQ. 6)
fosc1
1
2
---
100k
Ω
R
EXT
------------------
655
×
kHz
×
=
(EQ. 7)
fosc2
100k
Ω
R
EXT
------------------
655
×
kHz
=
(EQ. 8)
f
OSC1
1
2
--- f
OSC2
()
=
t
int
2
n
1
f
osc
----------
×
=
(EQ. 9)
for Internal Timing Mode only
t
int 12
n
R
EXT
327kHz
100k
Ω
×
----------------------------------------------
×
=
(EQ. 10)
t
int 22
n
R
EXT
655kHz
100k
Ω
×
----------------------------------------------
×
=
(EQ. 11)
ISL29003


Número de pieza similar - ISL29003IROZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL29003IROZ INTERSIL-ISL29003IROZ Datasheet
270Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29003IROZ INTERSIL-ISL29003IROZ Datasheet
374Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
November 17, 2011
ISL29003IROZ-EVAL INTERSIL-ISL29003IROZ-EVAL Datasheet
270Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29003IROZ-EVAL INTERSIL-ISL29003IROZ-EVAL Datasheet
374Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
November 17, 2011
ISL29003IROZ-T7 INTERSIL-ISL29003IROZ-T7 Datasheet
270Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
More results

Descripción similar - ISL29003IROZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL29013 INTERSIL-ISL29013 Datasheet
537Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
logo
Renesas Technology Corp
ISL29013 RENESAS-ISL29013 Datasheet
868Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
logo
Intersil Corporation
ISL29003 INTERSIL-ISL29003 Datasheet
270Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29003IROZ INTERSIL-ISL29003IROZ Datasheet
374Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
November 17, 2011
ISL29004 INTERSIL-ISL29004 Datasheet
293Kb / 17P
   Light-to-Digital Output Sensor with Address Selection, High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL76683AROZ-T7 INTERSIL-ISL76683AROZ-T7 Datasheet
480Kb / 17P
   Light-to-Digital Output Sensor with Gain Selection,Interrupt Function and I2C Interface
March 24, 2014
logo
Renesas Technology Corp
ISL76683 RENESAS-ISL76683 Datasheet
850Kb / 18P
   Light-to-Digital Output Sensor with Gain Selection, Interrupt Function and I2C Interface
logo
Intersil Corporation
ISL29012 INTERSIL-ISL29012 Datasheet
587Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
logo
Renesas Technology Corp
ISL29012 RENESAS-ISL29012 Datasheet
930Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
ISL29010 RENESAS-ISL29010 Datasheet
843Kb / 13P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com