Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL43120 Datasheet(PDF) 1 Page - Intersil Corporation

No. de pieza ISL43120
Descripción Electrónicos  Low-Voltage, Single Supply, Dual SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43120 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL43120 Datasheet HTML 1Page - Intersil Corporation ISL43120 Datasheet HTML 2Page - Intersil Corporation ISL43120 Datasheet HTML 3Page - Intersil Corporation ISL43120 Datasheet HTML 4Page - Intersil Corporation ISL43120 Datasheet HTML 5Page - Intersil Corporation ISL43120 Datasheet HTML 6Page - Intersil Corporation ISL43120 Datasheet HTML 7Page - Intersil Corporation ISL43120 Datasheet HTML 8Page - Intersil Corporation ISL43120 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
®
FN6033.5
ISL43120, ISL43121, ISL43122
Low-Voltage, Single Supply, Dual SPST
Analog Switches
The Intersil ISL43120, ISL43121 and ISL43122 devices are
precision, bidirectional, dual analog SPST switches designed
to operate from a single +2.7V to +12V supply. Targeted
applications include battery powered equipment that benefit
from the devices’ low power consumption (5µW), low leakage
currents (100pA max) and fast switching speeds (tON = 28ns,
tOFF = 20ns). Cell phones, for example, often face ASIC
functionality limitations. The number of analog input or GPIO
pins may be limited and digital geometries are not well suited
to analog switch performance. This family of parts may be
used to “mux-in” additional functionality while reducing ASIC
design risk. Some of the smallest packages are available,
alleviating board space limitations, and making Intersil’s
newest line of low-voltage switches an ideal solution.
The ISL43120, ISL43121, ISL43122 are dual
single-pole/single-throw (SPST) devices. The ISL43120 has
two normally open (NO) switches; the ISL43121 has two
normally closed (NC) switches; the ISL43122 has one NO
and one NC switch and can be used as an SPDT.
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
• Application Note AN557 “Recommended Test Procedures
for Analog Switches”
Features
• Fully specified at 12V, 5V, and 3.3V supplies for 10%
tolerances
• ON-resistance (rON) . . . . . . . . . . . . . . . . . . . . . . . . . . 19Ω
•rON matching between channels . . . . . . . . . . . . . . . . . . .<1Ω
• Low charge injection . . . . . . . . . . . . . . . . . . . . . . . 5pC (Max)
• Single supply operation . . . . . . . . . . . . . . . . . +2.7V to +12V
• Low power consumption (PD) . . . . . . . . . . . . . . . . . . . .<5μW
• Low leakage current . . . . . . . . . . . . . . . . . . . . . . . . . 10nA
• Fast switching action
-tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28ns
-tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20ns
• Guaranteed break-before-make (ISL43122 only)
• Minimum 2000V ESD protection per method 3015.7
• TTL, CMOS compatible
• Available in SOT-23 packaging
• Pb-Free Available (RoHS Compliant)
Applications
• Battery-powered, handheld and portable equipment
- Cellular/mobile phones
- Pagers
- Laptops, notebooks, palmtops
• Communications systems
- Radios, ADSL Modems
- PBX, PABX
• Test and measurement equipment
- Ultrasound
- Computerized Tomography (CT) Scanner
- Magnetic Resonance Image (MRI)
- Position Emission Tomography (PET) Scanner
- Electrocardiograph
• Heads-up displays
• Audio and video switching
• Various circuits
- +3V/+5V DACs and ADCs
- Sample and hold circuits
- Digital filters
- Operational amplifier gain switching networks
- High frequency analog switching
- High speed multiplexing
- Integrator reset circuits
TABLE 1. FEATURES AT A GLANCE
ISL43120
ISL43121
ISL43122
SW 1/SW 2
NO/NO
NC/NC
NO/NC
3.3V rON
32
Ω
32
Ω
32
Ω
3.3V tON/tOFF
40ns/20ns
40ns/20ns
40ns/20ns
5V rON
19
Ω
19
Ω
19
Ω
5V tON/tOFF
28ns/20ns
28ns/20ns
28ns/20ns
12V rON
11
Ω
11
Ω
11
Ω
12V tON/tOFF
25ns/17ns
25ns/17ns
25ns/17ns
Packages
8 Ld SOT-23
Data Sheet
October 18, 2007
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2003, 2004, 2005, 2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Número de pieza similar - ISL43120

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL43120 INTERSIL-ISL43120 Datasheet
394Kb / 13P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
ISL43120 INTERSIL-ISL43120 Datasheet
463Kb / 13P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
ISL43120 INTERSIL-ISL43120 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL43120 RENESAS-ISL43120 Datasheet
821Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Intersil Corporation
ISL43120 INTERSIL-ISL43120 Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
More results

Descripción similar - ISL43120

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
logo
Renesas Technology Corp
ISL43120 RENESAS-ISL43120 Datasheet
821Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Intersil Corporation
ISL8323 INTERSIL-ISL8323_04 Datasheet
241Kb / 10P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Renesas Technology Corp
ISL8323 RENESAS-ISL8323 Datasheet
582Kb / 11P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Intersil Corporation
ISL8323 INTERSIL-ISL8323 Datasheet
540Kb / 10P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541_07 Datasheet
246Kb / 16P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 4; 6/07
logo
Intersil Corporation
ISL84541 INTERSIL-ISL84541 Datasheet
336Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL84541 RENESAS-ISL84541 Datasheet
860Kb / 18P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Maxim Integrated Produc...
MAX4741 MAXIM-MAX4741_06 Datasheet
661Kb / 12P
   0.8Ω, Low-Voltage, Single-Supply Dual SPST Analog Switches
Rev 2; 12/06
MAX4741 MAXIM-MAX4741 Datasheet
299Kb / 12P
   0.8?? Low-Voltage, Single-Supply Dual SPST Analog Switches
Rev 0; 7/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com