Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL54056IRUZ-T Datasheet(PDF) 7 Page - Intersil Corporation

No. de pieza ISL54056IRUZ-T
Descripción Electrónicos  Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54056IRUZ-T Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL54056IRUZ-T Datasheet HTML 3Page - Intersil Corporation ISL54056IRUZ-T Datasheet HTML 4Page - Intersil Corporation ISL54056IRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54056IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54056IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54056IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54056IRUZ-T Datasheet HTML 9Page - Intersil Corporation ISL54056IRUZ-T Datasheet HTML 10Page - Intersil Corporation ISL54056IRUZ-T Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
FN6357.4
August 15, 2007
Detailed Description
The ISL54056 is a bidirectional, quad single pole/double
throw (SPDT) analog switch that offers precise switching
capability from a single 1.65V to 4.5V supply with low
ON-resistance (0.39
Ω) and high speed operation
(tON =30ns, tOFF = 16ns). The device is especially well
suited for portable battery powered equipment due to its low
operating supply voltage (1.65V), low power consumption
(6.3µW max), low leakage currents (165nA max), and the tiny
µTQFN package. The ultra low ON-resistance and rON
flatness provide very low insertion loss and distortion to
applications that require signal reproduction.
External V+ Series Resistor
For improved ESD and latch-up immunity, Intersil
recommends adding a 100
Ω resistor in series with the V+
power supply pin of the ISL54056 IC (see Figure 8).
During an overvoltage transient event, such as occurs during
system level IEC 61000 ESD testing, substrate currents can
be generated in the IC that can trigger parasitic SCR
structures to turn ON, creating a low impedance path from
the V+ power supply to ground. This will result in a
significant amount of current flow in the IC, which can
potentially create a latch-up state or permanently damage
the IC. The external V+ resistor limits the current during this
over-stress situation and has been found to prevent latch-up
or destructive damage for many overvoltage transient
events.
Under normal operation the sub-microamp IDD current of the
IC produces an insignificant voltage drop across the 100
Ω
series resistor resulting in no impact to switch operation or
performance.
FIGURE 4. OFF ISOLATION TEST CIRCUIT
FIGURE 5. rON TEST CIRCUIT
FIGURE 6. CROSSTALK TEST CIRCUIT
FIGURE 7. CAPACITANCE TEST CIRCUIT
Test Circuits and Waveforms (Continued)
ANALYZER
RL
SIGNAL
GENERATOR
V+
C
0V OR V+
NO OR NC
COM
IN
GND
V+
C
0V OR V+
NO OR NC
COM
IN
GND
VNX
V1
rON = V1/100mA
100mA
0V OR V+
ANALYZER
V+
C
NO OR NC
SIGNAL
GENERATOR
RL
GND
IN1
COM
50
Ω
NC
COM
NC OR NO
V+
C
GND
NO OR NC
COM
IN
IMPEDANCE
ANALYZER
0V OR V+
ISL54056


Número de pieza similar - ISL54056IRUZ-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL54056IRUZ-T INTERSIL-ISL54056IRUZ-T Datasheet
280Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Renesas Technology Corp
ISL54056IRUZ-T RENESAS-ISL54056IRUZ-T Datasheet
606Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
More results

Descripción similar - ISL54056IRUZ-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL8499 INTERSIL-ISL8499 Datasheet
464Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL8499IR INTERSIL-ISL8499IR Datasheet
454Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
February 5, 2008
ISL84467IRTZ INTERSIL-ISL84467IRTZ Datasheet
345Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V,Single Supply, Quad SPDT (Dual DPDT) Analog Switch
July 23, 2008
ISL8499 INTERSIL-ISL8499_06 Datasheet
329Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL84467 INTERSIL-ISL84467 Datasheet
289Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL8499 INTERSIL-ISL8499_08 Datasheet
452Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Renesas Technology Corp
ISL54056 RENESAS-ISL54056 Datasheet
606Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Intersil Corporation
ISL54056 INTERSIL-ISL54056 Datasheet
280Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Renesas Technology Corp
ISL8499 RENESAS-ISL8499 Datasheet
774Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL84467 RENESAS-ISL84467 Datasheet
679Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com