Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL55012 Datasheet(PDF) 6 Page - Intersil Corporation

No. de pieza ISL55012
Descripción Electrónicos  MMIC Silicon Bipolar Broadband Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55012 Datasheet(HTML) 6 Page - Intersil Corporation

  ISL55012 Datasheet HTML 1Page - Intersil Corporation ISL55012 Datasheet HTML 2Page - Intersil Corporation ISL55012 Datasheet HTML 3Page - Intersil Corporation ISL55012 Datasheet HTML 4Page - Intersil Corporation ISL55012 Datasheet HTML 5Page - Intersil Corporation ISL55012 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN6258.1
August 20, 2007
Small Outline Transistor Plastic Packages (SC70-6)
D
e1
E
CL
e
b
CL
A2
A
A1
CL
0.20 (0.008) M
0.10 (0.004) C
C
-C-
SEATING
PLANE
12
3
4
5
6
E1
CL
C
VIEW C
VIEW C
L
R1
R
4X
θ1
4X
θ1
GAUGE PLANE
L1
SEATING
α
L2
C
PLANE
c
BASE METAL
WITH
c1
b1
PLATING
b
P6.049A
6 LEAD SMALL OUTLINE TRANSISTOR PLASTIC PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.031
0.039
0.80
1.00
-
A1
0.001
0.004
0.025
0.10
-
A2
0.034
0.036
0.85
0.90
-
b
0.006
0.012
0.15
0.30
-
b1
0.006
0.010
0.15
0.25
-
c
0.004
0.008
0.10
0.20
6
c1
0.004
0.006
0.10
0.15
6
D
0.073
0.085
1.85
2.15
3
E
0.084 BSC
2.1 BSC
-
E1
0.045
0.053
1.15
1.35
3
e
0.0256 Ref
0.65 Ref
-
e1
0.0512 Ref
1.30 Ref
-
L
0.010
0.018
0.26
0.46
4
L1
0.016 Ref.
0.400 Ref.
-
L2
0.006 BSC
0.15 BSC
-
N6
6
5
R
0.004
-
0.10
-
-
α
-
Rev. 0 7/05
NOTES:
1. Dimensioning and tolerance per ASME Y14.5M-1994.
2. Package conforms to EIAJ SC70 and JEDEC MO203AB.
3. Dimensions D and E1 are exclusive of mold flash, protrusions,
or gate burrs.
4. Footlength L measured at reference to gauge plane.
5. “N” is the number of terminal positions.
6. These Dimensions apply to the flat section of the lead between
0.08mm and 0.15mm from the lead tip.
7. Controlling dimension: MILLIMETER. Converted inch dimen-
sions are for reference only


Número de pieza similar - ISL55012

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL55012 INTERSIL-ISL55012 Datasheet
365Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
logo
Renesas Technology Corp
ISL55012 RENESAS-ISL55012 Datasheet
539Kb / 7P
   MMIC Silicon Bipolar Broadband Amplifier
logo
Intersil Corporation
ISL55012 INTERSIL-ISL55012 Datasheet
362Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
August 25, 2010
logo
Renesas Technology Corp
ISL55012IEZ-EVAL RENESAS-ISL55012IEZ-EVAL Datasheet
539Kb / 7P
   MMIC Silicon Bipolar Broadband Amplifier
logo
Intersil Corporation
ISL55012IEZ-T7 INTERSIL-ISL55012IEZ-T7 Datasheet
365Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
More results

Descripción similar - ISL55012

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL55007 RENESAS-ISL55007 Datasheet
344Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55011 RENESAS-ISL55011 Datasheet
337Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
logo
Intersil Corporation
ISL55012IEZ-T7 INTERSIL-ISL55012IEZ-T7 Datasheet
362Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
August 25, 2010
ISL55014IEZ-T7 INTERSIL-ISL55014IEZ-T7 Datasheet
262Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
February 13, 2007
ISL55005 INTERSIL-ISL55005 Datasheet
145Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55010 INTERSIL-ISL55010 Datasheet
138Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55009 INTERSIL-ISL55009 Datasheet
147Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55011 INTERSIL-ISL55011 Datasheet
137Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55007 INTERSIL-ISL55007 Datasheet
144Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
logo
Renesas Technology Corp
ISL55010 RENESAS-ISL55010 Datasheet
338Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com