Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL55015IEZ-T7 Datasheet(PDF) 4 Page - Intersil Corporation

No. de pieza ISL55015IEZ-T7
Descripción Electrónicos  MMIC Silicon Bipolar Broadband Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55015IEZ-T7 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL55015IEZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL55015IEZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL55015IEZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL55015IEZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL55015IEZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL55015IEZ-T7 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
FN6284.1
August 16, 2007
FIGURE 5. |S12| vs FREQUENCY
FIGURE 6. |S22| vs FREQUENCY
FIGURE 7. OIP3 vs FREQUENCY
FIGURE 8. IM2 vs INPUT POWER
FIGURE 9. NOISE FIGURE vs FREQUENCY
FIGURE 10. P1dB vs FREQUENCY
Typical Performance Curves 50Ω Environment (Continued)
-28
-26
-24
-22
-20
-18
-16
0.5G
1.0G
1.5G
2.0G
2.5G
3.0G
FREQUENCY (Hz)
-16
-14
-12
-10
-8
0.5G
1.0G
1.5G
2.0G
2.5G
3.0G
FREQUENCY (Hz)
20
22
24
26
28
30
32
34
0.5G
1.0G
1.5G
2.0G
2.5G
3.0G
FREQUENCY (Hz)
-70
-60
-50
-40
-30
-20
-10
0
10
20
-25
-20
-15
-10
-5
0
INPUT POWER (dBm)
FUNDAMENTAL (1GHz)
IM2 (2.1 GHz)
0
1
2
3
4
5
6
7
0.5G
1.0G
1.5G
2.0G
2.5G
3.0G
FREQUENCY (Hz)
10
11
12
13
14
15
16
17
18
19
20
0.5G
1.0G
1.5G
2.0G
2.5G
3.0G
FREQUENCY (Hz)
ISL55015


Número de pieza similar - ISL55015IEZ-T7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL55015IEZ-T7 INTERSIL-ISL55015IEZ-T7 Datasheet
272Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55015IEZ-T7 INTERSIL-ISL55015IEZ-T7 Datasheet
292Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
February 19, 2013
logo
Renesas Technology Corp
ISL55015IEZ-T7 RENESAS-ISL55015IEZ-T7 Datasheet
484Kb / 7P
   MMIC Silicon Bipolar Broadband Amplifier
More results

Descripción similar - ISL55015IEZ-T7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL55012 INTERSIL-ISL55012_07 Datasheet
272Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
logo
Renesas Technology Corp
ISL55007 RENESAS-ISL55007 Datasheet
344Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55011 RENESAS-ISL55011 Datasheet
337Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
logo
Intersil Corporation
ISL55012IEZ-T7 INTERSIL-ISL55012IEZ-T7 Datasheet
362Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
August 25, 2010
ISL55014IEZ-T7 INTERSIL-ISL55014IEZ-T7 Datasheet
262Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
February 13, 2007
ISL55005 INTERSIL-ISL55005 Datasheet
145Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55010 INTERSIL-ISL55010 Datasheet
138Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55009 INTERSIL-ISL55009 Datasheet
147Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55011 INTERSIL-ISL55011 Datasheet
137Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55007 INTERSIL-ISL55007 Datasheet
144Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
logo
Renesas Technology Corp
ISL55010 RENESAS-ISL55010 Datasheet
338Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com