Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL55110_0712 Datasheet(PDF) 1 Page - Intersil Corporation

No. de pieza ISL55110_0712
Descripción Electrónicos  Dual, High Speed MOSFET Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55110_0712 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL55110_0712 Datasheet HTML 1Page - Intersil Corporation ISL55110_0712 Datasheet HTML 2Page - Intersil Corporation ISL55110_0712 Datasheet HTML 3Page - Intersil Corporation ISL55110_0712 Datasheet HTML 4Page - Intersil Corporation ISL55110_0712 Datasheet HTML 5Page - Intersil Corporation ISL55110_0712 Datasheet HTML 6Page - Intersil Corporation ISL55110_0712 Datasheet HTML 7Page - Intersil Corporation ISL55110_0712 Datasheet HTML 8Page - Intersil Corporation ISL55110_0712 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
®
FN6228.2
ISL55110, ISL55111
Dual, High Speed MOSFET Driver
The ISL55110 and ISL55111 are dual high speed MOSFET
drivers intended for applications requiring accurate pulse
generation and buffering. Target applications include
Ultrasound, CCD Imaging, Automotive Piezoelectric
distance sensing and clock generation circuits.
With a wide output voltage range and low ON-resistance,
these devices can drive a variety of resistive and capacitive
loads with fast rise and fall times, allowing high speed
operation with low skew, as required in large CCD array
imaging applications.
The ISL55110 and ISL55111 are compatible with 3.3V and
5V logic families and incorporate tightly controlled input
thresholds to minimize the effect of input rise time on output
pulse width. The ISL55110 has a pair of in-phase drivers
while the ISL55111 has two drivers operating in antiphase.
Both inputs of the device have independent inputs to allow
external time phasing if required.
The ISL55110 has a power-down mode for low power
consumption during equipment standby times, making it
ideal for portable products.
The ISL55110 and ISL55111 are available in 16 Ld Exposed
pad QFN packaging and 8 Ld TSSOP. Both devices are
specified for operation over the full -40°C to +85°C
temperature range.
Functional Block Diagram
Features
• 5V to 12V Pulse Magnitude
• High Current Drive 3.5A
• 6ns Minimum Pulse Width
• 1.5ns Rise and Fall Times, 100pF Load
•Low Skew
• 3.3V and 5V Logic Compatible
• In-Phase and Anti-Phase Outputs
• Small QFN and TSSOP Packaging
• Low Quiescent Current
• Pb-free (RoHS compliant)
Applications
• Ultrasound MOSFET Driver
• CCD Array Horizontal Driver
• Automotive Piezo Driver Applications
• Clock Driver Circuits
ISL55110 and ISL55111 DUAL DRIVER
VH
OA
OB
IN-A
o
o
o
o
o
IN-B
o
o
GND
o
POWER DOWN
o
VDD
o
HIZ-QFN*
*HIZ AVAILABLE IN QFN PACKAGE ONLY
*ISL55111 IN-B IS INVERTING
*
Ordering Information
PART
NUMBER
(Note)
PART
MARKING
TEMP.
RANGE (°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL55110IRZ*
55 110IRZ
-40 to +85
16 Ld QFN
L16.4x4A
ISL55110IVZ*
55110 IVZ
-40 to +85
8 Ld TSSOP M8.173
ISL55111IRZ*
55 11IRZ
-40 to +85
16 Ld QFN
L16.4x4A
ISL55111IVZ*
55111 IVZ
-40 to +85
8 Ld TSSOP M8.173
*Add “-T” suffix for tape and reel. Please refer to TB347 for details on
reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets; molding compounds/die attach
materials and 100% matte tin plate PLUS ANNEAL - e3 termination
finish, which is RoHS compliant and compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J STD-020.
Data Sheet
December 12, 2007
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2006, 2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Número de pieza similar - ISL55110_0712

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL55110EVAL1Z INTERSIL-ISL55110EVAL1Z Datasheet
475Kb / 18P
   Dual, High Speed MOSFET Driver
January 29, 2015
logo
Renesas Technology Corp
ISL55110EVAL1Z RENESAS-ISL55110EVAL1Z Datasheet
815Kb / 18P
   Dual, High Speed MOSFET Driver
logo
Intersil Corporation
ISL55110EVAL2Z INTERSIL-ISL55110EVAL2Z Datasheet
475Kb / 18P
   Dual, High Speed MOSFET Driver
January 29, 2015
logo
Renesas Technology Corp
ISL55110EVAL2Z RENESAS-ISL55110EVAL2Z Datasheet
815Kb / 18P
   Dual, High Speed MOSFET Driver
logo
Intersil Corporation
ISL55110IRZ INTERSIL-ISL55110IRZ Datasheet
413Kb / 15P
   Dual, High Speed MOSFET Driver
More results

Descripción similar - ISL55110_0712

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Supertex, Inc
MD1213 SUTEX-MD1213 Datasheet
708Kb / 7P
   High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110IVZ-T INTERSIL-ISL55110IVZ-T Datasheet
434Kb / 18P
   Dual, High Speed MOSFET Driver
ISL55110 INTERSIL-ISL55110 Datasheet
311Kb / 15P
   Dual, High Speed MOSFET Driver
logo
Supertex, Inc
MD1210 SUTEX-MD1210_07 Datasheet
532Kb / 7P
   High Speed Dual MOSFET Driver
logo
Intersil Corporation
ISL55110IRZ INTERSIL-ISL55110IRZ Datasheet
475Kb / 18P
   Dual, High Speed MOSFET Driver
January 29, 2015
ISL55110 INTERSIL-ISL55110_11 Datasheet
413Kb / 15P
   Dual, High Speed MOSFET Driver
logo
Supertex, Inc
MD1210 SUTEX-MD1210 Datasheet
178Kb / 5P
   HIGH SPEED DUAL MOSFET DRIVER
logo
Renesas Technology Corp
ISL55110 RENESAS-ISL55110 Datasheet
815Kb / 18P
   Dual, High Speed MOSFET Driver
logo
Texas Instruments
TPS2811-Q1 TI1-TPS2811-Q1 Datasheet
998Kb / 30P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVER
logo
Supertex, Inc
MD1211 SUTEX-MD1211 Datasheet
377Kb / 4P
   High Speed, Dual MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com