|
| ISL55110_0712 |
|
||
|
INTERSIL |
|
2 page
2 FN6228.2 December 12, 2007 Pinout ISL55110 (16 LD QFN) TOP VIEW ISL55111 (16 LD QFN) TOP VIEW ISL55110 (8 LD TSSOP) TOP VIEW ISL55111 (8 LD TSSOP) TOP VIEW 16 15 14 13 OB GND VH OA 1 2 3 4 12 11 10 9 VDD ENABLE PD IN-B 5678 16 15 14 13 OB GND VH OA 1 2 3 4 12 11 10 9 VDD ENABLE PD IN-B 5678 6 7 8 5 1 2 3 4 VDD PD IN-B IN-A OB VH OA GND 6 7 8 5 1 2 3 4 VDD PD IN-B IN-A OB VH OA GND Pin Descriptions 16 Ld QFN 8 Ld TSSOP PIN FUNCTION 1 1 VDD Logic Power. 10 6 VH Driver High Rail Supply. 11 7 GND Ground, Return for Both VH Rail and VDD Logic Supply. 3 2 PD Power-Down. Active Logic High Places Part in Power-Down Mode. 2 ENABLE QFN Packages Only. Provides High Speed Logic HIZ Control of Driver Outputs while Leaving Device Logic Power On. 5 4 IN-A Logic Level Input that Drives OA to VH Rail or Ground. Not Inverted. 4 3 IN-B, INB Logic Level Input that Drives OB to VH Rail or Ground. Not Inverted on ISL55110, Inverted on ISL55111. 9 5 OA Driver Output Related to IN-A. 12 8 OB Driver Output Related to IN-B. 6 through 8, 13 through 16 NC No Connect. ISL55110, ISL55111 |
|
Número de Pieza relacionado |
| Número de Pieza | Descripción de Componentes | Html View | Fabricante |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| EL7242_05 | Dual Input High Speed Dual Channel Power MOSFET Driver | 1 2 3 4 5 More | Intersil Corporation |
| SC1302A | Dual High Speed Low-Side MOSFET Driver | 1 2 3 4 5 More | Semtech Corporation |
| MD1210_07 | High Speed Dual MOSFET Driver | 1 2 3 4 5 More | Supertex, Inc |
| MD1213 | High Speed Dual MOSFET Driver | 1 2 3 4 5 More | Supertex, Inc |
| MD1810_07 | High Speed Quad MOSFET Driver | 1 2 3 4 5 More | Supertex, Inc |
| SC1301A | 2A High Speed Low-Side MOSFET Driver in SOT-23 | 1 2 3 4 5 More | Semtech Corporation |
| EL7232_06 | Dual Channel High Speed High Current Line Driver with 3-State | 1 2 3 4 5 More | Intersil Corporation |
Enlace URL |
Patrocinador de Alldatasheet |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Favorito | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |