Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD74HCT173ME4 Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza CD74HCT173ME4
Descripción Electrónicos  High-Speed CMOS Logic Quad D-Type Flip-Flop, Three-State
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT173ME4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CD74HCT173ME4 Datasheet HTML 5Page - Texas Instruments CD74HCT173ME4 Datasheet HTML 6Page - Texas Instruments CD74HCT173ME4 Datasheet HTML 7Page - Texas Instruments CD74HCT173ME4 Datasheet HTML 8Page - Texas Instruments CD74HCT173ME4 Datasheet HTML 9Page - Texas Instruments CD74HCT173ME4 Datasheet HTML 10Page - Texas Instruments CD74HCT173ME4 Datasheet HTML 11Page - Texas Instruments CD74HCT173ME4 Datasheet HTML 12Page - Texas Instruments CD74HCT173ME4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
FIGURE 7. HC THREE-STATE PROPAGATION DELAY
WAVEFORM
FIGURE 8. HCT THREE-STATE PROPAGATION DELAY
WAVEFORM
NOTE:
Open drain waveforms tPLZ and tPZL are the same as those for three-state shown on the left. The test circuit is Output RL =1kΩ to
VCC, CL = 50pF.
FIGURE 9. HC AND HCT THREE-STATE PROPAGATION DELAY TEST CIRCUIT
Test Circuits and Waveforms (Continued)
50%
10%
90%
GND
VCC
10%
90%
50%
50%
OUTPUT
DISABLE
OUTPUT LOW
TO OFF
OUTPUT HIGH
TO OFF
OUTPUTS
ENABLED
OUTPUTS
DISABLED
OUTPUTS
ENABLED
6ns
6ns
tPZH
tPHZ
tPZL
tPLZ
0.3
2.7
GND
3V
10%
90%
1.3V
1.3V
OUTPUT
DISABLE
OUTPUT LOW
TO OFF
OUTPUT HIGH
TO OFF
OUTPUTS
ENABLED
OUTPUTS
DISABLED
OUTPUTS
ENABLED
tr
6ns
tPZH
tPHZ
tPZL
tPLZ
6ns
tf
1.3
IC WITH
THREE-
STATE
OUTPUT
OTHER
INPUTS
TIED HIGH
OR LOW
OUTPUT
DISABLE
VCC FOR tPLZ AND tPZL
GND FOR tPHZ AND tPZH
OUTPUT
RL = 1kΩ
CL
50pF
CD54HC173, CD74HC173, CD54HCT173, CD74HCT173


Número de pieza similar - CD74HCT173ME4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HCT173ME4 TI-CD74HCT173ME4 Datasheet
520Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Quad D-Type Flip-Flop, Three-State
More results

Descripción similar - CD74HCT173ME4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HC173 TI-CD74HC173 Datasheet
57Kb / 10P
[Old version datasheet]   High Speed CMOS Logic Quad D-Type Flip-Flop, Three-State
CD54HC173 TI-CD54HC173 Datasheet
374Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Quad D-Type Flip-Flop, Three-State
CD54HC173 TI-CD54HC173_07 Datasheet
520Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Quad D-Type Flip-Flop, Three-State
CD74HC374 TI-CD74HC374 Datasheet
52Kb / 9P
[Old version datasheet]   High Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Positive-Edge Triggered
CD74HC175 TI-CD74HC175 Datasheet
55Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Quad D-Type Flip-Flop with Reset
CD54HC175 TI-CD54HC175_08 Datasheet
562Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad D-Type Flip-Flop with Reset
CD54HCT175 TI-CD54HCT175 Datasheet
278Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Quad D-Type Flip-Flop with Reset
CD54HCT175 TI-CD54HCT175_07 Datasheet
422Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Quad D-Type Flip-Flop with Reset
CD74HC534 TI-CD74HC534 Datasheet
52Kb / 9P
[Old version datasheet]   High Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Inverting Positive-Edge Triggered
CD54HC534 TI-CD54HC534_07 Datasheet
431Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop, Three-State Inverting Positive-Edge Triggered
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com