Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD74HCT4316ME4 Datasheet(PDF) 5 Page - Texas Instruments |
|
CD74HCT4316ME4 Datasheet(HTML) 5 Page - Texas Instruments |
5 / 20 page 5 Control Input Leakage Current II VCC or GND - 0 5.5 - - ±0.1 - ±1- ±1 µA Quiescent Device Current IO = 0 ICC Any Voltage Be- tween VCCand GND When VIS =VEE, VOS = VCC, When VIS =VCC, VOS =VEE 0 5.5 - - 8 - 80 - 160 µA -4.5 5.5 - - 16 - 160 - 320 µA Additional Quiescent Device Current Per Input Pin: 1 Unit Load ∆ICC (Note 2) VCC -2.1 - - 4.5 to 5.5 - 100 360 - 450 - 490 µA NOTE: 2. For dual-supply systems theoretical worst case (VI = 2.4V, VCC = 5.5V) specification is 1.8mA. HCT Input Loading Table INPUT UNIT LOADS All 0.5 NOTE: Unit Load is ∆ICC limit specified in DC Electrical Table, e.g., 360 µA max at 25oC. DC Electrical Specifications (Continued) PARAMETER SYMBOL TEST CONDITIONS 25oC -40oC TO 85oC -55oC TO 125oC UNITS VI (V) VIS (V) VEE (V) VCC (V) MIN TYP MAX MIN MAX MIN MAX Switching Specifications Input tr, tf = 6ns PARAMETER SYMBOL TEST CONDITIONS VEE (V) VCC (V) 25oC -40oC TO 85oC -55oC TO 125oC UNITS MIN TYP MAX MIN MAX MIN MAX HC TYPES Propagation Delay, Switch In to Out tPLH, tPHL CL = 50pF 0 2 - - 60 - 75 - 90 ns 0 4.5 - - 12 - 15 - 18 ns 0 6 - - 10 - 13 - 15 ns -4.5 4.5 - - 8 - 10 - 12 ns Turn “ON” Time E to Out tPZH, tPZL CL = 50pF 0 2 - - 205 - 255 - 310 ns 0 4.5 - - 41 - 51 - 62 ns 0 6 - - 35 - 43 - 53 ns -4.5 4.5 - - 37 - 47 - 56 ns CL = 15pF - 5 - 17 ----- ns Turn “ON” Time nS to Out tPZH, tPZL CL = 50pF 0 2 - - 175 - 220 - 265 ns 0 4.5 - - 35 - 44 - 53 ns 0 6 - - 30 - 37 - 45 ns -4.5 4.5 - - 34 - 43 - 51 ns CL = 15pF - 5 - 14 ----- ns Turn “OFF” Time E to Out tPLZ, tPHZ CL = 50pF 0 2 - - 205 - 255 - 310 ns 0 4.5 - - 41 - 51 - 62 ns 0 6 - - 35 - 43 - 53 ns -4.5 4.5 - - 37 - 47 - 56 ns CL = 15pF - 5 - 17 ----- ns CD54HC4316, CD74HC4316, CD74HCT4316 CD54HC4316, CD74HC4316, CD74HCT4316 |
Número de pieza similar - CD74HCT4316ME4 |
|
Descripción similar - CD74HCT4316ME4 |