Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N52 Datasheet(PDF) 2 Page - Leshan Radio Company

No. de pieza 1N52
Descripción Electrónicos  ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LRC [Leshan Radio Company]
Página de inicio  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

1N52 Datasheet(HTML) 2 Page - Leshan Radio Company

  1N52 Datasheet HTML 1Page - Leshan Radio Company 1N52 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
2B–2/2
NOTE: The VZ value shown is the center value with tolerance designations
as follows:
suffix B: VZ ± 5%
suffix C: VZ± 2%
suffix D: VZ ± 1%
Vz
B
Vz
± 5%
C
Vz
± 2%
D
Vz
± 1%
1N52
1N52 SERIES ZENER DIODES
1N5221B Through 1N5272B ELECTRICAL CHARACTERISTICS
(T A =25°C)unless otherwise noted.Based on dc measurements at thermal equillibrium;lead length=3/8”;thermal resistance of heat
sink=30°C/W VFmax=1.1V @ I F=200mA for all types(T A = 25°C
VFmax=1.1V@ I F=200mA
)
TYPE
Nominal
Zener
Voltage
Vz@LZT
Volts
Max Zener Voltege
Temperature Coff
(A amd Bsuffix only)
VZ(%/°C)
I R
µA
ZZT@I ZT
Ohms
Test
Current
I ZT
mA
Max Zener Impedance
A and B Sufflx only
ZZK@IZK
= 0.25mA
Ohms
Max Reverse
Leakage Current
Package
Dimensions
VR
Volts
B
DO-35
(mm)
1N5256B
1N5257B
1N5258B
1N5259B
1N5260B
1N5261B
1N5262B
1N5263B
1N5264B
1N5265B
1N5266B
1N5267B
1N5268B
1N5269B
1N5270B
1N5271B
1N5272B
30
33
36
39
43
47
51
56
60
62
68
75
82
87
91
100
110
4.2
3.8
3.4
3.2
3.0
2.7
2.5
2.2
2.1
2.0
1.8
1.7
1.5
1.4
1.4
1.3
1.1
49
58
70
80
93
105
125
150
170
185
230
270
330
370
400
500
750
600
700
700
800
900
1000
1100
1300
1400
1400
1600
1700
2000
2200
2300
2600
3000
0.1
0.1
0.1
0.1
23
25
27
30
33
36
39
43
46
47
52
56
62
68
69
76
84
+0.091
+0.092
+0.093
+0.094
+0.095
+0.095
+0.096
+0.096
+0.097
+0.097
+0.097
+0.098
+0.098
+0.099
+0.099
+0.110
+0.110


Número de pieza similar - 1N52

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Changzhou Shunye Electr...
1N52 SY-1N52 Datasheet
316Kb / 3P
   ZENER DIODES
logo
Yangzhou yangjie electr...
1N52 YANGJIE-1N52 Datasheet
285Kb / 5P
   Zener Diodes
logo
Rugao Dachang Electroni...
1N52 DACHANG-1N52 Datasheet
121Kb / 2P
   High stability and high reliability
logo
Shunye Enterprise
1N52 SHUNYE-1N52 Datasheet
316Kb / 3P
   ZENER DIODES
logo
Microdiode Electronics ...
1N52 CHENDA-1N52 Datasheet
794Kb / 3P
   Low zener impedance
More results

Descripción similar - 1N52

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com