Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME5106 Datasheet(PDF) 11 Page - Analog Microelectronics

No. de pieza AME5106
Descripción Electrónicos  PWM Control 2A Buck Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5106 Datasheet(HTML) 11 Page - Analog Microelectronics

Back Button AME5106 Datasheet HTML 4Page - Analog Microelectronics AME5106 Datasheet HTML 5Page - Analog Microelectronics AME5106 Datasheet HTML 6Page - Analog Microelectronics AME5106 Datasheet HTML 7Page - Analog Microelectronics AME5106 Datasheet HTML 8Page - Analog Microelectronics AME5106 Datasheet HTML 9Page - Analog Microelectronics AME5106 Datasheet HTML 10Page - Analog Microelectronics AME5106 Datasheet HTML 11Page - Analog Microelectronics AME5106 Datasheet HTML 12Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AME, Inc.
11
AME5106
Rev.A.01
PWM Control 2A Buck
Converter
C
n Package Dimension
SOP-8
MIN
MAX
MIN
MAX
A
1.35
1.75
0.05315
0.0689
A1
0.10
0.30
0.00394 0.01181
A2
B
0.33
0.51
0.01299 0.02008
C
0.19
0.25
0.00748 0.00984
D
4.80
5.33
0.18898 0.20984
E
3.80
4.00
0.14961 0.15748
e
L
0.40
1.27
0.01575 0.05000
H
5.80
6.30
0.22835 0.24803
y
-
0.10
-
0.00394
θ
0
o
8
o
0
o
8
o
SYMBOLS
MILLIMETERS
INCHES
1.473 REF
0.05799 REF
1.27 BSC
0.05000 BSC
7
o(4X)
Top View
Side View
Front View
D
E
e
B
H
θ
L
C


Número de pieza similar - AME5106

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME5104 AME-AME5104 Datasheet
87Kb / 12P
   DC/DC Buck Converter
AME5104ACDV12AZ AME-AME5104ACDV12AZ Datasheet
87Kb / 12P
   DC/DC Buck Converter
AME5104ACDV330Z AME-AME5104ACDV330Z Datasheet
87Kb / 12P
   DC/DC Buck Converter
AME5104ACDV500Z AME-AME5104ACDV500Z Datasheet
87Kb / 12P
   DC/DC Buck Converter
AME5104ACDVADJZ AME-AME5104ACDVADJZ Datasheet
87Kb / 12P
   DC/DC Buck Converter
More results

Descripción similar - AME5106

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Monolithic Sys...
AMS4154 ADMOS-AMS4154 Datasheet
277Kb / 5P
   2A OUTPUT PWM BUCK CONVERTER
AMS4155 ADMOS-AMS4155 Datasheet
389Kb / 6P
   2A OUTPUT PWM BUCK CONVERTER
logo
Taiwan Semiconductor Co...
TS2508 TSC-TS2508 Datasheet
242Kb / 8P
   2A / 330KHz PWM Buck Converter
logo
ACE Technology Co., LTD...
ACE722A ACE-ACE722A Datasheet
179Kb / 9P
   2A PWM BUCK DC-DC Converter
VER 1.2
logo
Unisonic Technologies
P3576 UTC-P3576_18 Datasheet
145Kb / 6P
   2A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1509 DIODES-AP1509_18 Datasheet
317Kb / 12P
   2A PWM BUCK DC-DC CONVERTER
logo
Analog Microelectronics
AME5107 AME-AME5107 Datasheet
205Kb / 12P
   PWM Control 3A Buck Converter
logo
Diodes Incorporated
AP1513 DIODES-AP1513_17 Datasheet
495Kb / 9P
   PWM CONTROL 2A STEP-DOWN CONVERTER
logo
SI-CORE CORP.
CX4060 SICORE-CX4060 Datasheet
416Kb / 9P
   PWM Control 2A Step-Down Converter
Rev. 1.02
logo
FOSLINK SEMICONDUCTOR C...
FSP3133 FOSLINK-FSP3133 Datasheet
219Kb / 7P
   PWM CONTROL 2A STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com