Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL431-AZSF Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

No. de pieza TL431-AZSF
Descripción Electrónicos  PROGRAMMABLE PRECISION SHUNT REGULATOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

TL431-AZSF Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TL431-AZSF Datasheet HTML 1Page - List of Unclassifed Manufacturers TL431-AZSF Datasheet HTML 2Page - List of Unclassifed Manufacturers TL431-AZSF Datasheet HTML 3Page - List of Unclassifed Manufacturers TL431-AZSF Datasheet HTML 4Page - List of Unclassifed Manufacturers TL431-AZSF Datasheet HTML 5Page - List of Unclassifed Manufacturers TL431-AZSF Datasheet HTML 6Page - List of Unclassifed Manufacturers TL431-AZSF Datasheet HTML 7Page - List of Unclassifed Manufacturers TL431-AZSF Datasheet HTML 8Page - List of Unclassifed Manufacturers TL431-AZSF Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
PROGRAMMABLE PRECISION SHUNT REGULATOR
TL431Z/AZ /CZ
TL431AZ ELECTRICAL CHARACTERISTICS
(TA=25℃, unless otherwise specified)
Reference Input Voltage
VKA=VREF, IK=10㎃
Deviation of Reference
VKA=VREF, IK=10㎃
Input Voltage Over
TA=Full Range
Full Temperature Range
Ratio of Change in
Reference Input Voltage
to the Change in Cathod
Voltage
Reference Input Current
IKA=10㎃, R1=10㏀, R2=∞
Deviation of Reference
IK=10㎃, R1=10㏀, R2=∞
Input Current Over Full
TA=Full Range
Temperature Range
Minimum Cathode
ΔVKA=VREF
Current for Regulation
Off-State Cathode
VKA=36V, VREF=0
Current
Dynamic Impedance
VKA=VREF, IK=1㎃~100㎃,
f≤1㎑
TL431CZ ELECTRICAL CHARACTERISTICS
(TA=25℃, unless otherwise specified)
Reference Input Voltage
VKA=VREF, IK=10㎃
Deviation of Reference
VKA=VREF, IK=10㎃
Input Voltage Over
TA=Full Range
Full Temperature Range
Ratio of Change in
Reference Input Voltage
to the Change in Cathod
Voltage
Reference Input Current
IKA=10㎃, R1=10㏀, R2=∞
Deviation of Reference
IK=10㎃, R1=10㏀, R2=∞
Input Current Over Full
TA=Full Range
Temperature Range
Minimum Cathode
ΔVKA=VREF
Current for Regulation
Off-State Cathode
VKA=36V, VREF=0
Current
Dynamic Impedance
VKA=VREF, IK=1㎃~100㎃,
f≤1㎑
Jan. 2007 - Rev 1.0
HTC
MIN.
TYP.
MAX.
UNIT
CHARACTERISTIC
SYMBOL CIR-CUIT
TEST CONDITION
13
17
VREF
1
2.470
2.495
V
-1.4
-2.7
2
2.0
ΔVREF/ΔVKA
2
IK=10㎃
ΔVKA=10V-VREF
ΔVKA=36V-10V
ΔVREF/ΔT
1.2
4
-2
2.520
ΔIREF/ΔT
2
0.4
IREF
㎷/V
IKAMIN
1
0.4
1
IKAOFF
3
0.1
1
1
0.2
0.5
UNIT
CHARACTERISTIC
SYMBOL CIR-CUIT
TEST CONDITION
ZKA
VREF
1
2.482
2.495
ΔVREF/ΔT
13
17
ΔVREF/ΔVKA
2
IK=10㎃
ΔVKA=10V-VREF
ΔVKA=36V-10V
IREF
2
㎷/V
-1
-2
-1.4
-2.7
ΔIREF/ΔT
2
0.4
1.2
IKAMIN
1
0.4
1
IKAOFF
3
0.1
1
4㎂
2.508
V
ZKA
1
0.2
0.5
2.0
MIN.
TYP.
MAX.
-1
4


Número de pieza similar - TL431-AZSF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HTC Korea TAEJIN Techno...
TL431-AZ HTC-TL431-AZ Datasheet
454Kb / 10P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
More results

Descripción similar - TL431-AZSF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HTC Korea TAEJIN Techno...
TL431Z HTC-TL431Z Datasheet
454Kb / 10P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
TJR431A HTC-TJR431A Datasheet
161Kb / 4P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
TL431 HTC-TL431_10 Datasheet
671Kb / 12P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
logo
Micro Commercial Compon...
TL431X MCC-TL431X Datasheet
690Kb / 2P
   Programmable Precision Shunt Regulator
logo
HTC Korea TAEJIN Techno...
LM431 HTC-LM431 Datasheet
284Kb / 9P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
logo
Micro Commercial Compon...
TL431KLP MCC-TL431KLP Datasheet
299Kb / 4P
   Programmable Precision Shunt Regulator
TL431X MCC-TL431X_11 Datasheet
628Kb / 3P
   Programmable Precision Shunt Regulator
TL431LP MCC-TL431LP_13 Datasheet
185Kb / 3P
   Programmable Precision Shunt Regulator
TL431LP MCC-TL431LP Datasheet
124Kb / 3P
   Programmable Precision Shunt Regulator
logo
HTC Korea TAEJIN Techno...
TJ431 HTC-TJ431 Datasheet
188Kb / 5P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com