Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL431-CZSF Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

No. de pieza TL431-CZSF
Descripción Electrónicos  PROGRAMMABLE PRECISION SHUNT REGULATOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

TL431-CZSF Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button TL431-CZSF Datasheet HTML 7Page - List of Unclassifed Manufacturers TL431-CZSF Datasheet HTML 8Page - List of Unclassifed Manufacturers TL431-CZSF Datasheet HTML 9Page - List of Unclassifed Manufacturers TL431-CZSF Datasheet HTML 10Page - List of Unclassifed Manufacturers TL431-CZSF Datasheet HTML 11Page - List of Unclassifed Manufacturers TL431-CZSF Datasheet HTML 12Page - List of Unclassifed Manufacturers TL431-CZSF Datasheet HTML 13Page - List of Unclassifed Manufacturers TL431-CZSF Datasheet HTML 14Page - List of Unclassifed Manufacturers TL431-CZSF Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
PROGRAMMABLE PRECISION SHUNT REGULATOR
TL431Z/AZ /CZ
APPLICATION INFORMATION
NOTE A : R Should provide cathode current≥1㎃ to the TL431 at minimum VI(BATT)
Figure 15. Shunt Regulator
Figure 16. Single-Supply Comparator With Temperature-Compensated Threshold
NOTE A : R Should provide cathode current≥1㎃ to the TL431 at minimum VI(BATT)
Figure 17. Precision High-Current Series Regulator
Jan. 2007 - Rev 1.0
HTC
11
R
(SEE NOTE A)
VO
TL431
R1
0.1%
R2
0.1%
VO =
(1+
R1
R2
VREF
VREF
VI(BATT)
RETURN
VO
INPUT
VIT
VI(BATT)
GND
TL431
~
~ 2.5V
VON
VOFF
~
~
~
~
2.5V
VI(BATT)
VO
TL431
2N222
VO =
(1+
R1
R2
VREF
VI(BATT)
R
(SEE NOTE A)
2N222
4.7㏀
R1
0.1%
R2
0.1%
30Ω
0.01㎌


Número de pieza similar - TL431-CZSF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HTC Korea TAEJIN Techno...
TL431-CZ HTC-TL431-CZ Datasheet
454Kb / 10P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
More results

Descripción similar - TL431-CZSF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HTC Korea TAEJIN Techno...
TL431Z HTC-TL431Z Datasheet
454Kb / 10P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
TJR431A HTC-TJR431A Datasheet
161Kb / 4P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
TL431 HTC-TL431_10 Datasheet
671Kb / 12P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
logo
Micro Commercial Compon...
TL431X MCC-TL431X Datasheet
690Kb / 2P
   Programmable Precision Shunt Regulator
logo
HTC Korea TAEJIN Techno...
LM431 HTC-LM431 Datasheet
284Kb / 9P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
logo
Micro Commercial Compon...
TL431KLP MCC-TL431KLP Datasheet
299Kb / 4P
   Programmable Precision Shunt Regulator
TL431X MCC-TL431X_11 Datasheet
628Kb / 3P
   Programmable Precision Shunt Regulator
TL431LP MCC-TL431LP_13 Datasheet
185Kb / 3P
   Programmable Precision Shunt Regulator
TL431LP MCC-TL431LP Datasheet
124Kb / 3P
   Programmable Precision Shunt Regulator
logo
HTC Korea TAEJIN Techno...
TJ431 HTC-TJ431 Datasheet
188Kb / 5P
   PROGRAMMABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com