Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP320C6000GDP200 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TMP320C6000GDP200
Descripción Electrónicos  FLOATING-POINT DIGITAL SIGNAL PROCESSOR
Download  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TMP320C6000GDP200 Datasheet(HTML) 1 Page - Texas Instruments

  TMP320C6000GDP200 Datasheet HTML 1Page - Texas Instruments TMP320C6000GDP200 Datasheet HTML 2Page - Texas Instruments TMP320C6000GDP200 Datasheet HTML 3Page - Texas Instruments TMP320C6000GDP200 Datasheet HTML 4Page - Texas Instruments TMP320C6000GDP200 Datasheet HTML 5Page - Texas Instruments TMP320C6000GDP200 Datasheet HTML 6Page - Texas Instruments TMP320C6000GDP200 Datasheet HTML 7Page - Texas Instruments TMP320C6000GDP200 Datasheet HTML 8Page - Texas Instruments TMP320C6000GDP200 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 148 page
background image
TMS320C6713
FLOATINGPOINT DIGITAL SIGNAL PROCESSOR
SPRS186L − DECEMBER 2001 − REVISED NOVEMBER 2005
1
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
D Highest-Performance Floating-Point Digital
Signal Processor (DSP)
− Eight 32-Bit Instructions/Cycle
− 32/64-Bit Data Word
− 225-, 200-MHz (GDP), and 200-, 167-MHz
(PYP) Clock Rates
− 4.4-, 5-, 6-Instruction Cycle Times
− 1800/1350, 1600/1200, and 1336/1000
MIPS/MFLOPS
− Rich Peripheral Set, Optimized for Audio
− Highly Optimized C/C++ Compiler
− Extended Temperature Devices Available
D Advanced Very Long Instruction Word
(VLIW) TMS320C67x
 DSP Core
− Eight Independent Functional Units:
− Two ALUs (Fixed-Point)
− Four ALUs (Floating- and Fixed-Point)
− Two Multipliers (Floating- and
Fixed-Point)
− Load-Store Architecture With 32 32-Bit
General-Purpose Registers
− Instruction Packing Reduces Code Size
− All Instructions Conditional
D Instruction Set Features
− Native Instructions for IEEE 754
− Single- and Double-Precision
− Byte-Addressable (8-, 16-, 32-Bit Data)
− 8-Bit Overflow Protection
− Saturation; Bit-Field Extract, Set, Clear;
Bit-Counting; Normalization
D L1/L2 Memory Architecture
− 4K-Byte L1P Program Cache
(Direct-Mapped)
− 4K-Byte L1D Data Cache (2-Way)
− 256K-Byte L2 Memory Total: 64K-Byte
L2 Unified Cache/Mapped RAM, and
192K-Byte Additional L2 Mapped RAM
D Device Configuration
− Boot Mode: HPI, 8-, 16-, 32-Bit ROM Boot
− Endianness: Little Endian, Big Endian
D 32-Bit External Memory Interface (EMIF)
− Glueless Interface to SRAM, EPROM,
Flash, SBSRAM, and SDRAM
− 512M-Byte Total Addressable External
Memory Space
D Enhanced Direct-Memory-Access (EDMA)
Controller (16 Independent Channels)
D 16-Bit Host-Port Interface (HPI)
D Two McASPs
− Two Independent Clock Zones Each
(1 TX and 1 RX)
− Eight Serial Data Pins Per Port:
Individually Assignable to any of the
Clock Zones
− Each Clock Zone Includes:
− Programmable Clock Generator
− Programmable Frame Sync Generator
− TDM Streams From 2-32 Time Slots
− Support for Slot Size:
8, 12, 16, 20, 24, 28, 32 Bits
− Data Formatter for Bit Manipulation
− Wide Variety of I2S and Similar Bit
Stream Formats
− Integrated Digital Audio Interface
Transmitter (DIT) Supports:
− S/PDIF, IEC60958-1, AES-3, CP-430
Formats
− Up to 16 transmit pins
− Enhanced Channel Status/User Data
− Extensive Error Checking and Recovery
D Two Inter-Integrated Circuit Bus (I2C Bus)
Multi-Master and Slave Interfaces
D Two Multichannel Buffered Serial Ports:
− Serial-Peripheral-Interface (SPI)
− High-Speed TDM Interface
− AC97 Interface
D Two 32-Bit General-Purpose Timers
D Dedicated GPIO Module With 16 pins
(External Interrupt Capable)
D Flexible Phase-Locked-Loop (PLL) Based
Clock Generator Module
D IEEE-1149.1 (JTAG)
Boundary-Scan-Compatible
D 208-Pin PowerPAD Plastic (Low-Profile)
Quad Flatpack (PYP)
D 272-BGA Packages (GDP)
D 0.13-µm/6-Level Copper Metal Process
− CMOS Technology
D 3.3-V I/Os, 1.2-VInternal (GDP & PYP)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2005, Texas Instruments Incorporated
TMS320C67x and PowerPAD are trademarks of Texas Instruments.
I2C Bus is a trademark of Philips Electronics N.V. Corporation
All trademarks are the property of their respective owners.
† IEEE Standard 1149.1-1990 Standard-Test-Access Port and Boundary Scan Architecture.
‡ These values are compatible with existing 1.26−V designs.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Número de pieza similar - TMP320C6000GDP200

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP320C6201GFN100 TI-TMP320C6201GFN100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMP320C6201GFNA100 TI-TMP320C6201GFNA100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMP320C6201GGP100 TI-TMP320C6201GGP100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMP320C6201GGP120 TI-TMP320C6201GGP120 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMP320C6201GGPA100 TI-TMP320C6201GGPA100 Datasheet
1Mb / 70P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results

Descripción similar - TMP320C6000GDP200

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMS320C6747 TI-TMS320C6747 Datasheet
1Mb / 203P
[Old version datasheet]   Floating-point Digital Signal Processor
TMS320C6713B TI-TMS320C6713B_10 Datasheet
2Mb / 154P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6701 TI-SM320C6701 Datasheet
894Kb / 63P
[Old version datasheet]   FLOATING - POINT DIGITAL SIGNAL PROCESSOR
SMJ320C6701 TI-SMJ320C6701_07 Datasheet
925Kb / 64P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMV320C6727B-SP TI-SMV320C6727B-SP_15 Datasheet
573Kb / 112P
[Old version datasheet]   Floating-Point Digital Signal Processor
TMS320C6701 TI-TMS320C6701_08 Datasheet
967Kb / 70P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6701-EP TI1-SM320C6701-EP Datasheet
938Kb / 65P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMSC6701 TI-TMSC6701 Datasheet
862Kb / 64P
[Old version datasheet]   FLOATING POINT DIGITAL SIGNAL PROCESSOR
SM320C6727B TI1-SM320C6727B Datasheet
710Kb / 111P
[Old version datasheet]   Floating-Point Digital Signal Processor
SMJ320C6701 TI-SMJ320C6701_15 Datasheet
1,002Kb / 66P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com