Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STGW39NC60VD Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza STGW39NC60VD
Descripción Electrónicos  40 A - 600 V - very fast IGBT
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGW39NC60VD Datasheet(HTML) 1 Page - STMicroelectronics

  STGW39NC60VD_08 Datasheet HTML 1Page - STMicroelectronics STGW39NC60VD_08 Datasheet HTML 2Page - STMicroelectronics STGW39NC60VD_08 Datasheet HTML 3Page - STMicroelectronics STGW39NC60VD_08 Datasheet HTML 4Page - STMicroelectronics STGW39NC60VD_08 Datasheet HTML 5Page - STMicroelectronics STGW39NC60VD_08 Datasheet HTML 6Page - STMicroelectronics STGW39NC60VD_08 Datasheet HTML 7Page - STMicroelectronics STGW39NC60VD_08 Datasheet HTML 8Page - STMicroelectronics STGW39NC60VD_08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
January 2008
Rev 7
1/15
15
STGW39NC60VD
40 A - 600 V - very fast IGBT
Features
Low CRES / CIES ratio (no cross conduction
susceptibility)
IGBT co-packaged with ultra fast free-wheeling
diode
Applications
High frequency inverters
UPS
Motor drivers
Induction heating
Description
This IGBT utilizes the advanced PowerMESH™
process resulting in an excellent trade-off
between switching performance and low on-state
behaviour.
Figure 1.
Internal schematic diagram
TO-247
1
2
3
Table 1.
Device summary
Order code
Marking
Package
Packaging
STGW39NC60VD
GW39NC60VD
TO-247
Tube
www.st.com


Número de pieza similar - STGW39NC60VD_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD_06 Datasheet
285Kb / 13P
   N-channel 40A - 600V - TO-247 Very fast switching PowerMESH TM IGBT
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD_07 Datasheet
323Kb / 14P
   N-channel 40A - 600V - TO-247 Very fast switching PowerMESH??IGBT
More results

Descripción similar - STGW39NC60VD_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_08 Datasheet
774Kb / 19P
   600 V - 10 A - very fast IGBT
STGB19NC60H STMICROELECTRONICS-STGB19NC60H Datasheet
663Kb / 15P
   19 A - 600 V - very fast IGBT
September 2009 Rev 4
STGB20NC60V STMICROELECTRONICS-STGB20NC60V Datasheet
407Kb / 16P
   30 A - 600 V - very fast IGBT
STGB19NC60HD STMICROELECTRONICS-STGB19NC60HD Datasheet
511Kb / 18P
   19 A - 600 V - very fast IGBT
STGB19NC60HD STMICROELECTRONICS-STGB19NC60HD_09 Datasheet
724Kb / 17P
   19 A - 600 V - very fast IGBT
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_V01 Datasheet
771Kb / 19P
   600 V - 10 A - very fast IGBT
Rev 5 December 2008
STGW45NC60VD STMICROELECTRONICS-STGW45NC60VD Datasheet
370Kb / 15P
   45 A - 600 V - very fast IGBT
STGP19NC60H STMICROELECTRONICS-STGP19NC60H Datasheet
318Kb / 14P
   19 A - 600 V - very fast IGBT
STGFW30NC60V STMICROELECTRONICS-STGFW30NC60V Datasheet
763Kb / 13P
   30 A - 600 V - very fast IGBT
April 2012 Rev 1
STGB20NC60V STMICROELECTRONICS-STGB20NC60V_V01 Datasheet
469Kb / 20P
   30 A - 600 V - very fast IGBT
Rev 6 June 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com