Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK14EC16-BF25TR Datasheet(PDF) 1 Page - Simtek Corporation

No. de pieza STK14EC16-BF25TR
Descripción Electrónicos  256Kx16 AutoStore nvSRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIMTEK [Simtek Corporation]
Página de inicio  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK14EC16-BF25TR Datasheet(HTML) 1 Page - Simtek Corporation

  STK14EC16-BF25TR Datasheet HTML 1Page - Simtek Corporation STK14EC16-BF25TR Datasheet HTML 2Page - Simtek Corporation STK14EC16-BF25TR Datasheet HTML 3Page - Simtek Corporation STK14EC16-BF25TR Datasheet HTML 4Page - Simtek Corporation STK14EC16-BF25TR Datasheet HTML 5Page - Simtek Corporation STK14EC16-BF25TR Datasheet HTML 6Page - Simtek Corporation STK14EC16-BF25TR Datasheet HTML 7Page - Simtek Corporation STK14EC16-BF25TR Datasheet HTML 8Page - Simtek Corporation STK14EC16-BF25TR Datasheet HTML 9Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
STK14EC16
1
Jan, 2008
Document Control #ML0061 Rev 1.1
This is a product in development that has fixed tar-
get specifications that are subject to change pend-
ing characterization results.
SIMTEK Confidential & Proprietary
Preliminary
FEATURES
• 15, 25, 45 ns Read Access and R/W Cycle Time
• Unlimited Read/Write Endurance
• Automatic Non-volatile STORE on Power Loss
• Non-Volatile STORE Under Hardware or Software
Control
• Automatic RECALL to SRAM on Power Up
• Unlimited RECALL Cycles
• 200K STORE Endurance
• 20-Year Non-volatile Data Retention
• Single 3.0V +20%, -10% Operation
• Commercial, Industrial Temperatures
• 44-pin or 54-pin 400-mil TSOPII Packages (RoHS-
Compliant)
• 48-ball Fine Pitch Ball Grid Array (FBGA)
DESCRIPTION
The Simtek STK14EC16 is a 4MB fast static RAM
with a non-volatile Quantum Trap storage element
included with each memory cell.
The SRAM provides the fast access & cycle times,
ease of use and unlimited read & write endurance of
a normal SRAM.
Data transfers automatically to the non-volatile stor-
age cells when power loss is detected (the STORE
operation). On power up, data is automatically
restored to the SRAM (the RECALL operation). Both
STORE and RECALL operations are also available
under software control.
The Simtek nvSRAM is the highest performance,
most reliable non-volatile memory available.
BLOCK DIAGRAM
EEPROM Array
2048 x 2048
RECALL
Store/
Recall
Control
HSB
Power
Control
STORE
SRAM
Array
2048 x 2048
Column I/O
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
G
W
E
LB
A0 - A17
Software
Detect
A0
A2
A3
A4
A5
A6
A7
A8
A17
A1
Column Decoder
A9 A10 A11 A12 A13 A14 A15 A16
Pachuco Boys
VCC
VCAP
UB
256Kx16 AutoStore nvSRAM


Número de pieza similar - STK14EC16-BF25TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Simtek Corporation
STK14EC8 SIMTEK-STK14EC8 Datasheet
202Kb / 18P
   512Kx8 Autostore nvSRAM
STK14EC8 SIMTEK-STK14EC8 Datasheet
492Kb / 19P
   512Kx8 Autostore nvSRAM
STK14EC8-BF15 SIMTEK-STK14EC8-BF15 Datasheet
492Kb / 19P
   512Kx8 Autostore nvSRAM
STK14EC8-BF15I SIMTEK-STK14EC8-BF15I Datasheet
492Kb / 19P
   512Kx8 Autostore nvSRAM
STK14EC8-BF15ITR SIMTEK-STK14EC8-BF15ITR Datasheet
492Kb / 19P
   512Kx8 Autostore nvSRAM
More results

Descripción similar - STK14EC16-BF25TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14CA8 SIMTEK-STK14CA8 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK12C68 SIMTEK-STK12C68 Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3_08 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3_08 Datasheet
343Kb / 13P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com