Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF7335D1PBF Datasheet(PDF) 2 Page - International Rectifier

No. de pieza IRF7335D1PBF
Descripción Electrónicos  Dual FETKY Co-Packaged Dual MOSFET Plus Schottky Diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF7335D1PBF Datasheet(HTML) 2 Page - International Rectifier

  IRF7335D1PBF Datasheet HTML 1Page - International Rectifier IRF7335D1PBF Datasheet HTML 2Page - International Rectifier IRF7335D1PBF Datasheet HTML 3Page - International Rectifier IRF7335D1PBF Datasheet HTML 4Page - International Rectifier IRF7335D1PBF Datasheet HTML 5Page - International Rectifier IRF7335D1PBF Datasheet HTML 6Page - International Rectifier IRF7335D1PBF Datasheet HTML 7Page - International Rectifier IRF7335D1PBF Datasheet HTML 8Page - International Rectifier IRF7335D1PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IRF7335D1PbF
2
www.irf.com
Parameter
Min
Typ
Max
Min
Typ
Max Units
Conditions
Continuous Source Current
I
S
10
10
A
MOSFET symbol
(Body Diode)
showing the
Pulse Source Current
I
SM
81
81
intergral reverse
(Body Diode)
p-n junction diode
Diode Forward Voltage
V
SD
1
1.25
0.43
0.50
V
T
J = 25°C, IS = 1.0A,VGS= 0V
Reverse Recovery Time
t
rr
28
31
ns
T
J = 125°C, IF = 8.0A, VR= 15V
Reverse Recovery Charge
Q
rr
24
26
nC
di/dt = 100A/µs
Reverse Recovery Time
t
rr
29
31
ns
T
J = 125°C, IF =8.0A, VR= 15V
Reverse Recovery Charge
Q
rr
26
26
nC
di/dt =100A/µs
Parameter
Min
Typ
Max
Min
Typ
Max Units
Conditions
Drain-to-Source
BV
DSS
30
30
V
V
GS = 0V, ID = 250µA
Breakdown Voltage
Static Drain-Source
R
DS(on)
13.4
17.5
9.6
12.8
m
Ω V
GS = 4.5V, ID = 10A‚
on Resistance
Gate Threshold Voltage
V
GS(th)
1.0
1.1
V
V
DS = VGS,ID = 250µA
Drain-Source Leakage
I
DSS
30
30
µA
V
DS = 24V, VGS = 0
0.3
10
mA
V
DS = 24V, VGS = 0, Tj = 125°C
Gate-Source Leakage
I
GSS
±100
±100
nA
V
GS = ±12V
Current
Forward Transconductance
g
FS
21
28
S
V
GS
=5V, I
D
=8.0A, V
DS
=15V
Total Gate Charge
Q
G
13
20
18
27
V
GS=4.5V,
I
D=8.0A, VDS=15V
Pre-Vth
Q
GS1
3.2
5.8
Gate-Source Charge
Post-Vth
Q
GS2
1.4
1.5
nC
Gate-Source Charge
Gate to Drain Charge
Q
GD
4.1
4.9
Switch Chg(Q
gs2 + Qgd)
Q
sw
5.5
6.4
Output Charge
Q
oss
7.7
11
nC
V
DS = 16V, VGS = 0
Gate Resistance
R
G
4.3
10
2.6
5.0
Turn-on Delay Time
t
d (on)
6.8
8.8
V
DD = 16V, ID = 8.0A
Rise Time
t
r
5.9
3.3
ns
V
GS = 4.5V
Turn-off Delay Time
t
d (off)
19
17
Clamped Inductive Load
Fall Time
t
f
9.1
7.0
Input Capacitance
C
iss
1500
2300
Output Capacitance
C
oss
310
450
pF
V
DS = 15V, VGS = 0
Reverse Transfer Capacitance
C
rss
140
180
Electrical Characteristics
Source-Drain Rating & Characteristics
& Schottky
Current
Q1-Control FET
Q2-Synch FET
Breakdown Voltage
∆BV
DSS/
T
J 0.025
0.033
V
Reference to 25°C, I
D = 1.0mA
Tem. Coefficient
S
D
G


Número de pieza similar - IRF7335D1PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7335D1 IRF-IRF7335D1 Datasheet
216Kb / 12P
   Dual FETKY CO-PACKAGED DUAL MOSFET PLUS SCHOTTKY DIODE
More results

Descripción similar - IRF7335D1PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7335D1 IRF-IRF7335D1 Datasheet
216Kb / 12P
   Dual FETKY CO-PACKAGED DUAL MOSFET PLUS SCHOTTKY DIODE
IRF7901D1 IRF-IRF7901D1 Datasheet
256Kb / 8P
   Dual FETKY??Co-Packaged Dual MOSFET Plus Schottky Diode
IRF7321D2PBF IRF-IRF7321D2PBF Datasheet
208Kb / 8P
   FETKY MOSFET & Schottky Diode
IRF7326D2 IRF-IRF7326D2 Datasheet
116Kb / 8P
   FETKY MOSFET / Schottky Diode
IRF7807D2PBF IRF-IRF7807D2PBF Datasheet
107Kb / 8P
   FETKY??MOSFET / SCHOTTKY DIODE
IRF7342D2PBF IRF-IRF7342D2PBF Datasheet
200Kb / 11P
   FETKY MOSFET & Schottky Diode
IRF7807VD1 IRF-IRF7807VD1 Datasheet
117Kb / 9P
   FETKY??MOSFET / SCHOTTKY DIODE
IRF7353D2 IRF-IRF7353D2 Datasheet
128Kb / 8P
   FETKY MOSFET / Schottky Diode
IRF7807VD2PBF IRF-IRF7807VD2PBF Datasheet
138Kb / 9P
   FETKY MOSFET / SCHOTTKY DIODE
IRF7807VD2 IRF-IRF7807VD2 Datasheet
115Kb / 9P
   FETKY??MOSFET / SCHOTTKY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com