Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF7335D1PBF Datasheet(PDF) 5 Page - International Rectifier

No. de pieza IRF7335D1PBF
Descripción Electrónicos  Dual FETKY Co-Packaged Dual MOSFET Plus Schottky Diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF7335D1PBF Datasheet(HTML) 5 Page - International Rectifier

  IRF7335D1PBF Datasheet HTML 1Page - International Rectifier IRF7335D1PBF Datasheet HTML 2Page - International Rectifier IRF7335D1PBF Datasheet HTML 3Page - International Rectifier IRF7335D1PBF Datasheet HTML 4Page - International Rectifier IRF7335D1PBF Datasheet HTML 5Page - International Rectifier IRF7335D1PBF Datasheet HTML 6Page - International Rectifier IRF7335D1PBF Datasheet HTML 7Page - International Rectifier IRF7335D1PBF Datasheet HTML 8Page - International Rectifier IRF7335D1PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
IRF7335D1PbF
www.irf.com
5
Fig 13. Typical Capacitance Vs.Drain-to-Source Voltage
Fig 14. Typical Capacitance Vs.Drain-to-Source Voltage
Fig 17. Maximum Safe Operating Area
Fig. 15. Gate-to-Source Voltage vs Typical Gate Charge
Fig. 16. Gate-to-Source Voltage vs Typical Gate Charge
Fig 18. Maximum Safe Operating Area
Typical Characteristics
Q1 - Control FET
Q2 - Synchronous FET & Schottky
1
10
100
VDS, Drain-to-Source Voltage (V)
0
500
1000
1500
2000
2500
3000
3500
4000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
C iss
= Cgs + Cgd ,
C ds
SHORTED
Crss = Cgd
Coss = Cds + Cgd
0.1
1.0
10.0
100.0
1000.0
VDS , Drain-toSource Voltage (V)
0.1
1
10
100
1000
Tc = 25°C
Tj = 150°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY RDS(on)
100µsec
1
10
100
VDS, Drain-to-Source Voltage (V)
0
500
1000
1500
2000
2500
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
C iss
= C gs + C gd , C ds
SHORTED
Crss
= Cgd
Coss = Cds + Cgd
0.1
1.0
10.0
100.0
1000.0
VDS , Drain-toSource Voltage (V)
0.1
1
10
100
1000
Tc = 25°C
Tj = 150°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY RDS(on)
100µsec
0
5
10
15
20
25
30
QG Total Gate Charge (nC)
0
2
4
6
8
10
12
VDS= 24V
VDS= 15V
ID= 8.0A
0
5
10
15
20
25
30
QG Total Gate Charge (nC)
0
2
4
6
8
10
12
VDS= 24V
VDS= 15V
ID= 8.0A


Número de pieza similar - IRF7335D1PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7335D1 IRF-IRF7335D1 Datasheet
216Kb / 12P
   Dual FETKY CO-PACKAGED DUAL MOSFET PLUS SCHOTTKY DIODE
More results

Descripción similar - IRF7335D1PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7335D1 IRF-IRF7335D1 Datasheet
216Kb / 12P
   Dual FETKY CO-PACKAGED DUAL MOSFET PLUS SCHOTTKY DIODE
IRF7901D1 IRF-IRF7901D1 Datasheet
256Kb / 8P
   Dual FETKY??Co-Packaged Dual MOSFET Plus Schottky Diode
IRF7321D2PBF IRF-IRF7321D2PBF Datasheet
208Kb / 8P
   FETKY MOSFET & Schottky Diode
IRF7326D2 IRF-IRF7326D2 Datasheet
116Kb / 8P
   FETKY MOSFET / Schottky Diode
IRF7807D2PBF IRF-IRF7807D2PBF Datasheet
107Kb / 8P
   FETKY??MOSFET / SCHOTTKY DIODE
IRF7342D2PBF IRF-IRF7342D2PBF Datasheet
200Kb / 11P
   FETKY MOSFET & Schottky Diode
IRF7807VD1 IRF-IRF7807VD1 Datasheet
117Kb / 9P
   FETKY??MOSFET / SCHOTTKY DIODE
IRF7353D2 IRF-IRF7353D2 Datasheet
128Kb / 8P
   FETKY MOSFET / Schottky Diode
IRF7807VD2PBF IRF-IRF7807VD2PBF Datasheet
138Kb / 9P
   FETKY MOSFET / SCHOTTKY DIODE
IRF7807VD2 IRF-IRF7807VD2 Datasheet
115Kb / 9P
   FETKY??MOSFET / SCHOTTKY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com