Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME5104ACDV330Z Datasheet(PDF) 7 Page - Analog Microelectronics

No. de pieza AME5104ACDV330Z
Descripción Electrónicos  DC/DC Buck Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5104ACDV330Z Datasheet(HTML) 7 Page - Analog Microelectronics

Back Button AME5104ACDV330Z Datasheet HTML 3Page - Analog Microelectronics AME5104ACDV330Z Datasheet HTML 4Page - Analog Microelectronics AME5104ACDV330Z Datasheet HTML 5Page - Analog Microelectronics AME5104ACDV330Z Datasheet HTML 6Page - Analog Microelectronics AME5104ACDV330Z Datasheet HTML 7Page - Analog Microelectronics AME5104ACDV330Z Datasheet HTML 8Page - Analog Microelectronics AME5104ACDV330Z Datasheet HTML 9Page - Analog Microelectronics AME5104ACDV330Z Datasheet HTML 10Page - Analog Microelectronics AME5104ACDV330Z Datasheet HTML 11Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AME, Inc.
7
AME5104
150KHz,3A PWM
DC/DC Buck Converter
Rev.C.02
n Electrical Specifications
Unless otherwise specified, V
IN=12V for the 3.3V, 5V, and adjustable version and VIN=24V for the 12V version,
I
LOAD=500mA
Parameter
Symbol
Min
Typ
Max
Units
TJ=25
OC
3.168
3.342
TA=0
OC to 70OC
3.135
3.465
TJ=25
OC
4.800
5.200
TA=0
OC to 70OC
4.750
5.250
TJ=25
OC
11.52
12.48
TA=0
OC to 70OC
11.40
12.60
TJ=25
OC
1.290
TA=0
OC to 70OC
1.310
73
80
90
77
TJ=25
OC
50
TA=0
OC to 70OC
100
TJ=25
OC
127
173
TA=0
OC to 70OC
110
173
TJ=25
OC
1.4
TA=0
OC to 70OC
1.5
Max. Duty Cycle (ON)
Dmax
100
Min. Duty Cycle (OFF)
Dmin
0
TJ=25
OC
5.5
TA=0
OC to 70OC
6.5
Output Leakage Current
IL
50
µA
Quiescent Current
IQ
5
10
mA
Test Condition
Efficiency
η
VOUT=3.3V
VIN=12V,ILOAD=3A
VOUT=5V
VIN=12V,ILOAD=3A
VOUT=3.3V
4.75V
≤V
IN≤36V, 0.2A≤ILOAD ≤3A
Output Voltage
VOUT
IOUT=2A
(Note2,3)
(Note 4)
(Note 4)
nA
KHz
V
1.3
150
%
Output=0V
(Note 2,4)
Adjustable Version Only,
VFB=1.3V
VOUT=12V
VIN=25V,ILOAD=3A
VOUT=5V
VIN=12V,ILOAD=3A
%
Feedback Trip Point
VFB
Feedback Bias Current
IFB
10
1.193
3.3
VOUT=5V
7V
≤V
IN≤36V, 0.2A≤ILOAD≤3A
5.0
VOUT=12V
15V
≤V
IN≤36V, 0.2A≤ILOAD≤3A
12.0
1.23
VOUT programmed for 5V
8V
≤V
IN≤36V, 0.2A≤ILOAD≤3A
(Note 1)
Current Limit
ICL
Peak Current
(Note2,3)
VSAT
Oscillator Frequency
FOSC
Saturation Voltage
(Note 3)
V
A
4.5
3.6


Número de pieza similar - AME5104ACDV330Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME5106 AME-AME5106 Datasheet
213Kb / 12P
   PWM Control 2A Buck Converter
AME5106AIHAADJZ AME-AME5106AIHAADJZ Datasheet
213Kb / 12P
   PWM Control 2A Buck Converter
AME5107 AME-AME5107 Datasheet
205Kb / 12P
   PWM Control 3A Buck Converter
AME51071IHAADJZ AME-AME51071IHAADJZ Datasheet
205Kb / 12P
   PWM Control 3A Buck Converter
AME51072IHAADJZ AME-AME51072IHAADJZ Datasheet
205Kb / 12P
   PWM Control 3A Buck Converter
More results

Descripción similar - AME5104ACDV330Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bookly Micro electronic
NCM0450HV BOOKLY-NCM0450HV Datasheet
921Kb / 6P
   DC-DC BUCK CONVERTER
logo
STMicroelectronics
STBB1XX STMICROELECTRONICS-STBB1XX Datasheet
1Mb / 20P
   Buck-boost DC-DC converter
February 2009 Rev 1
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
   Buck-Boost DC-DC converter
logo
Diodes Incorporated
AP3502F DIODES-AP3502F Datasheet
519Kb / 11P
   SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Toshiba Semiconductor
TCV7104FN TOSHIBA-TCV7104FN Datasheet
279Kb / 16P
   Buck DC-DC Converter IC
TB7106F TOSHIBA-TB7106F Datasheet
491Kb / 16P
   Buck DC-DC Converter IC
TCV7107F TOSHIBA-TCV7107F Datasheet
559Kb / 17P
   Buck DC-DC Converter IC
TCV7113F TOSHIBA-TCV7113F Datasheet
470Kb / 17P
   Buck DC-DC Converter IC
TB7101AF TOSHIBA-TB7101AF Datasheet
280Kb / 22P
   Buck DC-DC Converter IC
TCV7100AF TOSHIBA-TCV7100AF Datasheet
476Kb / 17P
   Buck DC-DC Converter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com