Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME5104ACDV12AZ Datasheet(PDF) 10 Page - Analog Microelectronics

No. de pieza AME5104ACDV12AZ
Descripción Electrónicos  DC/DC Buck Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5104ACDV12AZ Datasheet(HTML) 10 Page - Analog Microelectronics

Back Button AME5104ACDV12AZ Datasheet HTML 4Page - Analog Microelectronics AME5104ACDV12AZ Datasheet HTML 5Page - Analog Microelectronics AME5104ACDV12AZ Datasheet HTML 6Page - Analog Microelectronics AME5104ACDV12AZ Datasheet HTML 7Page - Analog Microelectronics AME5104ACDV12AZ Datasheet HTML 8Page - Analog Microelectronics AME5104ACDV12AZ Datasheet HTML 9Page - Analog Microelectronics AME5104ACDV12AZ Datasheet HTML 10Page - Analog Microelectronics AME5104ACDV12AZ Datasheet HTML 11Page - Analog Microelectronics AME5104ACDV12AZ Datasheet HTML 12Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AME, Inc.
10
150KHz,3A PWM
DC/DC Buck Converter
AME5104
Rev.C.02
V
FB vs. Temperature
Frequency vs V
IN
1.19
1.20
1.21
1.22
1.23
1.24
1.25
1.26
1.27
1.28
-40
-25
0
25
75
125
Temperature(℃)
VIN=12V
I LOAD=0. 5A
VOUT=5V
127
131
135
139
143
147
151
155
159
163
167
171
10
20
30
40
VIN(V)
ILOAD=0.5A
VOUT =5V
n Characterization Curve


Número de pieza similar - AME5104ACDV12AZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME5106 AME-AME5106 Datasheet
213Kb / 12P
   PWM Control 2A Buck Converter
AME5106AIHAADJZ AME-AME5106AIHAADJZ Datasheet
213Kb / 12P
   PWM Control 2A Buck Converter
AME5107 AME-AME5107 Datasheet
205Kb / 12P
   PWM Control 3A Buck Converter
AME51071IHAADJZ AME-AME51071IHAADJZ Datasheet
205Kb / 12P
   PWM Control 3A Buck Converter
AME51072IHAADJZ AME-AME51072IHAADJZ Datasheet
205Kb / 12P
   PWM Control 3A Buck Converter
More results

Descripción similar - AME5104ACDV12AZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bookly Micro electronic
NCM0450HV BOOKLY-NCM0450HV Datasheet
921Kb / 6P
   DC-DC BUCK CONVERTER
logo
STMicroelectronics
STBB1XX STMICROELECTRONICS-STBB1XX Datasheet
1Mb / 20P
   Buck-boost DC-DC converter
February 2009 Rev 1
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
   Buck-Boost DC-DC converter
logo
Diodes Incorporated
AP3502F DIODES-AP3502F Datasheet
519Kb / 11P
   SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Toshiba Semiconductor
TCV7104FN TOSHIBA-TCV7104FN Datasheet
279Kb / 16P
   Buck DC-DC Converter IC
TB7106F TOSHIBA-TB7106F Datasheet
491Kb / 16P
   Buck DC-DC Converter IC
TCV7107F TOSHIBA-TCV7107F Datasheet
559Kb / 17P
   Buck DC-DC Converter IC
TCV7113F TOSHIBA-TCV7113F Datasheet
470Kb / 17P
   Buck DC-DC Converter IC
TB7101AF TOSHIBA-TB7101AF Datasheet
280Kb / 22P
   Buck DC-DC Converter IC
TCV7100AF TOSHIBA-TCV7100AF Datasheet
476Kb / 17P
   Buck DC-DC Converter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com